Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74HC3GU04DP Datasheet(PDF) 4 Page - NXP Semiconductors

Part # 74HC3GU04DP
Description  Inverter
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74HC3GU04DP Datasheet(HTML) 4 Page - NXP Semiconductors

  74HC3GU04DP Datasheet HTML 1Page - NXP Semiconductors 74HC3GU04DP Datasheet HTML 2Page - NXP Semiconductors 74HC3GU04DP Datasheet HTML 3Page - NXP Semiconductors 74HC3GU04DP Datasheet HTML 4Page - NXP Semiconductors 74HC3GU04DP Datasheet HTML 5Page - NXP Semiconductors 74HC3GU04DP Datasheet HTML 6Page - NXP Semiconductors 74HC3GU04DP Datasheet HTML 7Page - NXP Semiconductors 74HC3GU04DP Datasheet HTML 8Page - NXP Semiconductors 74HC3GU04DP Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
74HC3GU04_4
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 04 — 11 January 2010
4 of 16
NXP Semiconductors
74HC3GU04
Inverter
10. Static characteristics
[1]
All typical values are measured at Tamb = 25 °C.
11. Dynamic characteristics
Table 7.
Static characteristics
Voltages are referenced to GND (ground = 0 V).
Symbol
Parameter
Conditions
−40 °C to +85 °C
−40 °C to +125 °C
Unit
Min
Typ[1]
Max
Min
Max
VIH
HIGH-level input
voltage
VCC = 2.0 V
1.7
1.1
-
1.7
-
V
VCC = 4.5 V
3.6
2.4
-
3.6
-
V
VCC = 6.0 V
4.8
3.1
-
4.8
-
V
VIL
LOW-level input
voltage
VCC = 2.0 V
-
0.9
0.3
-
0.3
V
VCC = 4.5 V
-
2.1
0.9
-
0.9
V
VCC = 6.0 V
-
2.9
1.2
-
1.2
V
VOH
HIGH-level output
voltage
VI = VIH or VIL
IO = −20 μA; VCC = 2.0 V
1.9
2.0
-
1.9
-
V
IO = −20 μA; VCC = 4.5 V
4.4
4.5
-
4.4
-
V
IO = −20 μA; VCC = 6.0 V
5.9
6.0
-
5.9
-
V
IO = −4.0 mA; VCC = 4.5 V
4.13
4.32
-
3.7
-
V
IO = −5.2 mA; VCC = 6.0 V
5.63
5.81
-
5.2
-
V
VOL
LOW-level output
voltage
VI = VIH or VIL
IO = 20 μA; VCC = 2.0 V
-
0
0.1
-
0.1
V
IO = 20 μA; VCC = 4.5 V
-
0
0.1
-
0.1
V
IO = 20 μA; VCC = 6.0 V
-
0
0.1
-
0.1
V
IO = 4.0 mA; VCC = 4.5 V
-
0.15
0.33
-
0.4
V
IO = 5.2 mA; VCC = 6.0 V
-
0.16
0.33
-
0.4
V
II
input leakage current
VI = VCC or GND; VCC = 6.0 V
-
-
±1.0
-
±1.0
μA
ICC
supply current
per input pin; VI = VCC or GND;
IO = 0 A; VCC = 6.0 V
-
-
10
-
20
μA
CI
input capacitance
-
3.0
-
-
-
pF
Table 8.
Dynamic characteristics
Voltages are referenced to GND (ground = 0 V); for test circuit see Figure 6.
Symbol Parameter
Conditions
−40 °C to +85 °C
−40 °C to +125 °C Unit
Min
Typ[1]
Max
Min
Max
tpd
propagation delay nA to nY; see Figure 5
[2]
VCC = 2.0 V
-
13
75
-
90
ns
VCC = 4.5 V
-
6
15
-
18
ns
VCC = 6.0 V
-
5
13
-
15
ns


Similar Part No. - 74HC3GU04DP

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74HC3GU04DP NEXPERIA-74HC3GU04DP Datasheet
238Kb / 14P
   Triple unbuffered inverter
Rev. 6 - 29 January 2019
74HC3GU04DP-Q100 NEXPERIA-74HC3GU04DP-Q100 Datasheet
239Kb / 14P
   Triple unbuffered inverter
More results

Similar Description - 74HC3GU04DP

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC1GU04 PHILIPS-74LVC1GU04 Datasheet
96Kb / 15P
   Inverter
2004 Sep 21
logo
Sumida Corporation
CIUH7D45 SUMIDA-CIUH7D45 Datasheet
160Kb / 1P
   INVERTER
logo
Toshiba Semiconductor
TC7S04FTE85LF TOSHIBA-TC7S04FTE85LF Datasheet
183Kb / 7P
   Inverter
logo
Unisonic Technologies
U74AHCT3G04 UTC-U74AHCT3G04 Datasheet
193Kb / 5P
   INVERTER
logo
NXP Semiconductors
74HC3G04 NXP-74HC3G04 Datasheet
91Kb / 13P
   Inverter
Rev. 03-2 July 2008
logo
Toshiba Semiconductor
TC7SZ04AFE TOSHIBA-TC7SZ04AFE_07 Datasheet
153Kb / 5P
   Inverter
TC7SU04F TOSHIBA-TC7SU04F_01 Datasheet
225Kb / 6P
   INVERTER
TC7S04F TOSHIBA-TC7S04F_01 Datasheet
229Kb / 6P
   INVERTER
TC7SZ04AFS TOSHIBA-TC7SZ04AFS Datasheet
166Kb / 6P
   INVERTER
logo
Renesas Technology Corp
RJP65D05DWA RENESAS-RJP65D05DWA Datasheet
157Kb / 4P
   Inverter
RJP65M04DWA RENESAS-RJP65M04DWA_15 Datasheet
147Kb / 4P
   Inverter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com