Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HAL516UA-A Datasheet(PDF) 7 Page - Micronas

Part # HAL516UA-A
Description  Hall-Effect Sensor Family
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

HAL516UA-A Datasheet(HTML) 7 Page - Micronas

Back Button HAL516UA-A Datasheet HTML 3Page - Micronas HAL516UA-A Datasheet HTML 4Page - Micronas HAL516UA-A Datasheet HTML 5Page - Micronas HAL516UA-A Datasheet HTML 6Page - Micronas HAL516UA-A Datasheet HTML 7Page - Micronas HAL516UA-A Datasheet HTML 8Page - Micronas HAL516UA-A Datasheet HTML 9Page - Micronas HAL516UA-A Datasheet HTML 10Page - Micronas HAL516UA-A Datasheet HTML 11Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 48 page
background image
DATA SHEET
HAL 5xy
Micronas
Jan. 11. 2010; DSH000020_004EN
7
2. Functional Description
The HAL 5xx sensors are monolithic integrated circuits
which switch in response to magnetic fields. If a mag-
netic field with flux lines perpendicular to the sensitive
area is applied to the sensor, the biased Hall plate
forces a Hall voltage proportional to this field. The Hall
voltage is compared with the actual threshold level in
the comparator. The temperature-dependent bias
increases the supply voltage of the Hall plates and
adjusts the switching points to the decreasing induc-
tion of magnets at higher temperatures. If the magnetic
field exceeds the threshold levels, the open drain out-
put switches to the appropriate state. The built-in hys-
teresis eliminates oscillation and provides switching
behavior of output without bouncing.
Magnetic offset caused by mechanical stress is com-
pensated for by using the “switching offset compensa-
tion technique”. Thus, an internal oscillator provides a
two-phase clock. The Hall voltage is sampled at the
end of the first phase. At the end of the second phase,
both sampled and actual Hall voltages are averaged
and compared with the actual switching point. Subse-
quently, the open drain output switches to the appropri-
ate state. The time from crossing the magnetic switch-
ing level to switching of output can vary between zero
and 1/fosc.
Shunt protection devices clamp voltage peaks at the
output pin and VDD pin together with external series
resistors. Reverse current is limited at the VDD pin by
an internal series resistor up to
−15 V. No external
reverse protection diode is needed at the VDD pin for
reverse voltages ranging from 0 V to
−15 V.
Fig. 2–1: HAL 5xx block diagram
Fig. 2–2: Timing diagram
HAL 5xx
Temperature
Dependent
Bias
Switch
Hysteresis
Control
Comparator
Output
VDD
1
OUT
3
Clock
Hall Plate
GND
2
HAL 5xy
Short Circuit &
Overvoltage
Protection
Reverse
Voltage &
Overvoltage
Protection
t
VOL
VOUT
1/fosc = 16 μs
VOH
B
BON
fosc
t
t
tf
t
IDD
t


Similar Part No. - HAL516UA-A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HAL516 ETC-HAL516 Datasheet
315Kb / 44P
   Hall Effect Sensor Family
logo
Micronas
HAL516 MICRONAS-HAL516 Datasheet
144Kb / 2P
   Multipurpose Hall-Effect Sensor Family
HAL516 MICRONAS-HAL516 Datasheet
1Mb / 48P
   Hall-Effect Sensor Family
Edition April 15, 2010
logo
List of Unclassifed Man...
HAL516A ETC-HAL516A Datasheet
315Kb / 44P
   Hall Effect Sensor Family
HAL516E ETC-HAL516E Datasheet
315Kb / 44P
   Hall Effect Sensor Family
More results

Similar Description - HAL516UA-A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HAL506 ETC-HAL506 Datasheet
315Kb / 44P
   Hall Effect Sensor Family
logo
Micronas
HAL11X MICRONAS-HAL11X Datasheet
147Kb / 17P
   Hall Effect Sensor Family
HAL54X MICRONAS-HAL54X Datasheet
1Mb / 28P
   Hall-Effect Sensor Family
HAL2XY MICRONAS-HAL2XY Datasheet
1Mb / 17P
   Hall-Effect Sensor Family
HAL501_1004 MICRONAS-HAL501_1004 Datasheet
1Mb / 48P
   Hall-Effect Sensor Family
HAL5XY MICRONAS-HAL5XY_V01 Datasheet
1Mb / 48P
   Hall-Effect Sensor Family
Edition April 15, 2010
HAL5XY MICRONAS-HAL5XY Datasheet
144Kb / 2P
   Multipurpose Hall-Effect Sensor Family
HAL182Y MICRONAS-HAL182Y Datasheet
168Kb / 2P
   Linear Hall-Effect Sensor Family
logo
List of Unclassifed Man...
HAL571 ETC-HAL571 Datasheet
185Kb / 20P
   Two-Wire Hall Effect Sensor Family
logo
Micronas
HAL556 MICRONAS-HAL556_1 Datasheet
944Kb / 26P
   Two-Wire Hall-Effect Sensor Family
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com