Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZMR25HF Datasheet(PDF) 6 Page - Zetex Semiconductors

Part # ZMR25HF
Description  FIXED 2.5 AND 5 VOLT MINIATURE VOLTAGE REGULATORS
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

ZMR25HF Datasheet(HTML) 6 Page - Zetex Semiconductors

Back Button ZMR25HF Datasheet HTML 2Page - Zetex Semiconductors ZMR25HF Datasheet HTML 3Page - Zetex Semiconductors ZMR25HF Datasheet HTML 4Page - Zetex Semiconductors ZMR25HF Datasheet HTML 5Page - Zetex Semiconductors ZMR25HF Datasheet HTML 6Page - Zetex Semiconductors ZMR25HF Datasheet HTML 7Page - Zetex Semiconductors ZMR25HF Datasheet HTML 8Page - Zetex Semiconductors ZMR25HF Datasheet HTML 9Page - Zetex Semiconductors ZMR25HF Datasheet HTML 10Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
-50
-25
0
25
50
75 100 125
-50 -25
0
25
50
75 100 125
2.5
2.0
1.5
1.0
0.5
0
Drop-Out Voltage v Temperature
Quiescent Current v Temperature
-50
-25
0
25
50
75 100 125
Temperature (°C)
Output Voltage Temperature
0
20
40
2
46
8
10 12
14
16
18
20
60
10
30
50
Input Voltage (V)
Quiescent Current v Voltage
28
0.1
1
10
100
27
29
47
48
49
50
30
75
Quiescent Current v Temperature
-50 -25
26
28
025
50
32
30
34
125
100
40
44
48
52
56
60
Output Current
Temperature (°C)
Temperature (°C)
Temperature (°C)
5.00
5.02
4.98
4.96
2.50
2.48
2.46
2.52
ZMR50H
ZMR25H
Quiescent Current v Output Current
Io=5mA
Vin=Vo+4
Io=5mA
Vin=Vo+4
Io=10mA
Io=0
Vin=Vo+4
Io=0
Vin=Vo+4
Io=0
Vin=Vo+4
Io=0
Vin=Vo+4
Io=10mA
TYPICAL CHARACTERISTICS
ZMR25H
ZMR50H
ZMR25H
ZMR50H
ZMR25H
ZMR25H
ZMR50H
ZMR50H
ZMR SERIES
4-109


Similar Part No. - ZMR25HF

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZMR25HFTA ZETEX-ZMR25HFTA Datasheet
245Kb / 12P
   Fixed 2.5, 3.3 and 5 volt miniature voltage regulators
ZMR25HFTA ZETEX-ZMR25HFTA Datasheet
252Kb / 12P
   Fixed 2.5, 3.3 and 5 volt miniature voltage regulators
logo
Diodes Incorporated
ZMR25HFTA DIODES-ZMR25HFTA Datasheet
187Kb / 7P
   FIXED 2.5, 3.3 AND 5 VOLT MINIATURE VOLTAGE REGULATORS
More results

Similar Description - ZMR25HF

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZMR DIODES-ZMR Datasheet
187Kb / 7P
   FIXED 2.5, 3.3 AND 5 VOLT MINIATURE VOLTAGE REGULATORS
ZMR250 DIODES-ZMR250 Datasheet
107Kb / 11P
   FIXED 2.5, 3.3 AND 5 VOLT MINIATURE VOLTAGE REGULATORS
logo
Zetex Semiconductors
ZMR ZETEX-ZMR_07 Datasheet
245Kb / 12P
   Fixed 2.5, 3.3 and 5 volt miniature voltage regulators
ZMR ZETEX-ZMR_08 Datasheet
252Kb / 12P
   Fixed 2.5, 3.3 and 5 volt miniature voltage regulators
logo
Microsemi Corporation
SG109 MICROSEMI-SG109_1 Datasheet
261Kb / 3P
   5 -VOLT FIXED VOLTAGE REGULATORS
SG109 MICROSEMI-SG109 Datasheet
50Kb / 3P
   5 -VOLT FIXED VOLTAGE REGULATORS
logo
Diodes Incorporated
ZTR250 DIODES-ZTR250 Datasheet
90Kb / 6P
   FIXED 2.5 AND 5 VOLT 3-TERMINAL VOLTAGE REFERENCES
logo
Zetex Semiconductors
ZTR250 ZETEX-ZTR250 Datasheet
98Kb / 6P
   FIXED 2.5 AND 5 VOLT 3-TERMINAL VOLTAGE REFERENCES
logo
Fairchild Semiconductor
UA78H05A FAIRCHILD-UA78H05A Datasheet
295Kb / 4P
   5-Volt 5-Amp Voltage Regulators
logo
DATEL, Inc.
LBR-123 DATEL-LBR-123 Datasheet
384Kb / 3P
   5 Volt Positive Fixed Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com