Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HAL880 Datasheet(PDF) 1 Page - Micronas

Part # HAL880
Description  Programmable Linear Hall-Effect Sensor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

HAL880 Datasheet(HTML) 1 Page - Micronas

  HAL880_1 Datasheet HTML 1Page - Micronas HAL880_1 Datasheet HTML 2Page - Micronas  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
HAL 880
Sept/2008
PRODUCT INFORMATION
HAL
® 880
Programmable Linear Hall-Effect Sensor
The HAL 880 complements the existing
Hall-effect sensor family HAL 8xy to the
lower end. It is designed to fulfil the require-
ments of today’s state-of-the-art applica-
tions for linear and angular measurements
that require programmability to compensate
system tolerances.
Due to its good drift performance and pro-
grammability, the sensor can easily replace
non-programmable, standard linear sensors
in a wide variety of applications. Due to its
programmability, it also offers the additional
advantage of compensation of system toler-
ances. This is mandatory for applications
like accelerator pedal sensing, current mea-
surement, bending light, or head light
adjustment.
The sensor provides a linear, ratiometric
analog output signal with implemented wire-
break detection working with pull-up or pull-
down resistor.
Major characteristics
like
magnetic-field
range, sensitivity, VOQ (output voltage at
zero magnetic field), and the temperature
coefficients can easily be adjusted to the
magnetic circuit (linear and quadratic) by
programming the non-volatile memory.
The HAL 880 is available in the very small
leaded package TO92UT.
Main Features
V Sensitivity drift over temperature less
than
±6%
V Offset drift over temperature less than
±15 μT/K
V Integral non-linearity error of output
signal
±1% of V
DD
V Ratiometric error of output signal ±1%
V Low output noise of 25 mV peak-peak
V Wire-break detection with 5 kΩ pull-up or
pull-down resistor
V Four programmable magnetic ranges:
±30, ±60, ±80, and ±100 mT
V Two programmable 3 dB filter frequen-
cies: 500 Hz and 1 kHz
V Programmable sensitivity and offset
(VOQ)
V 12-bit ratiometric analog output
V Digital signal processing
V Temperature characteristics programma-
ble to match all common magnetic mate-
rials
V 13 customer data bits
V Programming by modulation of the
supply voltage
V Operates from –40 °C up to 140 °C
junction temperature
V Operates from 4.5 V up to 5.5 V supply
voltage
V Magnetic characteristics extremely
robust against mechanical stress
Major Applications
V Due to the sensor’s versatile program-
ming characteristics, the HAL 880 is the
optimal system solution for applications
such as:
– Contactless potentiometers
– Rotary position measurement
– Linear movement
– Current measurements


Similar Part No. - HAL880_1

ManufacturerPart #DatasheetDescription
logo
Micronas
HAL880UT-K MICRONAS-HAL880UT-K Datasheet
1Mb / 34P
   Programmable Linear Hall-Effect Sensor
More results

Similar Description - HAL880_1

ManufacturerPart #DatasheetDescription
logo
Micronas
HAL805 MICRONAS-HAL805 Datasheet
373Kb / 24P
   Programmable Linear Hall Effect Sensor
HAL817 MICRONAS-HAL817 Datasheet
839Kb / 30P
   Programmable Linear Hall-Effect Sensor
logo
Melexis Microelectronic...
MLX90251 MELEXIS-MLX90251 Datasheet
472Kb / 22P
   Programmable Linear Hall Effect Sensor
logo
Micronas
HAL805-1 MICRONAS-HAL805-1 Datasheet
916Kb / 30P
   Programmable Linear Hall-Effect Sensor
HAL810 MICRONAS-HAL810 Datasheet
1Mb / 30P
   Programmable Linear Hall-Effect Sensor
HAL815 MICRONAS-HAL815_1 Datasheet
912Kb / 30P
   Programmable Linear Hall-Effect Sensor
HAL1820UA-A MICRONAS-HAL1820UA-A Datasheet
414Kb / 25P
   Programmable Linear Hall Effect Sensor
HAL800 MICRONAS-HAL800 Datasheet
347Kb / 24P
   Programmable Linear Hall Effect Sensor
HAL880 MICRONAS-HAL880 Datasheet
1Mb / 34P
   Programmable Linear Hall-Effect Sensor
logo
Melexis Microelectronic...
MLX90251 MELEXIS-MLX90251_12 Datasheet
414Kb / 20P
   Programmable Linear Hall Effect Sensor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com