Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HAL805UT-A Datasheet(PDF) 4 Page - Micronas

Part # HAL805UT-A
Description  Programmable Linear Hall-Effect Sensor
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

HAL805UT-A Datasheet(HTML) 4 Page - Micronas

  HAL805UT-A Datasheet HTML 1Page - Micronas HAL805UT-A Datasheet HTML 2Page - Micronas HAL805UT-A Datasheet HTML 3Page - Micronas HAL805UT-A Datasheet HTML 4Page - Micronas HAL805UT-A Datasheet HTML 5Page - Micronas HAL805UT-A Datasheet HTML 6Page - Micronas HAL805UT-A Datasheet HTML 7Page - Micronas HAL805UT-A Datasheet HTML 8Page - Micronas HAL805UT-A Datasheet HTML 9Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 30 page
background image
HAL 805
DATA SHEET
4
Feb. 14, 2006; 6251-513-3DS
Micronas
Programmable Linear Hall Effect Sensor
Release Note: Revision bars indicate significant
changes to the previous edition.
1. Introduction
The HAL805 is a recent member of the Micronas fam-
ily of programmable linear Hall sensors. It offers open-
circuit detection and individual programming of differ-
ent sensors which are in parallel to the same supply
voltage.
The HAL805 is an universal magnetic field sensor with
a linear output based on the Hall effect. The IC is
designed and produced in sub-micron CMOS technol-
ogy and can be used for angle or distance measure-
ments if combined with a rotating or moving magnet.
The major characteristics like magnetic field range,
sensitivity, output quiescent voltage (output voltage at
B = 0 mT), and output voltage range are programma-
ble in a non-volatile memory. The sensor has a ratio-
metric output characteristic, which means that the out-
put voltage is proportional to the magnetic flux and the
supply voltage.
The HAL 805 features a temperature-compensated
Hall plate with choppered offset compensation, an A/D
converter, digital signal processing, a D/A converter
with output driver, an EEPROM memory with redun-
dancy and lock function for the calibration data, a
serial interface for programming the EEPROM, and
protection devices at all pins. The internal digital signal
processing is of great benefit because analog offsets,
temperature shifts, and mechanical stress do not
degrade the sensor accuracy.
The HAL805 is programmable by modulating the sup-
ply voltage. No additional programming pin is needed.
The easy programmability allows a 2-point calibration
by adjusting the output voltage directly to the input sig-
nal (like mechanical angle, distance, or current). Indi-
vidual adjustment of each sensor during the cus-
tomer’s manufacturing process is possible. With this
calibration procedure, the tolerances of the sensor, the
magnet, and the mechanical positioning can be com-
pensated in the final assembly. This offers a low-cost
alternative for all applications that presently need
mechanical adjustment or laser trimming for calibrating
the system.
In addition, the temperature compensation of the Hall
IC can be fit to all common magnetic materials by pro-
gramming first and second order temperature coeffi-
cients of the Hall sensor sensitivity. This enables oper-
ation over the full temperature range with high
accuracy.
The calculation of the individual sensor characteristics
and the programming of the EEPROM memory can
easily be done with a PC and the application kit from
Micronas.
The sensor is designed for hostile industrial and auto-
motive applications and operates with typically 5 V
supply voltage in the ambient temperature range from
−40 °C up to 150 °C. The HAL805 is available in the
very small leaded packages TO92UT-1 and
TO92UT-2.
1.1. Major Applications
Due to the sensor’s versatile programming character-
istics, the HAL805 is the optimal system solution for
applications such as:
– contactless potentiometers,
– angle sensors,
– distance measurements,
– magnetic field and current measurement.
1.2. Features
– high-precision linear Hall effect sensor with
ratiometric output and digital signal processing
– multiple programmable magnetic characteristics in a
non-volatile memory (EEPROM) with redundancy
and lock function
– open-circuit detection (ground and supply line break
detection)
– for programming an individual sensor within several
sensors in parallel to the same supply voltage, a
selection can be done via the output pin
– temperature characteristics are programmable for
matching all common magnetic materials
– programmable clamping function
– programming through a modulation of the supply
voltage
– operates from
−40 °C up to 150 °C
ambient temperature
– operates from 4.5 V up to 5.5 V supply voltage in
specification and functions up to 8.5 V
– operates with static magnetic fields and dynamic
magnetic fields up to 2 kHz
– overvoltage and reverse-voltage protection at all
pins
– magnetic characteristics extremely robust against
mechanical stress
– short-circuit protected push-pull output
– EMC and ESD optimized design


Similar Part No. - HAL805UT-A

ManufacturerPart #DatasheetDescription
logo
Micronas
HAL805UT-A MICRONAS-HAL805UT-A Datasheet
373Kb / 24P
   Programmable Linear Hall Effect Sensor
More results

Similar Description - HAL805UT-A

ManufacturerPart #DatasheetDescription
logo
Micronas
HAL805 MICRONAS-HAL805 Datasheet
373Kb / 24P
   Programmable Linear Hall Effect Sensor
HAL817 MICRONAS-HAL817 Datasheet
839Kb / 30P
   Programmable Linear Hall-Effect Sensor
logo
Melexis Microelectronic...
MLX90251 MELEXIS-MLX90251 Datasheet
472Kb / 22P
   Programmable Linear Hall Effect Sensor
logo
Micronas
HAL810 MICRONAS-HAL810 Datasheet
1Mb / 30P
   Programmable Linear Hall-Effect Sensor
HAL815 MICRONAS-HAL815_1 Datasheet
912Kb / 30P
   Programmable Linear Hall-Effect Sensor
HAL880 MICRONAS-HAL880_1 Datasheet
131Kb / 2P
   Programmable Linear Hall-Effect Sensor
HAL1820UA-A MICRONAS-HAL1820UA-A Datasheet
414Kb / 25P
   Programmable Linear Hall Effect Sensor
HAL800 MICRONAS-HAL800 Datasheet
347Kb / 24P
   Programmable Linear Hall Effect Sensor
HAL880 MICRONAS-HAL880 Datasheet
1Mb / 34P
   Programmable Linear Hall-Effect Sensor
logo
Melexis Microelectronic...
MLX90251 MELEXIS-MLX90251_12 Datasheet
414Kb / 20P
   Programmable Linear Hall Effect Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com