Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HAL526SF-K Datasheet(PDF) 7 Page - Micronas

Part # HAL526SF-K
Description  Hall-Effect Switches
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

HAL526SF-K Datasheet(HTML) 7 Page - Micronas

Back Button HAL526SF-K Datasheet HTML 3Page - Micronas HAL526SF-K Datasheet HTML 4Page - Micronas HAL526SF-K Datasheet HTML 5Page - Micronas HAL526SF-K Datasheet HTML 6Page - Micronas HAL526SF-K Datasheet HTML 7Page - Micronas HAL526SF-K Datasheet HTML 8Page - Micronas HAL526SF-K Datasheet HTML 9Page - Micronas HAL526SF-K Datasheet HTML 10Page - Micronas HAL526SF-K Datasheet HTML 11Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
DATA SHEET
HAL 525, HAL 526
Micronas
Nov. 30, 2009; DSH000144_003EN
7
3. Specifications
3.1. Outline Dimensions
Fig. 3–1:
SOT89B-1: Plastic Small Outline Transistor package, 4 leads
Ordering code: SF
Weight approximately 0.034 g


Similar Part No. - HAL526SF-K

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HAL523 ETC-HAL523 Datasheet
315Kb / 44P
   Hall Effect Sensor Family
logo
Micronas
HAL523 MICRONAS-HAL523 Datasheet
144Kb / 2P
   Multipurpose Hall-Effect Sensor Family
HAL523 MICRONAS-HAL523 Datasheet
1Mb / 48P
   Hall-Effect Sensor Family
Edition April 15, 2010
logo
List of Unclassifed Man...
HAL523A ETC-HAL523A Datasheet
315Kb / 44P
   Hall Effect Sensor Family
HAL523E ETC-HAL523E Datasheet
315Kb / 44P
   Hall Effect Sensor Family
More results

Similar Description - HAL526SF-K

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
3113 ALLEGRO-3113 Datasheet
408Kb / 8P
   HALL-EFFECT SWITCHES
A3211 ALLEGRO-A3211_16 Datasheet
595Kb / 13P
   Micropower, Ultrasensitive Hall-Effect Switches
3209 ALLEGRO-3209 Datasheet
224Kb / 12P
   MICROPOWER, ULTRA-SENSITIVE HALL-EFFECT SWITCHES
A3245 ALLEGRO-A3245 Datasheet
392Kb / 12P
   Chopper-Stabilized Omnipolar Hall-Effect Switches
A1120 ALLEGRO-A1120 Datasheet
237Kb / 9P
   Chopper Stabilized Precision Hall Effect Switches
3132 ALLEGRO-3132 Datasheet
163Kb / 8P
   ULTRA-SENSITIVE BIPOLAR HALL-EFFECT SWITCHES
A1121 ALLEGRO-A1121 Datasheet
312Kb / 13P
   Chopper Stabilized Precision Hall Effect Switches
A3211 ALLEGRO-A3211 Datasheet
376Kb / 13P
   Micropower, Ultra-sensitive Hall-effect Switches
May 29, 2012
A3213 ALLEGRO-A3213 Datasheet
326Kb / 11P
   Micropower Ultra-Sensitive Hall-Effect Switches
A1120 ALLEGRO-A1120_16 Datasheet
886Kb / 18P
   Chopper-Stabilized Precision Hall-Effect Switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com