Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HAL825UT-A Datasheet(PDF) 8 Page - Micronas

Part # HAL825UT-A
Description  High-Precision Programmable Linear Hall-Effect Sensor Family
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

HAL825UT-A Datasheet(HTML) 8 Page - Micronas

Back Button HAL825UT-A Datasheet HTML 4Page - Micronas HAL825UT-A Datasheet HTML 5Page - Micronas HAL825UT-A Datasheet HTML 6Page - Micronas HAL825UT-A Datasheet HTML 7Page - Micronas HAL825UT-A Datasheet HTML 8Page - Micronas HAL825UT-A Datasheet HTML 9Page - Micronas HAL825UT-A Datasheet HTML 10Page - Micronas HAL825UT-A Datasheet HTML 11Page - Micronas HAL825UT-A Datasheet HTML 12Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 32 page
background image
HAL82x
DATA SHEET
8
Feb. 3, 2009; DSH000143_003EN
Micronas
2.2. Digital Signal Processing and EEPROM
The DSP is the main part of this sensor and performs
the signal conditioning. The parameters for the DSP
are stored in the EEPROM registers. The details are
shown in Fig. 2–3.
Terminology:
SENSITIVITY: name of the register or register value
Sensitivity:
name of the parameter
The EEPROM registers consist of four groups:
Group 1 contains the registers for the adaption of the
sensor to the magnetic system: MODE for selecting
the magnetic field range and filter frequency, TC,
TCSQ and TC-Range for the temperature characteris-
tics of the magnetic sensitivity.
Group 2 contains the registers for defining the output
characteristics: SENSITIVITY, VOQ, CLAMP-LOW,
and CLAMP-HIGH. The output characteristic of the
sensor is defined by these 4 parameters.
– The parameter VOQ (Output Quiescent Voltage) cor-
responds to the output voltage at B = 0 mT.
– The parameter Sensitivity defines the magnetic sen-
sitivity:
– The output voltage can be calculated as:
The output voltage range can be clamped by setting
the registers CLAMP-LOW and CLAMP-HIGH in order
to enable failure detection (such as short-circuits to
VDD or GND and open connections).
Group 3 contains the general purpose register GP. The
GP Register can be used to store customer informa-
tion, like a serial number after manufacturing. Micro-
nas will use this GP REGISTER to store informations
like, Lot number, wafer number, x and y position of the
die on the wafer, etc. This information can be readout
by the customer and stored in it’s on data base or it
can stay in the sensor as is.
Group 4 contains the Micronas registers and LOCK for
the locking of all registers. The Micronas registers are
programmed and locked during production. These reg-
isters are used for oscillator frequency trimming, A/D
converter offset compensation, and several other spe-
cial settings.
An external magnetic field generates a Hall voltage
on the Hall plate. The ADC converts the amplified
positive or negative Hall voltage (operates with mag-
netic north and south poles at the branded side of the
package) to a digital value. The digital signal is fil-
tered in the internal low-pass filter and manipulated
according to the settings stored in the EEPROM. The
digital value after signal processing is readable in the
D/A-READOUT register. Depending on the program-
mable magnetic range of the Hall IC, the operating
range of the A/D converter is from
−30 mT...+30 mT
up to
−100 mT...+100 mT.
During further processing, the digital signal is multi-
plied with the sensitivity factor, added to the quiescent
output voltage and limited according to the clamping
voltage. The result is converted to an analog signal
and stabilized by a push-pull output transistor stage.
The D/A-READOUT at any given magnetic field
depends on the programmed magnetic field range, the
low-pass filter, TC values and CLAMP-LOW and
CLAMP-HIGH. The D/A-READOUT range is min. 0
and max. 16383.
Note: During application design, it should be taken
into consideration that the maximum and mini-
mum D/A-READOUT should not saturate in the
operational range of the specific application.
Range
The RANGE bits are bit 2 and 3 of the MODE register;
they define the magnetic field range of the A/D con-
verter.
Sensitivity
V
Δ
OUT
B
Δ
-----------------
=
V
OUT
Sensitivity
BV
OQ
+
×
Magnetic Field Range
RANGE
−30 mT...30 mT
0
−60 mT...60 mT
1
−80 mT...80 mT
2
−100 mT...100 mT
3


Similar Part No. - HAL825UT-A

ManufacturerPart #DatasheetDescription
logo
Micronas
HAL82X MICRONAS-HAL82X Datasheet
263Kb / 2P
   High-Precision Programmable Hall-Effect Sensors
HAL82x MICRONAS-HAL82x Datasheet
752Kb / 102P
   Programmer Board
HAL82X MICRONAS-HAL82X_1 Datasheet
263Kb / 2P
   High-Precision Programmable Hall-Effect Sensors
More results

Similar Description - HAL825UT-A

ManufacturerPart #DatasheetDescription
logo
Micronas
HAR2425 MICRONAS-HAR2425 Datasheet
404Kb / 33P
   High-Precision Dual-Die Programmable Linear Hall-Effect Sensor Family
HAL1820 MICRONAS-HAL1820 Datasheet
243Kb / 2P
   Programmable Linear Hall-Effect Sensor Family
logo
List of Unclassifed Man...
MLX90215 ETC2-MLX90215 Datasheet
301Kb / 9P
   Precision Programmable Linear Hall Effect Sensor
logo
Melexis Microelectronic...
MLX90215 MELEXIS-MLX90215 Datasheet
676Kb / 10P
   Precision Programmable Linear Hall Effect Sensor
MLX90215 MELEXIS-MLX90215_17 Datasheet
1Mb / 15P
   Precision Programmable Linear Hall Effect Sensor
logo
Allegro MicroSystems
A1356 ALLEGRO-A1356_16 Datasheet
438Kb / 20P
   High Precision Linear Hall-Effect Sensor IC High Precision Linear Hall-Effect Sensor IC
logo
Micronas
HAL182Y MICRONAS-HAL182Y Datasheet
168Kb / 2P
   Linear Hall-Effect Sensor Family
logo
Allegro MicroSystems
A1356 ALLEGRO-A1356 Datasheet
451Kb / 20P
   High Precision Linear Hall-Effect Sensor
logo
Micronas
HAL805 MICRONAS-HAL805 Datasheet
373Kb / 24P
   Programmable Linear Hall Effect Sensor
HAL817 MICRONAS-HAL817 Datasheet
839Kb / 30P
   Programmable Linear Hall-Effect Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com