Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HAL548UA-K Datasheet(PDF) 4 Page - Micronas

Part # HAL548UA-K
Description  Hall-Effect Sensor Family
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

HAL548UA-K Datasheet(HTML) 4 Page - Micronas

  HAL548UA-K Datasheet HTML 1Page - Micronas HAL548UA-K Datasheet HTML 2Page - Micronas HAL548UA-K Datasheet HTML 3Page - Micronas HAL548UA-K Datasheet HTML 4Page - Micronas HAL548UA-K Datasheet HTML 5Page - Micronas HAL548UA-K Datasheet HTML 6Page - Micronas HAL548UA-K Datasheet HTML 7Page - Micronas HAL548UA-K Datasheet HTML 8Page - Micronas HAL548UA-K Datasheet HTML 9Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
HAL54x
DATA SHEET
4
Feb. 12, 2009; DSH000023_003EN
Micronas
Hall-Effect Sensor Family
Release Note: Revision bars indicate significant
changes to the previous edition.
1. Introduction
The HAL 54x family consists of different Hall switches
produced in CMOS technology. All sensors include a
temperature-compensated Hall plate with active offset
compensation, a comparator, and an open-drain out-
put transistor. The comparator compares the actual
magnetic flux through the Hall plate (Hall voltage) with
the fixed reference values (switching points). Accord-
ingly, the output transistor is switched on or off.
In addition to the HAL50x/51x family, the HAL54x fea-
tures a power-on and undervoltage reset.
The sensors of this family differ in the switching behav-
ior and the switching points.
The active offset compensation leads to constant mag-
netic characteristics over supply voltage and tempera-
ture range. In addition, the magnetic parameters are
robust against mechanical stress effects.
The sensors are designed for industrial and automo-
tive applications and operate with supply voltages
from 4.3 V to 24 V in the ambient temperature range
from
−40°C up to 150°C.
All
sensors
are
available
in
the
SMD-package
SOT89B-1 and in the leaded versions TO92UA-1 and
TO92UA-2.
1.1. Features
– switching offset compensation at typically 62 kHz
– operates from 4.3 V to 24 V supply voltage
– overvoltage protection at all pins
– reverse-voltage protection at VDD-pin
– magnetic characteristics are robust against
mechanical stress effects
– short-circuit protected open-drain output by thermal
shut down
– operates with static magnetic fields and dynamic
magnetic fields up to 10 kHz
– constant switching points over a wide supply volt-
age range
– the decrease of magnetic flux density caused by ris-
ing temperature in the sensor system is compen-
sated by a built-in negative temperature coefficient
of the magnetic characteristics
– ideal sensor for applications in extreme automotive
and industrial environments
– EMC corresponding to ISO 7637
1.2. Family Overview
The types differ according to the magnetic flux density
values for the magnetic switching points and the tem-
perature behavior of the magnetic switching points.
Latching Sensors:
The output turns low with the magnetic south pole on
the branded side of the package and turns high with
the magnetic north pole on the branded side. The out-
put does not change if the magnetic field is removed.
For changing the output state, the opposite magnetic
field polarity must be applied.
Unipolar Sensors:
The output turns low with the magnetic south pole on
the branded side of the package and turns high if the
magnetic field is removed. The sensor does not
respond to the magnetic north pole on the branded
side.
Type
Switching
Behavior
Sensitivity
see
Page
542
latching
high
19
543
unipolar
low
21
546
unipolar
high
23
548
unipolar
medium
25


Similar Part No. - HAL548UA-K

ManufacturerPart #DatasheetDescription
logo
LEM
HAL50-S LEM-HAL50-S Datasheet
57Kb / 2P
   Current Transducer HAL 50~600-S
HAL50-S LEM-HAL50-S_12 Datasheet
217Kb / 3P
   Current Transducer
HAL500-S LEM-HAL500-S Datasheet
57Kb / 2P
   Current Transducer HAL 50~600-S
logo
List of Unclassifed Man...
HAL501 ETC-HAL501 Datasheet
315Kb / 44P
   Hall Effect Sensor Family
logo
Micronas
HAL501 MICRONAS-HAL501 Datasheet
144Kb / 2P
   Multipurpose Hall-Effect Sensor Family
More results

Similar Description - HAL548UA-K

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HAL506 ETC-HAL506 Datasheet
315Kb / 44P
   Hall Effect Sensor Family
logo
Micronas
HAL11X MICRONAS-HAL11X Datasheet
147Kb / 17P
   Hall Effect Sensor Family
HAL2XY MICRONAS-HAL2XY Datasheet
1Mb / 17P
   Hall-Effect Sensor Family
HAL501 MICRONAS-HAL501 Datasheet
1Mb / 48P
   Hall-Effect Sensor Family
HAL501_1004 MICRONAS-HAL501_1004 Datasheet
1Mb / 48P
   Hall-Effect Sensor Family
HAL5XY MICRONAS-HAL5XY_V01 Datasheet
1Mb / 48P
   Hall-Effect Sensor Family
Edition April 15, 2010
HAL5XY MICRONAS-HAL5XY Datasheet
144Kb / 2P
   Multipurpose Hall-Effect Sensor Family
HAL182Y MICRONAS-HAL182Y Datasheet
168Kb / 2P
   Linear Hall-Effect Sensor Family
logo
List of Unclassifed Man...
HAL571 ETC-HAL571 Datasheet
185Kb / 20P
   Two-Wire Hall Effect Sensor Family
logo
Micronas
HAL556 MICRONAS-HAL556_1 Datasheet
944Kb / 26P
   Two-Wire Hall-Effect Sensor Family
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com