Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74HCT4067 Datasheet(PDF) 1 Page - NXP Semiconductors

Part # 74HCT4067
Description  16-channel analog multiplexer/demultiplexer
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74HCT4067 Datasheet(HTML) 1 Page - NXP Semiconductors

  74HCT4067 Datasheet HTML 1Page - NXP Semiconductors 74HCT4067 Datasheet HTML 2Page - NXP Semiconductors 74HCT4067 Datasheet HTML 3Page - NXP Semiconductors 74HCT4067 Datasheet HTML 4Page - NXP Semiconductors 74HCT4067 Datasheet HTML 5Page - NXP Semiconductors 74HCT4067 Datasheet HTML 6Page - NXP Semiconductors 74HCT4067 Datasheet HTML 7Page - NXP Semiconductors 74HCT4067 Datasheet HTML 8Page - NXP Semiconductors 74HCT4067 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
1.
General description
The 74HC4067; 74HCT4067 is a high-speed Si-gate CMOS device and is pin compatible
with the HEF4067B. The device is specified in compliance with JEDEC standard no. 7A.
The 74HC4067; 74HCT4067 is a 16-channel analog multiplexer/demultiplexer with four
address inputs (S0 to S3), an active-LOW enable input (E), sixteen independent
inputs/outputs (Y0 to Y15) and a common input/output (Z).
The 74HC4067; 74HCT4067 contains sixteen bidirectional analog switches, each with
one side connected to an independent input/output (Y0 to Y15) and the other side
connected to a common input/output (Z).
With pin E = LOW, one of the sixteen switches is selected by pins S0 to S3 (low
impedance ON-state). All unselected switches are in the high-impedance OFF-state.
With pin E = HIGH, all switches are in the high-impedance OFF-state, independent of pins
S0 to S3.
The analog inputs/outputs (Y0 to Y15, and Z) can swing between VCC as a positive limit
and GND as a negative limit. VCC to GND may not exceed 10 V.
2.
Features
I Low ON resistance:
N 80 Ω (typical) at VCC = 4.5 V
N 70 Ω (typical) at VCC = 6.0 V
N 60 Ω (typical) at VCC = 9.0 V
I Typical ‘break before make’ built-in
3.
Applications
I Analog multiplexing and demultiplexing
I Digital multiplexing and demultiplexing
I Signal gating
74HC4067; 74HCT4067
16-channel analog multiplexer/demultiplexer
Rev. 03 — 15 October 2007
Product data sheet


Similar Part No. - 74HCT4067

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HCT4067 PHILIPS-74HCT4067 Datasheet
129Kb / 15P
   16-channel analog multiplexer/demultiplexer
September 1993
74HCT4067 NXP-74HCT4067 Datasheet
205Kb / 30P
   16-channel analog multiplexer/demultiplexer
Rev. 5-13 December 2011
logo
Nexperia B.V. All right...
74HCT4067 NEXPERIA-74HCT4067 Datasheet
369Kb / 26P
   16-channel analog multiplexer/demultiplexer
74HCT4067-Q100 NEXPERIA-74HCT4067-Q100 Datasheet
351Kb / 25P
   16-channel analog multiplexer/demultiplexer
Rev. 2 - 2 June 2020
logo
NXP Semiconductors
74HCT4067BQ NXP-74HCT4067BQ Datasheet
205Kb / 30P
   16-channel analog multiplexer/demultiplexer
Rev. 5-13 December 2011
More results

Similar Description - 74HCT4067

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC4067 PHILIPS-74HC4067 Datasheet
129Kb / 15P
   16-channel analog multiplexer/demultiplexer
September 1993
HEF4067BT652 PHILIPS-HEF4067BT652 Datasheet
147Kb / 19P
   16-channel analog multiplexer/demultiplexer
Rev. 6-16 November 2011
74LV4067 PHILIPS-74LV4067 Datasheet
190Kb / 20P
   16-channel analog multiplexer/demultiplexer
1998 Jun 23
HEF4067B NXP-HEF4067B Datasheet
147Kb / 19P
   16-channel analog multiplexer/demultiplexer
Rev. 6-16 November 2011
HEF4067B PHILIPS-HEF4067B_15 Datasheet
205Kb / 19P
   16-channel analog multiplexer/demultiplexer
Rev. 7-11 September 2014
logo
Nexperia B.V. All right...
74HC4067-Q100 NEXPERIA-74HC4067-Q100 Datasheet
890Kb / 27P
   16-channel analog multiplexer/demultiplexer
74HCT4067-Q100 NEXPERIA-74HCT4067-Q100 Datasheet
351Kb / 25P
   16-channel analog multiplexer/demultiplexer
Rev. 2 - 2 June 2020
logo
NXP Semiconductors
74HCT4067DB NXP-74HCT4067DB Datasheet
205Kb / 30P
   16-channel analog multiplexer/demultiplexer
Rev. 5-13 December 2011
74HC_HCT4067 PHILIPS-74HC_HCT4067_15 Datasheet
294Kb / 28P
   16-channel analog multiplexer/demultiplexer
Rev. 6-22 May 2015
logo
Nexperia B.V. All right...
HEF4067B-Q100 NEXPERIA-HEF4067B-Q100 Datasheet
786Kb / 17P
   16-channel analog multiplexer/demultiplexer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com