Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74HCT4052D Datasheet(PDF) 6 Page - NXP Semiconductors

Part # 74HCT4052D
Description  Dual 4-channel analog multiplexer/demultiplexer
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74HCT4052D Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button 74HCT4052D Datasheet HTML 2Page - NXP Semiconductors 74HCT4052D Datasheet HTML 3Page - NXP Semiconductors 74HCT4052D Datasheet HTML 4Page - NXP Semiconductors 74HCT4052D Datasheet HTML 5Page - NXP Semiconductors 74HCT4052D Datasheet HTML 6Page - NXP Semiconductors 74HCT4052D Datasheet HTML 7Page - NXP Semiconductors 74HCT4052D Datasheet HTML 8Page - NXP Semiconductors 74HCT4052D Datasheet HTML 9Page - NXP Semiconductors 74HCT4052D Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 27 page
background image
74HC_HCT4052_6
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 06 — 11 January 2010
6 of 27
NXP Semiconductors
74HC4052; 74HCT4052
Dual 4-channel analog multiplexer/demultiplexer
9.
Recommended operating conditions
Table 5.
Recommended operating conditions
Symbol
Parameter
Conditions
74HC4052
74HCT4052
Unit
Min
Typ
Max
Min
Typ
Max
VCC
supply voltage
see Figure 7
and Figure 8
VCC − GND
2.0
5.0
10.0
4.5
5.0
5.5
V
VCC − VEE
2.0
5.0
10.0
2.0
5.0
10.0
V
VI
input voltage
GND
-
VCC
GND
-
VCC
V
VSW
switch voltage
VEE
-
VCC
VEE
-
VCC
V
Tamb
ambient temperature
−40
+25
+125
−40
+25
+125
°C
Δt/ΔV
input transition rise and fall
rate
VCC = 2.0 V
-
1.67
625
-
1.67
139
ns/V
VCC = 4.5 V
-
1.67
139
-
1.67
139
ns/V
VCC = 6.0 V
-
1.67
83
-
1.67
139
ns/V
VCC = 10.0 V
-
1.67
31
-
1.67
139
ns/V
Fig 7.
Guaranteed operating area as a function of the
supply voltages for 74HC4052
Fig 8.
Guaranteed operating area as a function of the
supply voltages for 74HCT4052
mnb044
04
12
12
0
4
8
8
operating area
VCC − VEE (V)
VCC − GND
(V)
mnb045
0
12
6
10
8
2
4
04
12
8
operating area
VCC − VEE (V)
VCC − GND
(V)


Similar Part No. - 74HCT4052D

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HCT4052D PHILIPS-74HCT4052D Datasheet
183Kb / 27P
   Dual 4-channel analog multiplexer, demultiplexer
2004 Nov 11
logo
Toshiba Semiconductor
74HCT4052D TOSHIBA-74HCT4052D Datasheet
298Kb / 15P
   CMOS Digital Integrated Circuits Silicon Monolithic
2020-11-26 Rev.4.0
logo
Nexperia B.V. All right...
74HCT4052D NEXPERIA-74HCT4052D Datasheet
374Kb / 25P
   Dual 4-channel analog multiplexer/demultiplexer
Rev. 14 - 9 February 2023
74HCT4052D-Q100 NEXPERIA-74HCT4052D-Q100 Datasheet
891Kb / 26P
   Dual 4-channel analog multiplexer/demultiplexer
74HCT4052D-Q100 NEXPERIA-74HCT4052D-Q100 Datasheet
340Kb / 25P
   Dual 4-channel analog multiplexer/demultiplexer
Rev. 3 - 27 February 2020
More results

Similar Description - 74HCT4052D

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74LVX4051F TOSHIBA-TC74LVX4051F_08 Datasheet
269Kb / 13P
   8-Channel Analog Multiplexer/Demultiplexer , Dual 4-Channel Analog Multiplexer/Demultiplexer , Triple 2-Channel Analog Multiplexer/Demultiplexer
logo
BCD Semiconductor Manuf...
AZ4052 BCDSEMI-AZ4052 Datasheet
618Kb / 18P
   Dual 4-channel Analog Multiplexer/Demultiplexer
logo
Unisonic Technologies
U74LVX4052 UTC-U74LVX4052 Datasheet
239Kb / 11P
   Dual 4-Channel Analog Multiplexer/Demultiplexer
logo
NXP Semiconductors
74HC4052D652 NXP-74HC4052D652 Datasheet
210Kb / 29P
   Dual 4-channel analog multiplexer/demultiplexer
Rev. 10-19 July 2012
logo
Unisonic Technologies
U74HC4052 UTC-U74HC4052 Datasheet
229Kb / 9P
   DUAL 4-CHANNEL ANALOG MULTIPLEXER, DEMULTIPLEXER
logo
STMicroelectronics
M74HCT4052 STMICROELECTRONICS-M74HCT4052 Datasheet
323Kb / 14P
   DUAL 4-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER
logo
Unisonic Technologies
U74HC4052 UTC-U74HC4052_16 Datasheet
225Kb / 9P
   DUAL 4-CHANNEL ANALOG MULTIPLEXER, DEMULTIPLEXER
logo
NXP Semiconductors
74LV4052 PHILIPS-74LV4052_15 Datasheet
228Kb / 26P
   Dual 4-channel analog multiplexer/demultiplexer
Rev. 4-1 July 2013
logo
Unisonic Technologies
U74HC4052 UTC-U74HC4052_15 Datasheet
229Kb / 9P
   DUAL 4-CHANNEL ANALOG MULTIPLEXER DEMULTIPLEXER
logo
Nexperia B.V. All right...
HEF4052B NEXPERIA-HEF4052B Datasheet
295Kb / 18P
   Dual 4-channel analog multiplexer/demultiplexer
Rev. 11 - 15 December 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com