Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HAL221JQ-K Datasheet(PDF) 8 Page - Micronas

Part # HAL221JQ-K
Description  Hall-Effect Sensor Family
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

HAL221JQ-K Datasheet(HTML) 8 Page - Micronas

Back Button HAL221JQ-K Datasheet HTML 4Page - Micronas HAL221JQ-K Datasheet HTML 5Page - Micronas HAL221JQ-K Datasheet HTML 6Page - Micronas HAL221JQ-K Datasheet HTML 7Page - Micronas HAL221JQ-K Datasheet HTML 8Page - Micronas HAL221JQ-K Datasheet HTML 9Page - Micronas HAL221JQ-K Datasheet HTML 10Page - Micronas HAL221JQ-K Datasheet HTML 11Page - Micronas HAL221JQ-K Datasheet HTML 12Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
HAL 2xy
DATA SHEET
8
Jan. 11, 2010; DSH000141_003EN
Micronas
Fig. 3–2:
TO92UA-6: Plastic Transistor Standard UA package, 3 leads
Weight approximately 0.106 g


Similar Part No. - HAL221JQ-K

ManufacturerPart #DatasheetDescription
logo
Micronas
HAL221 MICRONAS-HAL221 Datasheet
477Kb / 2P
   Low-Cost Hall-Effect Sensor Family
More results

Similar Description - HAL221JQ-K

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HAL506 ETC-HAL506 Datasheet
315Kb / 44P
   Hall Effect Sensor Family
logo
Micronas
HAL11X MICRONAS-HAL11X Datasheet
147Kb / 17P
   Hall Effect Sensor Family
HAL54X MICRONAS-HAL54X Datasheet
1Mb / 28P
   Hall-Effect Sensor Family
HAL501 MICRONAS-HAL501 Datasheet
1Mb / 48P
   Hall-Effect Sensor Family
HAL501_1004 MICRONAS-HAL501_1004 Datasheet
1Mb / 48P
   Hall-Effect Sensor Family
HAL5XY MICRONAS-HAL5XY_V01 Datasheet
1Mb / 48P
   Hall-Effect Sensor Family
Edition April 15, 2010
HAL5XY MICRONAS-HAL5XY Datasheet
144Kb / 2P
   Multipurpose Hall-Effect Sensor Family
HAL182Y MICRONAS-HAL182Y Datasheet
168Kb / 2P
   Linear Hall-Effect Sensor Family
logo
List of Unclassifed Man...
HAL571 ETC-HAL571 Datasheet
185Kb / 20P
   Two-Wire Hall Effect Sensor Family
logo
Micronas
HAL556 MICRONAS-HAL556_1 Datasheet
944Kb / 26P
   Two-Wire Hall-Effect Sensor Family
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com