Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74HCT4052 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # 74HCT4052
Description  Dual 4-channel analog multiplexer/demultiplexer
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74HCT4052 Datasheet(HTML) 4 Page - NXP Semiconductors

  74HCT4052 Datasheet HTML 1Page - NXP Semiconductors 74HCT4052 Datasheet HTML 2Page - NXP Semiconductors 74HCT4052 Datasheet HTML 3Page - NXP Semiconductors 74HCT4052 Datasheet HTML 4Page - NXP Semiconductors 74HCT4052 Datasheet HTML 5Page - NXP Semiconductors 74HCT4052 Datasheet HTML 6Page - NXP Semiconductors 74HCT4052 Datasheet HTML 7Page - NXP Semiconductors 74HCT4052 Datasheet HTML 8Page - NXP Semiconductors 74HCT4052 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 27 page
background image
74HC_HCT4052_6
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 06 — 11 January 2010
4 of 27
NXP Semiconductors
74HC4052; 74HCT4052
Dual 4-channel analog multiplexer/demultiplexer
6.
Pinning information
6.1 Pinning
6.2 Pin description
(1) The die substrate is attached to this pad using
conductive die attach material. It can not be used as a
supply pin or input.
Fig 5.
Pin configuration for DIP16, SO16 and
(T)SSOP16
Fig 6.
Pin configuration for DHVQFN16
74HC4052
74HCT4052
2Y0
VCC
2Y2
1Y2
2Z
1Y1
2Y3
1Z
2Y1
1Y0
E
1Y3
VEE
S0
GND
S1
001aah822
1
2
3
4
5
6
7
8
10
9
12
11
14
13
16
15
001aah823
74HC4052
74HCT4052
VEE
VCC(1)
S0
E
1Y3
2Y1
1Y0
2Y3
1Z
2Z
1Y1
2Y2
1Y2
Transparent top view
7
10
6
11
5
12
4
13
3
14
2
15
terminal 1
index area
Table 2.
Pin description
Symbol
Pin
Description
2Y0
1
independent input or output 2Y0
2Y2
2
independent input or output 2Y2
2Z
3
common input or output 2
2Y3
4
independent input or output 2Y3
2Y1
5
independent input or output 2Y1
E
6
enable input (active LOW)
VEE
7
negative supply voltage
GND
8
ground (0 V)
S1
9
select logic input 1
S0
10
select logic input 0
1Y3
11
independent input or output 1Y3
1Y0
12
independent input or output 1Y0
1Z
13
common input or output 1
1Y1
14
independent input or output 1Y1
1Y2
15
independent input or output 1Y2
VCC
16
positive supply voltage


Similar Part No. - 74HCT4052

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HCT4052 PHILIPS-74HCT4052 Datasheet
129Kb / 15P
   Dual 4-channel analog multiplexer/demultiplexer
2004 Nov 11
logo
Nexperia B.V. All right...
74HCT4052 NEXPERIA-74HCT4052 Datasheet
374Kb / 25P
   Dual 4-channel analog multiplexer/demultiplexer
Rev. 14 - 9 February 2023
74HCT4052-Q100 NEXPERIA-74HCT4052-Q100 Datasheet
340Kb / 25P
   Dual 4-channel analog multiplexer/demultiplexer
Rev. 3 - 27 February 2020
logo
NXP Semiconductors
74HCT4052BQ PHILIPS-74HCT4052BQ Datasheet
183Kb / 27P
   Dual 4-channel analog multiplexer, demultiplexer
2004 Nov 11
logo
Nexperia B.V. All right...
74HCT4052BQ NEXPERIA-74HCT4052BQ Datasheet
374Kb / 25P
   Dual 4-channel analog multiplexer/demultiplexer
Rev. 14 - 9 February 2023
More results

Similar Description - 74HCT4052

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74LVX4051F TOSHIBA-TC74LVX4051F_08 Datasheet
269Kb / 13P
   8-Channel Analog Multiplexer/Demultiplexer , Dual 4-Channel Analog Multiplexer/Demultiplexer , Triple 2-Channel Analog Multiplexer/Demultiplexer
logo
BCD Semiconductor Manuf...
AZ4052 BCDSEMI-AZ4052 Datasheet
618Kb / 18P
   Dual 4-channel Analog Multiplexer/Demultiplexer
logo
Unisonic Technologies
U74LVX4052 UTC-U74LVX4052 Datasheet
239Kb / 11P
   Dual 4-Channel Analog Multiplexer/Demultiplexer
logo
NXP Semiconductors
74HC4052D652 NXP-74HC4052D652 Datasheet
210Kb / 29P
   Dual 4-channel analog multiplexer/demultiplexer
Rev. 10-19 July 2012
logo
Unisonic Technologies
U74HC4052 UTC-U74HC4052 Datasheet
229Kb / 9P
   DUAL 4-CHANNEL ANALOG MULTIPLEXER, DEMULTIPLEXER
logo
STMicroelectronics
M74HCT4052 STMICROELECTRONICS-M74HCT4052 Datasheet
323Kb / 14P
   DUAL 4-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER
logo
Unisonic Technologies
U74HC4052 UTC-U74HC4052_16 Datasheet
225Kb / 9P
   DUAL 4-CHANNEL ANALOG MULTIPLEXER, DEMULTIPLEXER
logo
NXP Semiconductors
74LV4052 PHILIPS-74LV4052_15 Datasheet
228Kb / 26P
   Dual 4-channel analog multiplexer/demultiplexer
Rev. 4-1 July 2013
logo
Unisonic Technologies
U74HC4052 UTC-U74HC4052_15 Datasheet
229Kb / 9P
   DUAL 4-CHANNEL ANALOG MULTIPLEXER DEMULTIPLEXER
logo
Nexperia B.V. All right...
HEF4052B NEXPERIA-HEF4052B Datasheet
295Kb / 18P
   Dual 4-channel analog multiplexer/demultiplexer
Rev. 11 - 15 December 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com