Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74HC4052 Datasheet(PDF) 10 Page - NXP Semiconductors

Part # 74HC4052
Description  Dual 4-channel analog multiplexer/demultiplexer
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74HC4052 Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button 74HC4052 Datasheet HTML 6Page - NXP Semiconductors 74HC4052 Datasheet HTML 7Page - NXP Semiconductors 74HC4052 Datasheet HTML 8Page - NXP Semiconductors 74HC4052 Datasheet HTML 9Page - NXP Semiconductors 74HC4052 Datasheet HTML 10Page - NXP Semiconductors 74HC4052 Datasheet HTML 11Page - NXP Semiconductors 74HC4052 Datasheet HTML 12Page - NXP Semiconductors 74HC4052 Datasheet HTML 13Page - NXP Semiconductors 74HC4052 Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 27 page
background image
74HC_HCT4052_6
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 06 — 11 January 2010
10 of 27
NXP Semiconductors
74HC4052; 74HCT4052
Dual 4-channel analog multiplexer/demultiplexer
[1]
All typical values are measured at Tamb = 25 °C.
IS(OFF)
OFF-state leakage
current
VCC = 10.0 V; VEE = 0 V; VI = VIH or VIL;
|V
SW| = VCC − VEE; see Figure 11
per channel
-
-
±1.0
μA
all channels
-
-
±2.0
μA
IS(ON)
ON-state leakage
current
VI = VIH or VIL; |VSW| = VCC − VEE;
VCC = 10.0 V; VEE = 0 V; see Figure 12
-
-
±2.0
μA
ICC
supply current
VEE = 0 V; VI = VCC or GND; Vis = VEE or VCC;
Vos = VCC or VEE
VCC = 6.0 V
-
-
160.0
μA
VCC = 10.0 V
-
-
320.0
μA
Table 7.
Static characteristics for 74HC4052 …continued
Voltages are referenced to GND (ground = 0 V).
Vis is the input voltage at pins nYn or nZ, whichever is assigned as an input.
Vos is the output voltage at pins nZ or nYn, whichever is assigned as an output.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Table 8.
Static characteristics for 74HCT4052
Voltages are referenced to GND (ground = 0 V).
Vis is the input voltage at pins nYn or nZ, whichever is assigned as an input.
Vos is the output voltage at pins nZ or nYn, whichever is assigned as an output.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Tamb = −40 °C to +85 °C[1]
VIH
HIGH-level input
voltage
VCC = 4.5 V to 5.5 V
2.0
1.6
-
V
VIL
LOW-level input
voltage
VCC = 4.5 V to 5.5 V
-
1.2
0.8
V
II
input leakage current
VI = VCC or GND; VCC = 5.5 V; VEE = 0 V
-
-
±1.0
μA
IS(OFF)
OFF-state leakage
current
VCC = 10.0 V; VEE = 0 V; VI = VIH or VIL;
|V
SW| = VCC − VEE; see Figure 11
per channel
-
-
±1.0
μA
all channels
-
-
±2.0
μA
IS(ON)
ON-state leakage
current
VCC = 10.0 V; VEE = 0 V; VI = VIH or VIL;
|V
SW| = VCC − VEE; see Figure 12
-
-
±2.0
μA
ICC
supply current
VI = VCC or GND; Vis = VEE or VCC;
Vos = VCC or VEE
VCC = 5.5 V; VEE = 0 V
-
-
80.0
μA
VCC = 5.0 V; VEE = −5.0 V
-
-
160.0
μA
ΔI
CC
additional supply
current
per input; VI = VCC − 2.1 V; other inputs at VCC
or GND; VCC = 4.5 V to 5.5 V; VEE = 0 V
-
45
202.5
μA
CI
input capacitance
-
3.5
-
pF
Csw
switch capacitance
independent pins nYn
-
5
-
pF
common pins nZ
-
12
-
pF
Tamb = −40 °C to +125 °C
VIH
HIGH-level input
voltage
VCC = 4.5 V to 5.5 V
2.0
-
-
V


Similar Part No. - 74HC4052

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC4052 PHILIPS-74HC4052 Datasheet
129Kb / 15P
   Dual 4-channel analog multiplexer/demultiplexer
2004 Nov 11
74HC4052 PHILIPS-74HC4052 Datasheet
183Kb / 27P
   Dual 4-channel analog multiplexer, demultiplexer
2004 Nov 11
logo
Nexperia B.V. All right...
74HC4052 NEXPERIA-74HC4052 Datasheet
374Kb / 25P
   Dual 4-channel analog multiplexer/demultiplexer
Rev. 14 - 9 February 2023
74HC4052-Q100 NEXPERIA-74HC4052-Q100 Datasheet
891Kb / 26P
   Dual 4-channel analog multiplexer/demultiplexer
74HC4052-Q100 NEXPERIA-74HC4052-Q100 Datasheet
340Kb / 25P
   Dual 4-channel analog multiplexer/demultiplexer
Rev. 3 - 27 February 2020
More results

Similar Description - 74HC4052

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74LVX4051F TOSHIBA-TC74LVX4051F_08 Datasheet
269Kb / 13P
   8-Channel Analog Multiplexer/Demultiplexer , Dual 4-Channel Analog Multiplexer/Demultiplexer , Triple 2-Channel Analog Multiplexer/Demultiplexer
logo
BCD Semiconductor Manuf...
AZ4052 BCDSEMI-AZ4052 Datasheet
618Kb / 18P
   Dual 4-channel Analog Multiplexer/Demultiplexer
logo
Unisonic Technologies
U74LVX4052 UTC-U74LVX4052 Datasheet
239Kb / 11P
   Dual 4-Channel Analog Multiplexer/Demultiplexer
logo
NXP Semiconductors
74HC4052D652 NXP-74HC4052D652 Datasheet
210Kb / 29P
   Dual 4-channel analog multiplexer/demultiplexer
Rev. 10-19 July 2012
logo
Unisonic Technologies
U74HC4052 UTC-U74HC4052 Datasheet
229Kb / 9P
   DUAL 4-CHANNEL ANALOG MULTIPLEXER, DEMULTIPLEXER
logo
STMicroelectronics
M74HCT4052 STMICROELECTRONICS-M74HCT4052 Datasheet
323Kb / 14P
   DUAL 4-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER
logo
Unisonic Technologies
U74HC4052 UTC-U74HC4052_16 Datasheet
225Kb / 9P
   DUAL 4-CHANNEL ANALOG MULTIPLEXER, DEMULTIPLEXER
logo
NXP Semiconductors
74LV4052 PHILIPS-74LV4052_15 Datasheet
228Kb / 26P
   Dual 4-channel analog multiplexer/demultiplexer
Rev. 4-1 July 2013
logo
Unisonic Technologies
U74HC4052 UTC-U74HC4052_15 Datasheet
229Kb / 9P
   DUAL 4-CHANNEL ANALOG MULTIPLEXER DEMULTIPLEXER
logo
Nexperia B.V. All right...
HEF4052B NEXPERIA-HEF4052B Datasheet
295Kb / 18P
   Dual 4-channel analog multiplexer/demultiplexer
Rev. 11 - 15 December 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com