Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HAL206JQ-K Datasheet(PDF) 9 Page - Micronas

Part # HAL206JQ-K
Description  Hall-Effect Sensor Family
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

HAL206JQ-K Datasheet(HTML) 9 Page - Micronas

Back Button HAL206JQ-K Datasheet HTML 5Page - Micronas HAL206JQ-K Datasheet HTML 6Page - Micronas HAL206JQ-K Datasheet HTML 7Page - Micronas HAL206JQ-K Datasheet HTML 8Page - Micronas HAL206JQ-K Datasheet HTML 9Page - Micronas HAL206JQ-K Datasheet HTML 10Page - Micronas HAL206JQ-K Datasheet HTML 11Page - Micronas HAL206JQ-K Datasheet HTML 12Page - Micronas HAL206JQ-K Datasheet HTML 13Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
DATA SHEET
HAL 2xy
Micronas
Jan. 11, 2010; DSH000141_003EN
9
3.2. Dimensions of Sensitive Area
0.25 mm
× 0.12 mm (on chip)
3.3. Positions of Sensitive Areas
3.4. Absolute Maximum Ratings
Stresses beyond those listed in the “Absolute Maximum Ratings” may cause permanent damage to the device. This
is a stress rating only. Functional operation of the device at these conditions is not implied. Exposure to absolute
maximum rating conditions for extended periods will affect device reliability.
This device contains circuitry to protect the inputs and outputs against damage due to high static voltages or electric
fields; however, it is advised that normal precautions be taken to avoid application of any voltage higher than abso-
lute maximum-rated voltages to this high-impedance circuit.
All voltages listed are referenced to ground (GND).
3.4.1. Storage and Shelf Life
The permissible storage time (shelf life) of the sensors is unlimited, provided the sensors are stored at a maximum of
30 °C and a maximum of 85% relative humidity. At these conditions, no Dry Pack is required.
Solderability is guaranteed for one year from the date code on the package.
SOT89B-3
TO92UA-5/6
y
0.95 mm nominal
1.08 mm nominal
A4
0.33 mm nominal
0.30 mm nominal
Symbol
Parameter
Pin Name
Min.
Max.
Unit
VDD
Supply Voltage
1
−15
281)
V
VO
Output Voltage
3
−0.3
281)
V
IO
Continuous Output On Current
3
501)
mA
TJ
Junction Temperature Range
−40
1702)
°C
1) as long as T
Jmax is not exceeded
2) t < 1000 h


Similar Part No. - HAL206JQ-K

ManufacturerPart #DatasheetDescription
logo
Micronas
HAL206 MICRONAS-HAL206 Datasheet
477Kb / 2P
   Low-Cost Hall-Effect Sensor Family
More results

Similar Description - HAL206JQ-K

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HAL506 ETC-HAL506 Datasheet
315Kb / 44P
   Hall Effect Sensor Family
logo
Micronas
HAL11X MICRONAS-HAL11X Datasheet
147Kb / 17P
   Hall Effect Sensor Family
HAL54X MICRONAS-HAL54X Datasheet
1Mb / 28P
   Hall-Effect Sensor Family
HAL501 MICRONAS-HAL501 Datasheet
1Mb / 48P
   Hall-Effect Sensor Family
HAL501_1004 MICRONAS-HAL501_1004 Datasheet
1Mb / 48P
   Hall-Effect Sensor Family
HAL5XY MICRONAS-HAL5XY_V01 Datasheet
1Mb / 48P
   Hall-Effect Sensor Family
Edition April 15, 2010
HAL5XY MICRONAS-HAL5XY Datasheet
144Kb / 2P
   Multipurpose Hall-Effect Sensor Family
HAL182Y MICRONAS-HAL182Y Datasheet
168Kb / 2P
   Linear Hall-Effect Sensor Family
logo
List of Unclassifed Man...
HAL571 ETC-HAL571 Datasheet
185Kb / 20P
   Two-Wire Hall Effect Sensor Family
logo
Micronas
HAL556 MICRONAS-HAL556_1 Datasheet
944Kb / 26P
   Two-Wire Hall-Effect Sensor Family
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com