Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HAL104TQ-I Datasheet(PDF) 5 Page - Micronas

Part # HAL104TQ-I
Description  Hall-Effect Switch IC Family
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

HAL104TQ-I Datasheet(HTML) 5 Page - Micronas

  HAL104TQ-I Datasheet HTML 1Page - Micronas HAL104TQ-I Datasheet HTML 2Page - Micronas HAL104TQ-I Datasheet HTML 3Page - Micronas HAL104TQ-I Datasheet HTML 4Page - Micronas HAL104TQ-I Datasheet HTML 5Page - Micronas HAL104TQ-I Datasheet HTML 6Page - Micronas HAL104TQ-I Datasheet HTML 7Page - Micronas HAL104TQ-I Datasheet HTML 8Page - Micronas HAL104TQ-I Datasheet HTML 9Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
DATA SHEET
HAL1xy
Micronas
April 8, 2009; DSH000150_001EN
5
1.2. Marking Code
All Hall sensors have a marking on the package
surface (branded side). This marking includes the
name of the sensor and the temperature range.
1.3. Operating Junction Temperature Range
The Hall sensors from Micronas are specified to the
chip temperature (junction temperature TJ).
I
: TJ = −20 °C to +125 °C
C: TJ = 0 °C to +85 °C
Hall Sensor Package Codes
Hall sensors are available in a wide variety of packag-
ing versions and quantities. For more detailed informa-
tion, please refer to the brochure: “Hall Sensors.
Ordering Codes, Packaging, Handling”.
1.4. Solderability and Welding
Soldering
During
soldering
reflow
processing
and
manual
reworking, a component body temperature of 260
°C
should not be exceeded.
Welding
Device terminals shall be compatible with laser and
electrical welding. Please, note that the success of the
welding process is subject to different welding parame-
ters which will vary according to the welding technique
used. A very close control of the welding parameters is
absolutely necessary in order to reach satisfying
results. Micronas, therefore, does not give any implied
or express warranty as to the ability to weld the com-
ponent.
Fig. 1–1: Pin configuration
Type
Temperature Range
I
C
HAL101
101I
101C
HAL102
102I
102C
HAL103
103I
103C
HAL104
104I
104C
HAL106
106I
106C
HAL107
107I
107C
HAL108
108I
108C
HAL109
109I
109C
HALXXXPA-T
Temperature Range: I
Package: TQ for SOT89B-3
JQ for TO92UA-6
Type: 1xy
Example: HAL102JQ-I
→ Type: 102
→ Package: TO92UA-6
→ Temperature Range: T
J = −20 °C to +125 °C
1 VDD
2, 4 GND
3
OUT


Similar Part No. - HAL104TQ-I

ManufacturerPart #DatasheetDescription
logo
Micronas
HAL104TQ-I MICRONAS-HAL104TQ-I Datasheet
1Mb / 12P
   Hall-Effect Switch IC Family
More results

Similar Description - HAL104TQ-I

ManufacturerPart #DatasheetDescription
logo
Micronas
HAL101JQ-I MICRONAS-HAL101JQ-I Datasheet
1Mb / 12P
   Hall-Effect Switch IC Family
logo
Winson Semiconductor Co...
WSH181 WINSON-WSH181 Datasheet
106Kb / 5P
   Hall Effect Switch IC
WSH181 WINSON-WSH181_13 Datasheet
146Kb / 5P
   Hall Effect Switch IC
WSH130 WINSON-WSH130_17 Datasheet
185Kb / 5P
   Hall Effect Switch IC
logo
SeCoS Halbleitertechnol...
SH6853 SECOS-SH6853 Datasheet
470Kb / 4P
   Hall Effect Switch IC
logo
DIWELL Electronics Co.,...
WSH130 DIWELL-WSH130 Datasheet
179Kb / 5P
   Hall Effect Switch IC
2017/4/7
logo
Winson Semiconductor Co...
WSH130 WINSON-WSH130_13 Datasheet
149Kb / 5P
   Hall Effect Switch IC
logo
Unisonic Technologies
UH8105 UTC-UH8105 Datasheet
124Kb / 5P
   Hall Effect Micro Switch IC
logo
Anpec Electronics Corop...
APX9132G ANPEC-APX9132G Datasheet
209Kb / 14P
   Hall Effect Micro Switch IC
logo
Winson Semiconductor Co...
WSH131 WINSON-WSH131 Datasheet
103Kb / 4P
   Omnipolar Hall Effect Switch IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com