Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74HCT423PW Datasheet(PDF) 4 Page - NXP Semiconductors

Part # 74HCT423PW
Description  Dual retriggerable monostable multivibrator with reset
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74HCT423PW Datasheet(HTML) 4 Page - NXP Semiconductors

  74HCT423PW Datasheet HTML 1Page - NXP Semiconductors 74HCT423PW Datasheet HTML 2Page - NXP Semiconductors 74HCT423PW Datasheet HTML 3Page - NXP Semiconductors 74HCT423PW Datasheet HTML 4Page - NXP Semiconductors 74HCT423PW Datasheet HTML 5Page - NXP Semiconductors 74HCT423PW Datasheet HTML 6Page - NXP Semiconductors 74HCT423PW Datasheet HTML 7Page - NXP Semiconductors 74HCT423PW Datasheet HTML 8Page - NXP Semiconductors 74HCT423PW Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
74HC_HCT423_3
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 03 — 24 July 2008
4 of 23
NXP Semiconductors
74HC423; 74HCT423
Dual retriggerable monostable multivibrator with reset
5.
Pinning information
5.1 Pinning
5.2 Pin description
(1) The die substrate is attached to this pad using a
conductive die attach material. It cannot be used as
supply pin or input
Fig 5.
Pin configuration DIP16, SO16 and (T)SSOP16
Fig 6.
Pin configuration DHVQFN16
74HC423
74HCT423
1A
VCC
1B
1REXT/CEXT
1RD
1CEXT
1Q
1Q
2Q
2Q
2CEXT
2RD
2REXT/CEXT
2B
GND
2A
001aah785
1
2
3
4
5
6
7
8
10
9
12
11
14
13
16
15
001aah784
74HC423
74HCT423
2REXT/CEXT
2B
2CEXT
2RD
2Q
2Q
1Q
1Q
1RD
1CEXT
1B
1REXT/CEXT
Transparent top view
7
10
6
11
5
12
4
13
3
14
2
15
terminal 1
index area
VCC(1)
Table 2.
Pin description
Symbol
Pin
Description
1A, 2A
1, 9
trigger input (negative edge triggered)
1B, 2B
2, 10
trigger input (positive edge triggered)
1RD, 2RD
3, 11
direct reset (active LOW)
1Q, 2Q
4, 12
output (active LOW)
GND
8
ground (0 V)
1Q, 2Q
13, 5
output (active HIGH)
1CEXT, 2CEXT
14, 6
external capacitor connection
1REXT/CEXT, 2REXT/CEXT
15, 7
external resistor/capacitor connection
VCC
16
supply voltage


Similar Part No. - 74HCT423PW

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HCT423PW PHILIPS-74HCT423PW Datasheet
103Kb / 14P
   Dual retriggerable monostable multivibrator with reset
1998 Jul 08
74HCT423PW NXP-74HCT423PW Datasheet
295Kb / 24P
   Dual retriggerable monostable multivibrator with reset
Rev. 6-19 December 2011
More results

Similar Description - 74HCT423PW

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LV123 NXP-74LV123 Datasheet
134Kb / 23P
   Dual retriggerable monostable multivibrator with reset
Rev. 05-8 November 2007
74AHC123A PHILIPS-74AHC123A Datasheet
111Kb / 24P
   Dual retriggerable monostable multivibrator with reset
2000 Mar 15
74HC_HCT123 PHILIPS-74HC_HCT123_15 Datasheet
267Kb / 25P
   Dual retriggerable monostable multivibrator with reset
Rev. 9-19 January 2015
logo
Nexperia B.V. All right...
74LV123 NEXPERIA-74LV123 Datasheet
310Kb / 19P
   Dual retriggerable monostable multivibrator with reset
Rev. 9 - 13 September 2021
74AHC123A-Q100 NEXPERIA-74AHC123A-Q100 Datasheet
303Kb / 20P
   Dual retriggerable monostable multivibrator with reset
Rev. 2 - 17 June 2020
logo
NXP Semiconductors
74AHC123A-Q100 NXP-74AHC123A-Q100 Datasheet
326Kb / 22P
   Dual retriggerable monostable multivibrator with reset
Rev. 1-23 May 2013
74LV423 PHILIPS-74LV423 Datasheet
156Kb / 16P
   Dual retriggerable monostable multivibrator with reset
1997 Feb 04
74AHC_AHCT123A PHILIPS-74AHC_AHCT123A_15 Datasheet
315Kb / 22P
   Dual retriggerable monostable multivibrator with reset
Rev. 4-8 November 2011
logo
Nexperia B.V. All right...
74AHCT123A NEXPERIA-74AHCT123A Datasheet
302Kb / 19P
   Dual retriggerable monostable multivibrator with reset
Rev. 5 - 17 June 2020
logo
NXP Semiconductors
74LV123 PHILIPS-74LV123 Datasheet
145Kb / 16P
   Dual retriggerable monostable multivibrator with reset
1998 Apr 20
74HC423D.653 NXP-74HC423D.653 Datasheet
295Kb / 24P
   Dual retriggerable monostable multivibrator with reset
Rev. 6-19 December 2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com