Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74HC594D Datasheet(PDF) 8 Page - NXP Semiconductors

Part # 74HC594D
Description  8-bit shift register with output register
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74HC594D Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button 74HC594D Datasheet HTML 4Page - NXP Semiconductors 74HC594D Datasheet HTML 5Page - NXP Semiconductors 74HC594D Datasheet HTML 6Page - NXP Semiconductors 74HC594D Datasheet HTML 7Page - NXP Semiconductors 74HC594D Datasheet HTML 8Page - NXP Semiconductors 74HC594D Datasheet HTML 9Page - NXP Semiconductors 74HC594D Datasheet HTML 10Page - NXP Semiconductors 74HC594D Datasheet HTML 11Page - NXP Semiconductors 74HC594D Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 26 page
background image
74HC_HCT594_3
© NXP B.V. 2006. All rights reserved.
Product data sheet
Rev. 03 — 20 December 2006
8 of 26
NXP Semiconductors
74HC594; 74HCT594
8-bit shift register with output register
VOL
LOW-level output voltage
VI = VIH or VIL
Serial data output Q7S
IO = 4.0 mA; VCC = 4.5 V
-
0.15
0.26
V
IO = 5.2 mA; VCC = 6.0 V
-
0.16
0.26
V
Parallel data outputs
IO = 6.0 mA; VCC = 4.5 V
-
0.15
0.26
V
IO = 7.8 mA; VCC = 6.0 V
-
0.16
0.26
V
II
input leakage current
VI =VCC or GND; VCC = 6.0 V
-
-
±0.1
µA
ICC
supply current
VI = VCC or GND; IO = 0 A;
VCC = 6.0 V
-
-
8.0
µA
Ci
input capacitance
-
3.5
-
pF
Tamb = −40 °C to +85 °C
VIH
HIGH-level input voltage
VCC = 2.0 V
1.5
-
-
V
VCC = 4.5 V
3.15
-
-
V
VCC = 6.0 V
4.2
-
-
V
VIL
LOW-level input voltage
VCC = 2.0 V
-
-
0.5
V
VCC = 4.5 V
-
-
1.35
V
VCC = 6.0 V
-
-
1.8
V
VOH
HIGH-level output voltage
VI = VIH or VIL
Serial data output Q7S
IO = −4.0 mA; VCC = 4.5 V
3.84
-
-
V
IO = −5.2 mA; VCC = 6.0 V
5.34
-
-
V
Parallel data outputs
IO = −6.0 mA; VCC = 4.5 V
3.84
-
-
V
IO = −7.8 mA; VCC = 6.0 V
5.34
-
-
V
VOL
LOW-level output voltage
VI = VIH or VIL
Serial data output Q7S
IO = 4.0 mA; VCC = 4.5 V
-
-
0.33
V
IO = 5.2 mA; VCC = 6.0 V
-
-
0.33
V
Parallel data outputs
IO = 6.0 mA; VCC = 4.5 V
-
-
0.33
V
IO = 7.8 mA; VCC = 6.0 V
-
-
0.33
V
II
input leakage current
VI =VCC or GND; VCC = 6.0 V
-
-
±1.0
µA
ICC
supply current
VI = VCC or GND; IO = 0 A;
VCC = 6.0 V
--80
µA
Tamb = −40 °C to +125 °C
VIH
HIGH-level input voltage
VCC = 2.0 V
1.5
-
-
V
VCC = 4.5 V
3.15
-
-
V
VCC = 6.0 V
4.2
-
-
V
Table 6.
Static characteristics type 74HC594 …continued
At recommended operating conditions; voltages are referenced to GND (ground = 0 V).
Symbol
Parameter
Conditions
Min
Typ
Max
Unit


Similar Part No. - 74HC594D

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC594D PHILIPS-74HC594D Datasheet
71Kb / 10P
   8-bit shift register with output register
December 1991
logo
Toshiba Semiconductor
74HC594D TOSHIBA-74HC594D Datasheet
250Kb / 16P
   CMOS Digital Integrated Circuits Silicon Monolithic
2016-08-05 Rev.4.0
logo
Nexperia B.V. All right...
74HC594D NEXPERIA-74HC594D Datasheet
347Kb / 23P
   8-bit shift register with output register
Rev. 7 - 20 October 2022
74HC594D-Q100 NEXPERIA-74HC594D-Q100 Datasheet
873Kb / 25P
   8-bit shift register with output register
74HC594D-Q100 NEXPERIA-74HC594D-Q100 Datasheet
329Kb / 22P
   8-bit shift register with output register
Rev. 4 - 27 September 2022
More results

Similar Description - 74HC594D

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC594A NXP-74LVC594A Datasheet
108Kb / 19P
   8-bit shift register with output register
Rev. 01 - 24 May 2007
74HC_HCT594 PHILIPS-74HC_HCT594_15 Datasheet
137Kb / 26P
   8-bit shift register with output register
Rev. 03-20 December 2006
logo
Nexperia B.V. All right...
74LVC594A NEXPERIA-74LVC594A Datasheet
286Kb / 18P
   8-bit shift register with output register
Rev. 4 - 3 September 2020
logo
NXP Semiconductors
74HC594 PHILIPS-74HC594 Datasheet
71Kb / 10P
   8-bit shift register with output register
December 1991
74AHC_AHCT594 PHILIPS-74AHC_AHCT594_15 Datasheet
132Kb / 22P
   8-bit shift register with output register
Rev. 02-9 June 2008
74AHC594 PHILIPS-74AHC594 Datasheet
153Kb / 29P
   8-bit shift register with output register
Rev. 01-4 July 2006
logo
Nexperia B.V. All right...
74HC594-Q100 NEXPERIA-74HC594-Q100 Datasheet
873Kb / 25P
   8-bit shift register with output register
74HC594 NEXPERIA-74HC594 Datasheet
347Kb / 23P
   8-bit shift register with output register
Rev. 7 - 20 October 2022
74LVC594A-Q100 NEXPERIA-74LVC594A-Q100 Datasheet
253Kb / 21P
   8-bit shift register with output register
74HC-HCT594-Q100 NEXPERIA-74HC-HCT594-Q100 Datasheet
329Kb / 22P
   8-bit shift register with output register
Rev. 4 - 27 September 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com