Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74HCT423DB Datasheet(PDF) 6 Page - NXP Semiconductors

Part # 74HCT423DB
Description  Dual retriggerable monostable multivibrator with reset
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74HCT423DB Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button 74HCT423DB Datasheet HTML 2Page - NXP Semiconductors 74HCT423DB Datasheet HTML 3Page - NXP Semiconductors 74HCT423DB Datasheet HTML 4Page - NXP Semiconductors 74HCT423DB Datasheet HTML 5Page - NXP Semiconductors 74HCT423DB Datasheet HTML 6Page - NXP Semiconductors 74HCT423DB Datasheet HTML 7Page - NXP Semiconductors 74HCT423DB Datasheet HTML 8Page - NXP Semiconductors 74HCT423DB Datasheet HTML 9Page - NXP Semiconductors 74HCT423DB Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
74HC_HCT423_3
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 03 — 24 July 2008
6 of 23
NXP Semiconductors
74HC423; 74HCT423
Dual retriggerable monostable multivibrator with reset
8.
Recommended operating conditions
9.
Static characteristics
Table 5.
Recommended operating conditions
Voltages are referenced to GND (ground = 0 V).
Symbol
Parameter
Conditions
74HC423
74HCT423
Unit
Min
Typ
Max
Min
Typ
Max
VCC
supply voltage
2.0
5.0
6.0
4.5
5.0
5.5
V
VI
input voltage
0
-
VCC
0-
VCC
V
VO
output voltage
0
-
VCC
0-
VCC
V
Tamb
ambient temperature
−40
-
+125
−40
-
+125
°C
∆t/∆V
input transition rise
and fall rate
VCC = 2.0 V
-
-
625
-
-
-
ns/V
VCC = 4.5 V
-
1.67
139
-
1.67
139
ns/V
VCC = 6.0 V
-
-
83
-
-
-
ns/V
Table 6.
Static characteristics
At recommended operating conditions; voltages are referenced to GND (ground = 0 V).
Symbol
Parameter
Conditions
25
°C
−40 °C to
+85
°C
−40 °C to
+125
°C
Unit
Min
Typ
Max
Min
Max
Min
Max
74HC423
VIH
HIGH-level
input voltage
VCC = 2.0 V
1.5
1.2
-
1.5
-
1.5
-
V
VCC = 4.5 V
3.15
2.4
-
3.15
-
3.15
-
V
VCC = 6.0 V
4.2
3.2
-
4.2
-
4.2
-
V
VIL
LOW-level
input voltage
VCC = 2.0 V
-
0.8
0.5
-
0.5
-
0.5
V
VCC = 4.5 V
-
2.1
1.35
-
1.35
-
1.35 V
VCC = 6.0 V
-
2.8
1.8
-
1.8
-
1.8
V
VOH
HIGH-level
output voltage
VI =VIH or VIL
IO = −20 µA; VCC = 2.0 V
1.9
2.0
-
1.9
-
1.9
-
V
IO = −20 µA; VCC = 4.5 V
4.4
4.5
-
4.4
-
4.4
-
V
IO = −20 µA; VCC = 6.0 V
5.9
6.0
-
5.9
-
5.9
-
V
IO = −4.0 mA; VCC = 4.5 V
3.98
4.32
-
3.84
-
3.7
-
V
IO = −5.2 mA; VCC = 6.0 V
5.48
5.81
-
5.34
-
5.2
-
V
VOL
LOW-level
output voltage
VI =VIH or VIL
IO =20 µA; VCC = 2.0 V
-
0
0.1
-
0.1
-
0.1
V
IO =20 µA; VCC = 4.5 V
-
0
0.1
-
0.1
-
0.1
V
IO =20 µA; VCC = 6.0 V
-
0
0.1
-
0.1
-
0.1
V
IO = 4.0 mA; VCC = 4.5 V
-
0.15
0.26
-
0.33
-
0.4
V
IO = 5.2 mA; VCC = 6.0 V
-
0.16
0.26
-
0.33
-
0.4
V
II
input leakage
current
VI =VCC or GND; VCC = 6.0 V
-
-
±0.1
-
±1.0
-
±1.0 µA
ICC
supply current
VI =VCC or GND; IO =0A;
VCC = 6.0 V
-
-
8.0
-
80
-
160
µA


Similar Part No. - 74HCT423DB

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HCT423DB PHILIPS-74HCT423DB Datasheet
103Kb / 14P
   Dual retriggerable monostable multivibrator with reset
1998 Jul 08
74HCT423DB NXP-74HCT423DB Datasheet
295Kb / 24P
   Dual retriggerable monostable multivibrator with reset
Rev. 6-19 December 2011
More results

Similar Description - 74HCT423DB

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LV123 NXP-74LV123 Datasheet
134Kb / 23P
   Dual retriggerable monostable multivibrator with reset
Rev. 05-8 November 2007
74AHC123A PHILIPS-74AHC123A Datasheet
111Kb / 24P
   Dual retriggerable monostable multivibrator with reset
2000 Mar 15
74HC_HCT123 PHILIPS-74HC_HCT123_15 Datasheet
267Kb / 25P
   Dual retriggerable monostable multivibrator with reset
Rev. 9-19 January 2015
logo
Nexperia B.V. All right...
74LV123 NEXPERIA-74LV123 Datasheet
310Kb / 19P
   Dual retriggerable monostable multivibrator with reset
Rev. 9 - 13 September 2021
74AHC123A-Q100 NEXPERIA-74AHC123A-Q100 Datasheet
303Kb / 20P
   Dual retriggerable monostable multivibrator with reset
Rev. 2 - 17 June 2020
logo
NXP Semiconductors
74AHC123A-Q100 NXP-74AHC123A-Q100 Datasheet
326Kb / 22P
   Dual retriggerable monostable multivibrator with reset
Rev. 1-23 May 2013
74LV423 PHILIPS-74LV423 Datasheet
156Kb / 16P
   Dual retriggerable monostable multivibrator with reset
1997 Feb 04
74AHC_AHCT123A PHILIPS-74AHC_AHCT123A_15 Datasheet
315Kb / 22P
   Dual retriggerable monostable multivibrator with reset
Rev. 4-8 November 2011
logo
Nexperia B.V. All right...
74AHCT123A NEXPERIA-74AHCT123A Datasheet
302Kb / 19P
   Dual retriggerable monostable multivibrator with reset
Rev. 5 - 17 June 2020
logo
NXP Semiconductors
74LV123 PHILIPS-74LV123 Datasheet
145Kb / 16P
   Dual retriggerable monostable multivibrator with reset
1998 Apr 20
74HC423D.653 NXP-74HC423D.653 Datasheet
295Kb / 24P
   Dual retriggerable monostable multivibrator with reset
Rev. 6-19 December 2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com