Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74HC594 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # 74HC594
Description  8-bit shift register with output register
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74HC594 Datasheet(HTML) 5 Page - NXP Semiconductors

  74HC594 Datasheet HTML 1Page - NXP Semiconductors 74HC594 Datasheet HTML 2Page - NXP Semiconductors 74HC594 Datasheet HTML 3Page - NXP Semiconductors 74HC594 Datasheet HTML 4Page - NXP Semiconductors 74HC594 Datasheet HTML 5Page - NXP Semiconductors 74HC594 Datasheet HTML 6Page - NXP Semiconductors 74HC594 Datasheet HTML 7Page - NXP Semiconductors 74HC594 Datasheet HTML 8Page - NXP Semiconductors 74HC594 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
74HC_HCT594_3
© NXP B.V. 2006. All rights reserved.
Product data sheet
Rev. 03 — 20 December 2006
5 of 26
NXP Semiconductors
74HC594; 74HCT594
8-bit shift register with output register
6.2 Pin description
Fig 7.
Pin configuration SSOP16
Fig 8.
Pin configuration DIP16
74HC594
74HCT594
Q1
VCC
Q2
Q0
Q3
DS
Q4
STR
Q5
STCP
Q6
SHCP
Q7
SHR
GND
Q7S
001aaf613
1
2
3
4
5
6
7
8
10
9
12
11
14
13
16
15
74HC594
74HCT594
Q1
VCC
Q2
Q0
Q3
DS
Q4
STR
Q5
STCP
Q6
SHCP
Q7
SHR
GND
Q7S
001aaf614
1
2
3
4
5
6
7
8
10
9
12
11
14
13
16
15
Table 2.
Pin description
Symbol
Pin
Description
Q1
1
parallel data output 1
Q2
2
parallel data output 2
Q3
3
parallel data output 3
Q4
4
parallel data output 4
Q5
5
parallel data output 5
Q6
6
parallel data output 6
Q7
7
parallel data output 7
GND
8
ground (0 V)
Q7S
9
serial data output
SHR
10
shift register reset (active LOW)
SHCP
11
shift register clock input
STCP
12
storage register clock input
STR
13
storage register reset (active LOW)
DS
14
serial data input
Q0
15
parallel data output 0
VCC
16
supply voltage


Similar Part No. - 74HC594

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC594 PHILIPS-74HC594 Datasheet
71Kb / 10P
   8-bit shift register with output register
December 1991
logo
Diodes Incorporated
74HC594 DIODES-74HC594 Datasheet
260Kb / 10P
   8-BIT SHIFT REGISTER WITH 8-BIT OUTPUT REGISTER
logo
Nexperia B.V. All right...
74HC594 NEXPERIA-74HC594 Datasheet
347Kb / 23P
   8-bit shift register with output register
Rev. 7 - 20 October 2022
74HC594-Q100 NEXPERIA-74HC594-Q100 Datasheet
873Kb / 25P
   8-bit shift register with output register
74HC594BQ NEXPERIA-74HC594BQ Datasheet
347Kb / 23P
   8-bit shift register with output register
Rev. 7 - 20 October 2022
More results

Similar Description - 74HC594

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC594A NXP-74LVC594A Datasheet
108Kb / 19P
   8-bit shift register with output register
Rev. 01 - 24 May 2007
74HC_HCT594 PHILIPS-74HC_HCT594_15 Datasheet
137Kb / 26P
   8-bit shift register with output register
Rev. 03-20 December 2006
logo
Nexperia B.V. All right...
74LVC594A NEXPERIA-74LVC594A Datasheet
286Kb / 18P
   8-bit shift register with output register
Rev. 4 - 3 September 2020
logo
NXP Semiconductors
74HC594 PHILIPS-74HC594 Datasheet
71Kb / 10P
   8-bit shift register with output register
December 1991
74AHC_AHCT594 PHILIPS-74AHC_AHCT594_15 Datasheet
132Kb / 22P
   8-bit shift register with output register
Rev. 02-9 June 2008
74AHC594 PHILIPS-74AHC594 Datasheet
153Kb / 29P
   8-bit shift register with output register
Rev. 01-4 July 2006
logo
Nexperia B.V. All right...
74HC594-Q100 NEXPERIA-74HC594-Q100 Datasheet
873Kb / 25P
   8-bit shift register with output register
74HC594 NEXPERIA-74HC594 Datasheet
347Kb / 23P
   8-bit shift register with output register
Rev. 7 - 20 October 2022
74LVC594A-Q100 NEXPERIA-74LVC594A-Q100 Datasheet
253Kb / 21P
   8-bit shift register with output register
74HC-HCT594-Q100 NEXPERIA-74HC-HCT594-Q100 Datasheet
329Kb / 22P
   8-bit shift register with output register
Rev. 4 - 27 September 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com