Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74HCT423N Datasheet(PDF) 1 Page - NXP Semiconductors

Part # 74HCT423N
Description  Dual retriggerable monostable multivibrator with reset
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74HCT423N Datasheet(HTML) 1 Page - NXP Semiconductors

  74HCT423N Datasheet HTML 1Page - NXP Semiconductors 74HCT423N Datasheet HTML 2Page - NXP Semiconductors 74HCT423N Datasheet HTML 3Page - NXP Semiconductors 74HCT423N Datasheet HTML 4Page - NXP Semiconductors 74HCT423N Datasheet HTML 5Page - NXP Semiconductors 74HCT423N Datasheet HTML 6Page - NXP Semiconductors 74HCT423N Datasheet HTML 7Page - NXP Semiconductors 74HCT423N Datasheet HTML 8Page - NXP Semiconductors 74HCT423N Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
1.
General description
74HC423; 74HCT423 are high-speed Si-gate CMOS devices that are pin compatible with
low power Schottky TTL (LSTTL). They are specified in compliance with JEDEC
standard no. 7A.
The 74HC423; 74HCT423 dual retriggerable monostable multivibrator with reset has two
methods of output pulse width control.
1. The minimum pulse width is essentially determined by the selection of an external
resistor (REXT) and capacitor (CEXT), see Section 12.1.
2. Once triggered, the basic output pulse width may be extended by retriggering the
gated active LOW-going edge input (nA) or the active HIGH-going edge input (nB). By
repeating this process, the output pulse period (nQ = HIGH, nQ = LOW) can be made
as long as desired. When nRD is LOW, it forces the nQ output LOW, the nQ output
HIGH and also inhibits the triggering. Figure 10 and Figure 11 illustrate pulse control
by reset.
The nA and nB inputs’ Schmitt trigger action makes them highly tolerant to slower input
rise and fall times.
The 74HC423; 74HCT423 are identical to the 74HC123; 74HCT123 except that they
cannot be triggered via the reset input.
2.
Features
I DC triggered from active HIGH or active LOW inputs
I Retriggerable for very long pulses up to 100% duty factor
I Direct reset terminates output pulse
I Schmitt-trigger action on all inputs except for the reset input
I Complies with JEDEC standard no. 7A
I ESD protection:
N HBM JESD22-A114E exceeds 2000 V
N MM JESD22-A115-A exceeds 200 V
I Specified from −40 °Cto+85 °C and from −40 °C to +125 °C
74HC423; 74HCT423
Dual retriggerable monostable multivibrator with reset
Rev. 03 — 24 July 2008
Product data sheet


Similar Part No. - 74HCT423N

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HCT423N PHILIPS-74HCT423N Datasheet
103Kb / 14P
   Dual retriggerable monostable multivibrator with reset
1998 Jul 08
74HCT423N NXP-74HCT423N Datasheet
295Kb / 24P
   Dual retriggerable monostable multivibrator with reset
Rev. 6-19 December 2011
More results

Similar Description - 74HCT423N

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LV123 NXP-74LV123 Datasheet
134Kb / 23P
   Dual retriggerable monostable multivibrator with reset
Rev. 05-8 November 2007
74AHC123A PHILIPS-74AHC123A Datasheet
111Kb / 24P
   Dual retriggerable monostable multivibrator with reset
2000 Mar 15
74HC_HCT123 PHILIPS-74HC_HCT123_15 Datasheet
267Kb / 25P
   Dual retriggerable monostable multivibrator with reset
Rev. 9-19 January 2015
logo
Nexperia B.V. All right...
74LV123 NEXPERIA-74LV123 Datasheet
310Kb / 19P
   Dual retriggerable monostable multivibrator with reset
Rev. 9 - 13 September 2021
74AHC123A-Q100 NEXPERIA-74AHC123A-Q100 Datasheet
303Kb / 20P
   Dual retriggerable monostable multivibrator with reset
Rev. 2 - 17 June 2020
logo
NXP Semiconductors
74AHC123A-Q100 NXP-74AHC123A-Q100 Datasheet
326Kb / 22P
   Dual retriggerable monostable multivibrator with reset
Rev. 1-23 May 2013
74LV423 PHILIPS-74LV423 Datasheet
156Kb / 16P
   Dual retriggerable monostable multivibrator with reset
1997 Feb 04
74AHC_AHCT123A PHILIPS-74AHC_AHCT123A_15 Datasheet
315Kb / 22P
   Dual retriggerable monostable multivibrator with reset
Rev. 4-8 November 2011
logo
Nexperia B.V. All right...
74AHCT123A NEXPERIA-74AHCT123A Datasheet
302Kb / 19P
   Dual retriggerable monostable multivibrator with reset
Rev. 5 - 17 June 2020
logo
NXP Semiconductors
74LV123 PHILIPS-74LV123 Datasheet
145Kb / 16P
   Dual retriggerable monostable multivibrator with reset
1998 Apr 20
74HC423D.653 NXP-74HC423D.653 Datasheet
295Kb / 24P
   Dual retriggerable monostable multivibrator with reset
Rev. 6-19 December 2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com