Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TMC249 Datasheet(PDF) 5 Page - TRINAMIC Motion Control GmbH & Co. KG.

Part # TMC249
Description  High current microstep stepper motor driver with stallGuard?? protection / diagnostics and SPI Interface
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRINAMIC [TRINAMIC Motion Control GmbH & Co. KG.]
Direct Link  http://www.trinamic.com
Logo TRINAMIC - TRINAMIC Motion Control GmbH & Co. KG.

TMC249 Datasheet(HTML) 5 Page - TRINAMIC Motion Control GmbH & Co. KG.

  TMC249 Datasheet HTML 1Page - TRINAMIC Motion Control GmbH & Co. KG. TMC249 Datasheet HTML 2Page - TRINAMIC Motion Control GmbH & Co. KG. TMC249 Datasheet HTML 3Page - TRINAMIC Motion Control GmbH & Co. KG. TMC249 Datasheet HTML 4Page - TRINAMIC Motion Control GmbH & Co. KG. TMC249 Datasheet HTML 5Page - TRINAMIC Motion Control GmbH & Co. KG. TMC249 Datasheet HTML 6Page - TRINAMIC Motion Control GmbH & Co. KG. TMC249 Datasheet HTML 7Page - TRINAMIC Motion Control GmbH & Co. KG. TMC249 Datasheet HTML 8Page - TRINAMIC Motion Control GmbH & Co. KG. TMC249 Datasheet HTML 9Page - TRINAMIC Motion Control GmbH & Co. KG. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 30 page
background image
TMC249 / TMC249A DATA SHEET (V2.09 / 2009-Jul-30)
5
Copyright © 2005, TRINAMIC Motion Control GmbH & Co KG
Pinning
1
2
3
4
5
6
7
28
27
26
25
24
23
22
17
SDO
SDI
LA2
HA1
INB
HA2
SRA
LA1
AGND
ANN
SLP
INA
16
BL2
SCK
15
LB1
8
9
10
11
12
13
14
SRB
CSN
HB1
BL1
OSC
LB2
20
GND
19
VS
18
VT
21
VCC
HB2
ENN
SPE
Note: Cooling plane on -LA type should be connected to GND or left open.
Package codes
Type
Package
Temperature range
Lead free
Code/marking
TMC249A SO28
automotive (1)
Yes
TMC249A-SA
TMC249
SO28
automotive (1)
From date code 0505
(wwyy)
TMC249-SA
TMC249A QFN32, 7*7mm
until date code 1808
automotive (1)
Yes
TMC249A-LA /
249A-LA
(1) ICs are not tested according to automotive standards, but are usable within the complete
automotive temperature range.
AGND
ANN
HA1
HA2
-
SRA
SRB
LB2
LB1
-
HB2
HB1
BL2
VT
Top view
LA1
LA2
32
31
30
29
28
27
26
25
9
10
11
12
13
14
15
16
TMC 249-LA


Similar Part No. - TMC249

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TMC249 ETC1-TMC249 Datasheet
273Kb / 2P
   High Current Microstep Stepper Motor Driver with Sensorless Stall D e t e c t i o n ,P rotection / Diagnosis and SPI Interface
logo
TRINAMIC Motion Control...
TMC249 TRINAMIC-TMC249 Datasheet
499Kb / 1P
   Microstep Driver for External MOSFETs for up to 4A with stall Guard?
TMC249 TRINAMIC-TMC249 Datasheet
844Kb / 30P
   High current microstep stepper motor driver
logo
List of Unclassifed Man...
TMC249-A ETC1-TMC249-A Datasheet
273Kb / 2P
   High Current Microstep Stepper Motor Driver with Sensorless Stall D e t e c t i o n ,P rotection / Diagnosis and SPI Interface
TMC249-EVAL ETC1-TMC249-EVAL Datasheet
273Kb / 2P
   High Current Microstep Stepper Motor Driver with Sensorless Stall D e t e c t i o n ,P rotection / Diagnosis and SPI Interface
More results

Similar Description - TMC249

ManufacturerPart #DatasheetDescription
logo
TRINAMIC Motion Control...
TMC246 TRINAMIC-TMC246_1 Datasheet
543Kb / 28P
   High current microstep stepper motor driver with stallGuard?? protection / diagnostics and SPI Interface
TMC239 TRINAMIC-TMC239_1 Datasheet
578Kb / 29P
   High current microstep stepper motor driver with protection, diagnostics and SPI Interface
logo
List of Unclassifed Man...
TMC249 ETC2-TMC249_05 Datasheet
205Kb / 25P
   High Current Microstep Stepper Motor Driver with sensorless stall detection, protection / diagnostics and SPI Interface
logo
TRINAMIC Motion Control...
TMC236 TRINAMIC-TMC236_1 Datasheet
553Kb / 27P
   High current, low power dissipation microstep stepper motor driver with protection / diagnostics and SPI Interface
logo
List of Unclassifed Man...
TMC236 ETC2-TMC236 Datasheet
189Kb / 25P
   High Current Microstep Stepper Motor Driver with protection / diagnosis and SPI Interface
TMC239 ETC2-TMC239 Datasheet
155Kb / 21P
   High Current Microstep Stepper Motor Driver with protection / diagnosis and SPI Interface
TMC246 ETC2-TMC246_06 Datasheet
185Kb / 26P
   High Current Microstep Stepper Motor Driver with sensorless stall detection, protection / diagnosis and SPI Interface
TMC246A ETC2-TMC246A Datasheet
181Kb / 24P
   High Current Microstep Stepper Motor Driver with sensorless stall detection, protection / diagnosis and SPI Interface
logo
TRINAMIC Motion Control...
TMC249 TRINAMIC-TMC249_16 Datasheet
844Kb / 30P
   High current microstep stepper motor driver
TMC246 TRINAMIC-TMC246_14 Datasheet
611Kb / 28P
   High current microstep stepper motor driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com