Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VS-12STBU-5IM2 Datasheet(PDF) 7 Page - Fujitsu Component Limited.

Part # VS-12STBU-5IM2
Description  POWER RELAY 1 POLE-10A
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

VS-12STBU-5IM2 Datasheet(HTML) 7 Page - Fujitsu Component Limited.

Back Button VS-12STBU-5IM2 Datasheet HTML 3Page - Fujitsu Component Limited. VS-12STBU-5IM2 Datasheet HTML 4Page - Fujitsu Component Limited. VS-12STBU-5IM2 Datasheet HTML 5Page - Fujitsu Component Limited. VS-12STBU-5IM2 Datasheet HTML 6Page - Fujitsu Component Limited. VS-12STBU-5IM2 Datasheet HTML 7Page - Fujitsu Component Limited. VS-12STBU-5IM2 Datasheet HTML 8Page - Fujitsu Component Limited. VS-12STBU-5IM2 Datasheet HTML 9Page - Fujitsu Component Limited. VS-12STBU-5IM2 Datasheet HTML 10Page - Fujitsu Component Limited. VS-12STBU-5IM2 Datasheet HTML 11Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
7
VS SERIES
n
CHARACTERISTIC DATA
AC resistive
TV-8 rated
Standard
Contact Voltage (V)
Maximum Switching Power
120
80
100
60
40
20
0
0.4
0.8
1.2
1.6
2.0
Coil Power (W)
0A
10A
Coil Temperature Rise (Standard Type)


Similar Part No. - VS-12STBU-5IM2

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
VS-12STBU5IM2 FUJITSU-VS-12STBU5IM2 Datasheet
1Mb / 9P
   POWER RELAY 1 POLE - 10A
VS-12STBU5SM2 FUJITSU-VS-12STBU5SM2 Datasheet
1Mb / 9P
   POWER RELAY 1 POLE - 10A
VS-12STBU5UC FUJITSU-VS-12STBU5UC Datasheet
1Mb / 9P
   POWER RELAY 1 POLE - 10A
VS-12STBUEIM2 FUJITSU-VS-12STBUEIM2 Datasheet
1Mb / 9P
   POWER RELAY 1 POLE - 10A
VS-12STBUESM2 FUJITSU-VS-12STBUESM2 Datasheet
1Mb / 9P
   POWER RELAY 1 POLE - 10A
More results

Similar Description - VS-12STBU-5IM2

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
VS-12STCU-E FUJITSU-VS-12STCU-E Datasheet
609Kb / 9P
   POWER RELAY 1 POLE - 10A
VS-SERIES FUJITSU-VS-SERIES Datasheet
1Mb / 9P
   POWER RELAY 1 POLE - 10A
JV-12S-KS FUJITSU-JV-12S-KS Datasheet
357Kb / 6P
   POWER RELAY 1 POLE - 10A High Power Relay
FTR-K1-10A FUJITSU-FTR-K1-10A Datasheet
536Kb / 8P
   POWER RELAY 1 POLE - 10A High Sensitivity
logo
List of Unclassifed Man...
JV-KS ETC1-JV-KS Datasheet
1Mb / 7P
   POWER RELAY 1 POLE - 10A Medium Load Control
logo
Fujitsu Component Limit...
FTR-K1-TC FUJITSU-FTR-K1-TC Datasheet
824Kb / 14P
   POWER RELAY 1 POLE - 16A/12A/10A Transparent cover
JV-3S-KT FUJITSU-JV-3S-KT Datasheet
606Kb / 8P
   POWER RELAY 1 POLE - 5A/10A Medium Load Control
logo
Omron Electronics LLC
G5LE OMRON-G5LE_V01 Datasheet
137Kb / 4P
   Cubic, Single-pole 10A Power Relay
G5Q-1A4-DC24 OMRON-G5Q-1A4-DC24 Datasheet
497Kb / 5P
   A Miniature Power Relay with 1-pole 10A Switching Capacity
logo
List of Unclassifed Man...
G5LA1ECF12DC ETC2-G5LA1ECF12DC Datasheet
176Kb / 5P
   A Cubic, Single-pole 10A Power Relay
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com