Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74HCT257N Datasheet(PDF) 2 Page - NXP Semiconductors

Part # 74HCT257N
Description  Quad 2-input multiplexer; 3-state
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74HCT257N Datasheet(HTML) 2 Page - NXP Semiconductors

  74HCT257N Datasheet HTML 1Page - NXP Semiconductors 74HCT257N Datasheet HTML 2Page - NXP Semiconductors 74HCT257N Datasheet HTML 3Page - NXP Semiconductors 74HCT257N Datasheet HTML 4Page - NXP Semiconductors 74HCT257N Datasheet HTML 5Page - NXP Semiconductors 74HCT257N Datasheet HTML 6Page - NXP Semiconductors 74HCT257N Datasheet HTML 7Page - NXP Semiconductors 74HCT257N Datasheet HTML 8Page - NXP Semiconductors 74HCT257N Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
74HC_HCT257_5
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 05 — 13 January 2010
2 of 17
NXP Semiconductors
74HC257; 74HCT257
Quad 2-input multiplexer; 3-state
3.
Ordering information
4.
Functional diagram
Table 1.
Ordering information
Type number
Package
Temperature range
Name
Description
Version
74HC257N
−40 °C to +125 °C
DIP16
plastic dual in-line package; 16 leads (300 mil)
SOT38-4
74HCT257N
74HC257D
−40 °C to +125 °C
SO16
plastic small outline package; 16 leads; body width 3.9 mm SOT109-1
74HCT257D
74HC257DB
−40 °C to +125 °C
SSOP16
plastic shrink small outline package; 16 leads;
body width 5.3 mm
SOT338-1
74HCT257DB
74HC257PW
−40 °C to +125 °C
TSSOP16
plastic thin shrink small outline package; 16 leads;
body width 4.4 mm
SOT403-1
74HCT257PW
Fig 1.
Logic symbol
Fig 2.
IEC logic symbol
mga835
S
OE
1Y
2Y
3Y
4Y
2
3
5
6
11
10
14
13
15
1
4
7
9
12
1I
0
1I
1
2I
0
2I
1
3I
0
3I
1
4I
0
4I
1
001aad467
15
1
G1
1
MUX
1
4
2
3
7
5
6
9
11
10
12
14
13
EN


Similar Part No. - 74HCT257N

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HCT257N PHILIPS-74HCT257N Datasheet
80Kb / 13P
   Quad 2-input multiplexer 3-state
1998 Sep 30
More results

Similar Description - 74HCT257N

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC257 PHILIPS-74HC257 Datasheet
80Kb / 13P
   Quad 2-input multiplexer 3-state
1998 Sep 30
74AHC257 PHILIPS-74AHC257 Datasheet
97Kb / 20P
   Quad 2-input multiplexer; 3-state
2000 Apr 03
logo
Nexperia B.V. All right...
74AHCT257 NEXPERIA-74AHCT257 Datasheet
601Kb / 16P
   Quad 2-input multiplexer; 3-state
Rev. 02 - 9 May 2008
logo
NXP Semiconductors
74LV257 PHILIPS-74LV257 Datasheet
114Kb / 12P
   Quad 2-input multiplexer 3-State
1998 May 20
74HC_HCT257 PHILIPS-74HC_HCT257_15 Datasheet
195Kb / 18P
   Quad 2-input multiplexer; 3-state
Rev. 6-26 January 2015
74AHC_AHCT257 PHILIPS-74AHC_AHCT257_15 Datasheet
99Kb / 16P
   Quad 2-input multiplexer; 3-state
Rev. 02-9 May 2008
logo
Nexperia B.V. All right...
74HC257-Q100 NEXPERIA-74HC257-Q100 Datasheet
1Mb / 16P
   Quad 2-input multiplexer; 3-state
74AHC257-Q100 NEXPERIA-74AHC257-Q100 Datasheet
706Kb / 17P
   Quad 2-input multiplexer; 3-state
74HCT257 NEXPERIA-74HCT257 Datasheet
249Kb / 15P
   Quad 2-input multiplexer; 3-state
Rev. 8 - 9 February 2021
logo
NXP Semiconductors
74AHC257 NXP-74AHC257_08 Datasheet
99Kb / 16P
   Quad 2-input multiplexer 3-state
Rev. 02-9 May 2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com