Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74HCT238 Datasheet(PDF) 10 Page - NXP Semiconductors

Part # 74HCT238
Description  3-to-8 line decoder/demultiplexer
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74HCT238 Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button 74HCT238 Datasheet HTML 6Page - NXP Semiconductors 74HCT238 Datasheet HTML 7Page - NXP Semiconductors 74HCT238 Datasheet HTML 8Page - NXP Semiconductors 74HCT238 Datasheet HTML 9Page - NXP Semiconductors 74HCT238 Datasheet HTML 10Page - NXP Semiconductors 74HCT238 Datasheet HTML 11Page - NXP Semiconductors 74HCT238 Datasheet HTML 12Page - NXP Semiconductors 74HCT238 Datasheet HTML 13Page - NXP Semiconductors 74HCT238 Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
74HC_HCT238_3
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 03 — 16 July 2007
10 of 18
NXP Semiconductors
74HC238; 74HCT238
3-to-8 line decoder/demultiplexer
Test data is given in Table 9.
Definitions for test circuit:
RT = Termination resistance should be equal to output impedance Zo of the pulse generator.
CL = Load capacitance including jig and probe capacitance.
RL = Load resistance.
S1 = Test selection switch
Fig 8.
Load circuit for measuring switching times
VM
VM
tW
tW
10 %
90 %
0 V
VI
VI
negative
pulse
positive
pulse
0 V
VM
VM
90 %
10 %
tf
tr
tr
tf
001aad983
DUT
VCC
VCC
VI
VO
RT
RL
S1
CL
open
PULSE
GENERATOR
Table 9.
Test data
Type
Input
Load
S1 position
VI
tr, tf
CL
RL
tPHL, tPLH
74HC238
VCC
6 ns
15 pF, 50 pF
1 k
open
74HCT238
3 V
6 ns
15 pF, 50 pF
1 k
open


Similar Part No. - 74HCT238

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HCT238 PHILIPS-74HCT238 Datasheet
49Kb / 7P
   3-to-8 line decoder/demultiplexer
December 1990
logo
Nexperia B.V. All right...
74HCT238 NEXPERIA-74HCT238 Datasheet
267Kb / 15P
   3-to-8 line decoder/demultiplexer
Rev. 7 - 2 September 2021
74HCT238-Q100 NEXPERIA-74HCT238-Q100 Datasheet
255Kb / 15P
   3-to-8 line decoder/demultiplexer
Rev. 3 - 3 April 2020
74HCT238BQ NEXPERIA-74HCT238BQ Datasheet
267Kb / 15P
   3-to-8 line decoder/demultiplexer
Rev. 7 - 2 September 2021
74HCT238BQ-Q100 NEXPERIA-74HCT238BQ-Q100 Datasheet
244Kb / 17P
   3-to-8 line decoder/demultiplexer
More results

Similar Description - 74HCT238

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
74ACT11238 TI-74ACT11238 Datasheet
96Kb / 7P
[Old version datasheet]   3-LINE TO 8-LINE DECODER/DEMULTIPLEXER
SN74LV138AT TI1-SN74LV138AT_15 Datasheet
984Kb / 19P
[Old version datasheet]   3-LINE TO 8-LINE DECODER/DEMULTIPLEXER
SN74LVC138A-Q1 TI1-SN74LVC138A-Q1_15 Datasheet
808Kb / 14P
[Old version datasheet]   3-LINE TO 8-LINE DECODER/DEMULTIPLEXER
logo
Renesas Technology Corp
HD74HC138 RENESAS-HD74HC138 Datasheet
67Kb / 9P
   3-to-8-line Decoder/Demultiplexer
HD74LVC138 RENESAS-HD74LVC138 Datasheet
178Kb / 6P
   3-to-8-line Decoder / Demultiplexer
HD74LV138A RENESAS-HD74LV138A_15 Datasheet
118Kb / 9P
   3-to-8-line Decoder / Demultiplexer
logo
Mitsubishi Electric Sem...
M74LS138P MITSUBISHI-M74LS138P Datasheet
215Kb / 4P
   3-LINE TO 8-LINE DECODER / DEMULTIPLEXER
logo
Texas Instruments
SN74LVC138A-EP TI1-SN74LVC138A-EP Datasheet
612Kb / 13P
[Old version datasheet]   3-LINE TO 8-LINE DECODER/DEMULTIPLEXER
SN54HCT138 TI1-SN54HCT138_16 Datasheet
1Mb / 20P
[Old version datasheet]   3-LINE TO 8-LINE DECODER/DEMULTIPLEXER
logo
Hitachi Semiconductor
HD74LVC138 HITACHI-HD74LVC138 Datasheet
37Kb / 8P
   3-to-8-line Decoder / Demultiplexer
logo
Diodes Incorporated
74AHC138 DIODES-74AHC138 Datasheet
307Kb / 10P
   3-TO-8 LINE DECODER DEMULTIPLEXER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com