Electronic Components Datasheet Search |
|
LS6J1M-1SDT Datasheet(PDF) 1 Page - CITIZEN ELECTRONICS CO., LTD. |
|
LS6J1M-1SDT Datasheet(HTML) 1 Page - CITIZEN ELECTRONICS CO., LTD. |
|
1 / 1 page 94 ● ● ● ● ● ● ● ● ● ● 照光式 LS6 シリーズ Illuminated Type LS6 Series 1. 小型であるため実用上のレイアウト の融通性が高く、2種類の厚さは他の コンポーネントとの共用により大き な自由度を与え、セット設計が容易に 行なえます。 2. LEDはスイッチの角の各コーナーに 配置されますが、1個(1色×1個)、2 個(2色×各1個又は1色×2個)の内 臓が可能です。(LEDなしでの出荷も 致します) 3. リフロー炉によるはんだ付けが出来 ます。 1. The small size of switches allows a high level of frexibility in layout, with the two different thicknesses available, permitting greater freedom of combination with other components, making set design simple. 2. LEDs are fitted on each corner of the switch, in the following combinations: 1LED (1 color×1); 2 LEDs (2 color or 1 color×2), and 4 LEDs (max. 2 colors). A switch without LED is also available. 3. Refiow soldering is possible using a reflow furnace. ●製品コード/Product code LS6 J 1 M - 1 R / T 〈シリーズ/Series〉 スイッチ高さ/Thickness J:2.5mm U:5.0mm 操作荷重/Operating force 1:1.18N(120gf) 2:1.96N(200gf) 3:2.74N(280gf) スイッチバネ種類/Kind of switch spring M:スイッチ/Switch LED付の位置及び数(LED付のみ)/Location and number of LED(s) LEDの位置及び数を下図(※)の1∼5のコードNo.から選択 Choose one number of the five code numbers from the illsutration below under ※ for the desired location and number of LED(s). J、UタイプのLEDなしの場合は未記入 This digit is not applicable to both J and U types without LED. LED発光色(LED付のみ)/Color of LED LED発光色(LED付のみ)/Color of another LED LEDの数2ヶになる場合/Applicable only to two LEDs version 包装形態/Packing mode 無記入:バルク包装 Non-coded:Bulk packing T:テーピング(基本納入形態) T:Taping (standard mode) (※)左図のコードNo.2およびコードNo.4タイプでは、いずれも2つ並んだLEDのうち、内側のものは長波長の色、外側の ものは短波長の色となります。またコードNo.5タイプでは、向かって左側のLEDが長波長の色、右側のものは短波長の 色となります。 このほかのLED1個付きタイプ、同一色2個付きタイプについては、特に規定はありません。 (※)Regarding both Code No. 2 and Code No. 4 in the left figure, the inner LED emits a long-wavelength color and the outer LED emits a short-wavelength color. Regarding Code No. 5, the LED on the observers' left emits a long-wavelength color and the other emits a short-wavelength color. The models other than the above such as 1-LED type and 2-LED 1-color type are not specified. ■ 特徴/ Features ●外形寸法図/Outline drawing 3 1 4 2 ø3.9 1 2 4 3 ø2.3 ※UR,HRは極性が逆です。 ※Polarity is reversed on the UR and HR. 3 1 4 5 6 2 ø3.9 1 2 4 5 6 3 ø2.3 単位/Unit : mm 推奨はんだ付けパターン The following soldering patterns are recommended for reflow-soldering: LS6Jタイプ/LS6J type LEDなし/without LED LED付/with LED LED付の位置及び数 (LS6J/Uタイプの LED付に適用) Location and number of LED(s)(Applicable only to LS6J and U types) コードNO. Code No. 12 4 35 LS6J LS6U 1.55 1.55 3.15 3.55 2.95 1.65 1.65 1.35 1.35 LEDなし/without LED LED付/with LED リフローはんだ用/For reflow soldering 5.2(L)×5.2(W)×5.0(H)mm 5.2(L)×5.2(W)×2.5(H)mm 回路図 Circuit diagram 回路図 Circuit diagram (※) |
Similar Part No. - LS6J1M-1SDT |
|
Similar Description - LS6J1M-1SDT |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |