Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74HCT3G14 Datasheet(PDF) 11 Page - NXP Semiconductors

Part # 74HCT3G14
Description  Triple inverting Schmitt trigger
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74HCT3G14 Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button 74HCT3G14 Datasheet HTML 7Page - NXP Semiconductors 74HCT3G14 Datasheet HTML 8Page - NXP Semiconductors 74HCT3G14 Datasheet HTML 9Page - NXP Semiconductors 74HCT3G14 Datasheet HTML 10Page - NXP Semiconductors 74HCT3G14 Datasheet HTML 11Page - NXP Semiconductors 74HCT3G14 Datasheet HTML 12Page - NXP Semiconductors 74HCT3G14 Datasheet HTML 13Page - NXP Semiconductors 74HCT3G14 Datasheet HTML 14Page - NXP Semiconductors 74HCT3G14 Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
74HC_HCT3G14_3
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 03 — 8 May 2009
11 of 18
NXP Semiconductors
74HC3G14; 74HCT3G14
Triple inverting Schmitt trigger
14. Application information
The slow input rise and fall times cause additional power dissipation, which can be
calculated using the following formula:
Padd =fi × (tr ×∆ICC(AV) +tf ×∆ICC(AV)) × VCC where:
Padd = additional power dissipation (µW);
fi = input frequency (MHz);
tr = input rise time (ns); 10 % to 90 %;
tf = input fall time (ns); 90 % to 10 %;
∆I
CC(AV) = average additional supply current (µA).
∆I
CC(AV) differs with positive or negative input transitions, as shown in Figure 12 and
Figure 13.
An example of a relaxation circuit using the 74HC3G14/74HCT3G14 is shown
in Figure 14.
linear change of VI between 0.1VCC to 0.9VCC.
Fig 12.
∆ICC(AV) as a function of VCC for 74HC3G14
mna036
0
2.0
4.0
6.0
VCC (V)
200
150
50
0
100
∆ICC(AV)
(
µA)
positive-going
edge
negative-going
edge


Similar Part No. - 74HCT3G14

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HCT3G14 PHILIPS-74HCT3G14 Datasheet
101Kb / 20P
   Inverting Schmitt-triggers
2003 Nov 04
logo
Nexperia B.V. All right...
74HCT3G14 NEXPERIA-74HCT3G14 Datasheet
248Kb / 15P
   Triple inverting Schmitt trigger
Rev. 6 - 1 February 2019
74HCT3G14-Q100 NEXPERIA-74HCT3G14-Q100 Datasheet
248Kb / 15P
   Triple inverting Schmitt trigger
Rev. 3 - 1 February 2019
logo
NXP Semiconductors
74HCT3G14DC PHILIPS-74HCT3G14DC Datasheet
101Kb / 20P
   Inverting Schmitt-triggers
2003 Nov 04
logo
Nexperia B.V. All right...
74HCT3G14DC NEXPERIA-74HCT3G14DC Datasheet
248Kb / 15P
   Triple inverting Schmitt trigger
Rev. 6 - 1 February 2019
More results

Similar Description - 74HCT3G14

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74HCT3G14-Q100 NEXPERIA-74HCT3G14-Q100 Datasheet
248Kb / 15P
   Triple inverting Schmitt trigger
Rev. 3 - 1 February 2019
logo
NXP Semiconductors
74HC_HCT3G14 PHILIPS-74HC_HCT3G14_15 Datasheet
220Kb / 21P
   Triple inverting Schmitt trigger
Rev. 5-9 December 2013
logo
Nexperia B.V. All right...
XC7WT14 NEXPERIA-XC7WT14 Datasheet
223Kb / 11P
   Triple inverting Schmitt trigger
Rev. 5 - 17 May 2021
XC7WH14 NEXPERIA-XC7WH14 Datasheet
246Kb / 14P
   Triple inverting Schmitt trigger
Rev. 6 - 22 February 2019
logo
NXP Semiconductors
XC7WH14 PHILIPS-XC7WH14_15 Datasheet
209Kb / 18P
   Triple inverting Schmitt trigger
Rev. 5-7 February 2013
logo
Nexperia B.V. All right...
74AHCT3G14 NEXPERIA-74AHCT3G14 Datasheet
267Kb / 15P
   Triple inverting Schmitt trigger
Rev. 9 - 4 December 2018
logo
NXP Semiconductors
XC7WT14 PHILIPS-XC7WT14_15 Datasheet
203Kb / 18P
   Triple inverting Schmitt trigger
Rev. 3-23 January 2013
74AHC_AHCT3G14 PHILIPS-74AHC_AHCT3G14_15 Datasheet
220Kb / 19P
   Triple inverting Schmitt trigger
Rev. 8-13 May 2013
logo
Nexperia B.V. All right...
74HCT3G14 NEXPERIA-74HCT3G14 Datasheet
248Kb / 15P
   Triple inverting Schmitt trigger
Rev. 6 - 1 February 2019
74HC3G14-Q100 NEXPERIA-74HC3G14-Q100 Datasheet
249Kb / 15P
   Triple inverting Schmitt trigger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com