Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VS-12MB-NSM2 Datasheet(PDF) 3 Page - Fujitsu Component Limited.

Part # VS-12MB-NSM2
Description  POWER RELAY 1 POLE-10A
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

VS-12MB-NSM2 Datasheet(HTML) 3 Page - Fujitsu Component Limited.

  VS-12MB-NSM2 Datasheet HTML 1Page - Fujitsu Component Limited. VS-12MB-NSM2 Datasheet HTML 2Page - Fujitsu Component Limited. VS-12MB-NSM2 Datasheet HTML 3Page - Fujitsu Component Limited. VS-12MB-NSM2 Datasheet HTML 4Page - Fujitsu Component Limited. VS-12MB-NSM2 Datasheet HTML 5Page - Fujitsu Component Limited. VS-12MB-NSM2 Datasheet HTML 6Page - Fujitsu Component Limited. VS-12MB-NSM2 Datasheet HTML 7Page - Fujitsu Component Limited. VS-12MB-NSM2 Datasheet HTML 8Page - Fujitsu Component Limited. VS-12MB-NSM2 Datasheet HTML 9Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3
VS SERIES
OrderingPartNumber
Se-
ries Coil
Coil
Power
Contact
TV
rating
Contact
Material
Safety
Standard
VS-3SM(B,C,K)-(Nil,N)
VS
3
530
M:1formA
B:Fluxfree
C:Plastic
sealedwith
tape
K:Plastic
sealed
TV-5
N:Silver
alloy
Nil:Silver
cadmium
oxide
UC:UL,CSA
SM2:UL,
CSA,VDE,
SEMKO
VS-5SM(B,C,K)-(Nil,N)
5
VS-6SM(B,C,K)-(Nil,N)
6
VS-9SM(B,C,K)-(Nil,N)
9
VS-12SM(B,C,K)-(Nil,N)
12
VS-14SM(B,C,K)-(Nil,N)
14
VS-18SM(B,C,K)-(Nil,N)
18
VS-24SM(B,C,K)-(Nil,N)
24
VS-36SM(B,C,K)-(Nil,N)
36
VS-48SM(B,C,K)-(Nil,N)
48
VS-60SM(B,C,K)-(Nil,N)
60
VS-100SM(B,C,K)-(Nil,N)
100
HighSensitivetype530mW
OrderingPartNumber
Series Coil
Coil
Power
Contact
TV
rating
Contact
Material
Safety
Standard
VS-3S(M,T)(B,C,K)U-(Nil,5,E,N)
VS
3
530
M:1formA
T:1formC
B:Flux
free
C:
Plastic
sealed
with
tape
K:
Plastic
sealed
No
TV-5
5:Silver
cadmium
oxide
N:Silver
alloy
Nil:gold
overlay-
silver
nickel
E:Silver
nickel
UC:
UL,CSA
SM2:UL,
CSA,
VDE,
SEMKO
VS-5S(M,T)(B,C,K)U-(Nil,5,E,N)
5
VS-6S(M,T)(B,C,K)U-(Nil,5,E,N)
6
VS-9S(M,T)(B,C,K)U-(Nil,5,E,N)
9
VS-12S(M,T)(B,C,K)U-(Nil,5,E,N)
12
VS-14S(M,T)(B,C,K)U-(Nil,5,E,N)
14
VS-18S(M,T)(B,C,K)U-(Nil,5,E,N)
18
VS-24S(M,T)(B,C,K)U-(Nil,5,E,N)
24
VS-36S(M,T)(B,C,K)U-(Nil,5,E,N)
36
VS-48S(M,T)(B,C,K)U-(Nil,5,E,N)
48
VS-60S(M,T)(B,C,K)U-(Nil,5,E,N)
60
VS-100S(M,T)(B,C,K)U-(Nil,5,E,N)
100
n
PART NUMBERS


Similar Part No. - VS-12MB-NSM2

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
VS-12MB-NR FUJITSU-VS-12MB-NR Datasheet
581Kb / 10P
   Standard and high sensitivity types available
VS-12MB-NR-IM2 FUJITSU-VS-12MB-NR-IM2 Datasheet
1Mb / 12P
   POWER RELAY 1 POLE-15A
VS-12MB-NR-SM2 FUJITSU-VS-12MB-NR-SM2 Datasheet
1Mb / 12P
   POWER RELAY 1 POLE-15A
VS-12MB-NR-UC FUJITSU-VS-12MB-NR-UC Datasheet
1Mb / 12P
   POWER RELAY 1 POLE-15A
More results

Similar Description - VS-12MB-NSM2

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
VS-12STCU-E FUJITSU-VS-12STCU-E Datasheet
609Kb / 9P
   POWER RELAY 1 POLE - 10A
VS-SERIES FUJITSU-VS-SERIES Datasheet
1Mb / 9P
   POWER RELAY 1 POLE - 10A
JV-12S-KS FUJITSU-JV-12S-KS Datasheet
357Kb / 6P
   POWER RELAY 1 POLE - 10A High Power Relay
FTR-K1-10A FUJITSU-FTR-K1-10A Datasheet
536Kb / 8P
   POWER RELAY 1 POLE - 10A High Sensitivity
logo
List of Unclassifed Man...
JV-KS ETC1-JV-KS Datasheet
1Mb / 7P
   POWER RELAY 1 POLE - 10A Medium Load Control
logo
Fujitsu Component Limit...
FTR-K1-TC FUJITSU-FTR-K1-TC Datasheet
824Kb / 14P
   POWER RELAY 1 POLE - 16A/12A/10A Transparent cover
JV-3S-KT FUJITSU-JV-3S-KT Datasheet
606Kb / 8P
   POWER RELAY 1 POLE - 5A/10A Medium Load Control
logo
Omron Electronics LLC
G5LE OMRON-G5LE_V01 Datasheet
137Kb / 4P
   Cubic, Single-pole 10A Power Relay
G5Q-1A4-DC24 OMRON-G5Q-1A4-DC24 Datasheet
497Kb / 5P
   A Miniature Power Relay with 1-pole 10A Switching Capacity
logo
List of Unclassifed Man...
G5LA1ECF12DC ETC2-G5LA1ECF12DC Datasheet
176Kb / 5P
   A Cubic, Single-pole 10A Power Relay
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com