Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74HCT3G04 Datasheet(PDF) 1 Page - NXP Semiconductors

Part # 74HCT3G04
Description  Inverter
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74HCT3G04 Datasheet(HTML) 1 Page - NXP Semiconductors

  74HCT3G04 Datasheet HTML 1Page - NXP Semiconductors 74HCT3G04 Datasheet HTML 2Page - NXP Semiconductors 74HCT3G04 Datasheet HTML 3Page - NXP Semiconductors 74HCT3G04 Datasheet HTML 4Page - NXP Semiconductors 74HCT3G04 Datasheet HTML 5Page - NXP Semiconductors 74HCT3G04 Datasheet HTML 6Page - NXP Semiconductors 74HCT3G04 Datasheet HTML 7Page - NXP Semiconductors 74HCT3G04 Datasheet HTML 8Page - NXP Semiconductors 74HCT3G04 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
1.
General description
The 74HC3G04 and 74HCT3G04 are high-speed Si-gate CMOS devices. They provide
three inverting buffers.
The HC device has CMOS input switching levels and supply voltage range 2 V to 6 V.
The HCT device has TTL input switching levels and supply voltage range 4.5 V to 5.5 V.
2.
Features
I Wide supply voltage range from 2.0 V to 6.0 V
I Symmetrical output impedance
I High noise immunity
I Low power dissipation
I Balanced propagation delays
I Multiple package options
I ESD protection:
N HBM JESD22-A114E exceeds 2000 V
N MM JESD22-A115-A exceeds 200 V
I Specified from −40 °C to +85 °C and −40 °C to +125 °C
3.
Ordering information
74HC3G04; 74HCT3G04
Inverter
Rev. 03 — 2 July 2008
Product data sheet
Table 1.
Ordering information
Type number
Package
Temperature range
Name
Description
Version
74HC3G04DP
−40 °C to +125 °C
TSSOP8
plastic thin shrink small outline package; 8 leads;
body width 3 mm; lead length 0.5 mm
SOT505-2
74HCT3G04DP
74HC3G04DC
−40 °C to +125 °C
VSSOP8
plastic very thin shrink small outline package; 8 leads;
body width 2.3 mm
SOT765-1
74HCT3G04DC
74HC3G04GD
−40 °C to +125 °C
XSON8U
plastic extremely thin small outline package; no leads;
8 terminals; UTLP based; body 3
× 2 × 0.5 mm
SOT996-2
74HCT3G04GD


Similar Part No. - 74HCT3G04

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HCT3G04 PHILIPS-74HCT3G04 Datasheet
82Kb / 17P
   Inverter
2003 Oct 30
logo
Nexperia B.V. All right...
74HCT3G04 NEXPERIA-74HCT3G04 Datasheet
212Kb / 12P
   Triple inverter
Rev. 5 - 26 November 2018
74HCT3G04-Q100 NEXPERIA-74HCT3G04-Q100 Datasheet
212Kb / 12P
   Triple inverter
Rev. 3 - 26 November 2018
logo
NXP Semiconductors
74HCT3G04DC PHILIPS-74HCT3G04DC Datasheet
82Kb / 17P
   Inverter
2003 Oct 30
logo
Nexperia B.V. All right...
74HCT3G04DC NEXPERIA-74HCT3G04DC Datasheet
212Kb / 12P
   Triple inverter
Rev. 5 - 26 November 2018
More results

Similar Description - 74HCT3G04

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC1GU04 PHILIPS-74LVC1GU04 Datasheet
96Kb / 15P
   Inverter
2004 Sep 21
logo
Sumida Corporation
CIUH7D45 SUMIDA-CIUH7D45 Datasheet
160Kb / 1P
   INVERTER
logo
Toshiba Semiconductor
TC7S04FTE85LF TOSHIBA-TC7S04FTE85LF Datasheet
183Kb / 7P
   Inverter
logo
Unisonic Technologies
U74AHCT3G04 UTC-U74AHCT3G04 Datasheet
193Kb / 5P
   INVERTER
logo
Toshiba Semiconductor
TC7SZ04AFE TOSHIBA-TC7SZ04AFE_07 Datasheet
153Kb / 5P
   Inverter
TC7SU04F TOSHIBA-TC7SU04F_01 Datasheet
225Kb / 6P
   INVERTER
TC7S04F TOSHIBA-TC7S04F_01 Datasheet
229Kb / 6P
   INVERTER
TC7SZ04AFS TOSHIBA-TC7SZ04AFS Datasheet
166Kb / 6P
   INVERTER
logo
Renesas Technology Corp
RJP65D05DWA RENESAS-RJP65D05DWA Datasheet
157Kb / 4P
   Inverter
RJP65M04DWA RENESAS-RJP65M04DWA_15 Datasheet
147Kb / 4P
   Inverter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com