Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74HC2G66DP Datasheet(PDF) 6 Page - NXP Semiconductors

Part # 74HC2G66DP
Description  Dual single-pole single-throw analog switch
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74HC2G66DP Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button 74HC2G66DP Datasheet HTML 2Page - NXP Semiconductors 74HC2G66DP Datasheet HTML 3Page - NXP Semiconductors 74HC2G66DP Datasheet HTML 4Page - NXP Semiconductors 74HC2G66DP Datasheet HTML 5Page - NXP Semiconductors 74HC2G66DP Datasheet HTML 6Page - NXP Semiconductors 74HC2G66DP Datasheet HTML 7Page - NXP Semiconductors 74HC2G66DP Datasheet HTML 8Page - NXP Semiconductors 74HC2G66DP Datasheet HTML 9Page - NXP Semiconductors 74HC2G66DP Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
74HC_HCT2G66_6
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 06 — 2 April 2010
6 of 21
NXP Semiconductors
74HC2G66; 74HCT2G66
Dual single-pole single-throw analog switch
10.2 ON resistance
[1]
At supply voltages approaching 2 V, the ON resistance becomes extremely non-linear. Therefore it is recommended that these devices
be used to transmit digital signals only, when using this supply voltage.
[2]
Typical values are measured at Tamb = 25 °C.
Table 8.
ON resistance for 74HC2G66 and 74HCT2G66
At recommended operating conditions; voltages are referenced to GND (ground 0 V); for graph see Figure 8.
Symbol
Parameter
Conditions
−40 °C to +85 °C
−40 °C
to +125
°C
Unit
Min
Typ[2]
Max
Min
Max
74HC2G66[1]
RON(peak) ON resistance (peak)
VI =GND to VCC; see Figure 7 and 8
ISW =0.1 mA; VCC = 2.0 V
-
250
-
-
-
Ω
ISW =1.0 mA; VCC = 4.5 V
-
41
118
-
142
Ω
ISW =1.0 mA; VCC = 6.0 V
-
30
105
-
126
Ω
ISW =1.0 mA; VCC = 9.0 V
-
21
88
-
105
Ω
RON(rail)
ON resistance (rail)
VI = GND; see Figure 7 and 8
ISW =0.1 mA; VCC =2.0 V
-
65
-
-
-
Ω
ISW =1.0 mA; VCC = 4.5 V
-
28
95
-
115
Ω
ISW =1.0 mA; VCC = 6.0 V
-
22
82
-
100
Ω
ISW =1.0 mA; VCC =9.0 V
-
18
70
-
80
Ω
VI =VCC; see Figure 7 and 8
ISW =0.1 mA; VCC =2.0 V
-
65
-
-
-
Ω
ISW =1.0 mA; VCC = 4.5 V
-
31
106
-
128
Ω
ISW =1.0 mA; VCC = 6.0 V
-
23
94
-
113
Ω
ISW =1.0 mA; VCC =9.0 V
-
19
78
-
95
Ω
ΔR
ON
ON resistance mismatch
between channels
VI =VCC to GND; see Figure 7 and 8
VCC =4.5 V
-
5
-
-
-
Ω
VCC =6.0 V
-
4
-
-
-
Ω
VCC =9.0 V
-
3
-
-
-
Ω
74HCT2G66
RON(peak) ON resistance (peak)
VI =GND to VCC; see Figure 7 and 8
ISW =1.0 mA; VCC = 4.5 V
-
41
118
-
142
Ω
RON(rail)
ON resistance (rail)
VI = GND; see Figure 7 and 8
ISW =1.0 mA; VCC = 4.5 V
-
28
95
-
115
Ω
VI =VCC; see Figure 7 and 8
ISW =1.0 mA; VCC = 4.5 V
-
31
106
-
128
Ω
ΔR
ON
ON resistance mismatch
between channels
VI =VCC to GND; see Figure 7 and 8
VCC =4.5 V
-
5
-
-
-
Ω


Similar Part No. - 74HC2G66DP

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC2G66DP PHILIPS-74HC2G66DP Datasheet
130Kb / 20P
   Bilateral switches
2004 May 19
74HC2G66DP NXP-74HC2G66DP Datasheet
233Kb / 23P
   Dual single-pole single-throw analog switch
Rev. 10-3 October 2013
logo
Nexperia B.V. All right...
74HC2G66DP NEXPERIA-74HC2G66DP Datasheet
288Kb / 19P
   Dual single-pole single-throw analog switch
Rev. 11 - 6 November 2018
74HC2G66DP-Q100 NEXPERIA-74HC2G66DP-Q100 Datasheet
274Kb / 17P
   Dual single-pole single-throw analog switch
74HC2G66DP-Q100 NEXPERIA-74HC2G66DP-Q100 Datasheet
273Kb / 17P
   Dual single-pole single-throw analog switch
Rev. 2 - 6 November 2018
More results

Similar Description - 74HC2G66DP

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74HCT2G66 NEXPERIA-74HCT2G66 Datasheet
288Kb / 19P
   Dual single-pole single-throw analog switch
Rev. 11 - 6 November 2018
74HCT2G66-Q100 NEXPERIA-74HCT2G66-Q100 Datasheet
273Kb / 17P
   Dual single-pole single-throw analog switch
Rev. 2 - 6 November 2018
logo
NXP Semiconductors
74HC2G66GT NXP-74HC2G66GT Datasheet
233Kb / 23P
   Dual single-pole single-throw analog switch
Rev. 10-3 October 2013
74HC_HCT2G66 PHILIPS-74HC_HCT2G66_15 Datasheet
233Kb / 23P
   Dual single-pole single-throw analog switch
Rev. 10-3 October 2013
logo
Nexperia B.V. All right...
74HC2G66-Q100 NEXPERIA-74HC2G66-Q100 Datasheet
274Kb / 17P
   Dual single-pole single-throw analog switch
74AHC1G66-Q100 NEXPERIA-74AHC1G66-Q100 Datasheet
811Kb / 18P
   Single-pole single-throw analog switch
74AHCT1G66 NEXPERIA-74AHCT1G66 Datasheet
263Kb / 16P
   Single-pole single-throw analog switch
Rev. 5 - 11 January 2022
74HC1G66 NEXPERIA-74HC1G66 Datasheet
269Kb / 17P
   Single-pole single-throw analog switch
Rev. 5 - 27 January 2022
logo
NXP Semiconductors
74HC_HCT1G66 PHILIPS-74HC_HCT1G66_15 Datasheet
115Kb / 18P
   Single-pole single-throw analog switch
Rev. 04-19 December 2008
74AHC1G66 NXP-74AHC1G66 Datasheet
113Kb / 17P
   Single-pole single-throw analog switch
Rev. 04-18 December 2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com