Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74HC2G34GV Datasheet(PDF) 8 Page - NXP Semiconductors

Part # 74HC2G34GV
Description  Dual buffer gate
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74HC2G34GV Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button 74HC2G34GV Datasheet HTML 4Page - NXP Semiconductors 74HC2G34GV Datasheet HTML 5Page - NXP Semiconductors 74HC2G34GV Datasheet HTML 6Page - NXP Semiconductors 74HC2G34GV Datasheet HTML 7Page - NXP Semiconductors 74HC2G34GV Datasheet HTML 8Page - NXP Semiconductors 74HC2G34GV Datasheet HTML 9Page - NXP Semiconductors 74HC2G34GV Datasheet HTML 10Page - NXP Semiconductors 74HC2G34GV Datasheet HTML 11Page - NXP Semiconductors 74HC2G34GV Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
74HC_HCT2G34_1
© NXP B.V. 2006. All rights reserved.
Product data sheet
Rev. 01 — 6 October 2006
8 of 14
NXP Semiconductors
74HC2G34; 74HCT2G34
Dual buffer gate
[1]
tpd is the same as tPLH and tPHL
[2]
tt is the same as tTLH and tTHL
[3]
CPD is used to determine the dynamic power dissipation (PD in µW).
PD =CPD × VCC2 × fi × N+ Σ(CL × VCC2 × fo) where:
fi = input frequency in MHz;
fo = output frequency in MHz;
CL = output load capacitance in pF;
VCC = supply voltage in V;
N = number of inputs switching;
Σ(C
L × VCC
2
× f
o) = sum of the outputs.
12. Waveforms
74HCT2G34
tpd
propagation delay
nA to nY; see Figure 5
[1]
VCC = 4.5 V; CL = 50 pF
-
10
18
-
23
29
ns
tt
transition time
nY; see Figure 5
[2]
VCC = 4.5 V; CL = 50 pF
-
6
15
-
19
25
ns
CPD
power dissipation
capacitance
VI = GND to VCC − 1.5 V
[3]
-9-
-
-
-
pF
Table 9.
Dynamic characteristics …continued
Voltages are referenced to GND (ground = 0 V); for test circuit see Figure 6.
Symbol
Parameter
Conditions
25
°C
−40 °C to +125 °C
Unit
Min
Typ
Max
Min
Max
(85
°C)
Max
(125
°C)
Measurement points are given in Table 10.
VOL and VOH are typical voltage output drop that occur with the output load.
Fig 5.
The data input (nA) to output (nY) propagation delays and output transition times
001aaf302
VI
nA input
tPLH
VM
90 %
90 %
10 %
10 %
VM
tPHL
tTLH
tTHL
GND
VOH
nY output
VOL
Table 10.
Measurement points
Type
Input
Output
VM
VI
tr = tf
VM
74HC2G34
0.5VCC
GND to VCC
6.0 ns
0.5VCC
74HCT2G34
1.3 V
GND to 3.0 V
6.0 ns
1.3 V


Similar Part No. - 74HC2G34GV

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74HC2G34GV NEXPERIA-74HC2G34GV Datasheet
225Kb / 13P
   Dual buffer gate
Rev. 2 - 3 February 2022
74HC2G34GV-Q100 NEXPERIA-74HC2G34GV-Q100 Datasheet
706Kb / 15P
   Dual buffer gate
More results

Similar Description - 74HC2G34GV

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AUC2G34 TI-SN74AUC2G34_09 Datasheet
738Kb / 15P
[Old version datasheet]   DUAL BUFFER GATE
SN74LVC2G34 TI-SN74LVC2G34 Datasheet
529Kb / 13P
[Old version datasheet]   DUAL BUFFER GATE
logo
NXP Semiconductors
74LVC2G34 NXP-74LVC2G34 Datasheet
85Kb / 14P
   Dual buffer gate
Rev. 04-20 July 2007
logo
Texas Instruments
SN74LVC2G34 TI1-SN74LVC2G34_18 Datasheet
1Mb / 25P
[Old version datasheet]   Dual Buffer Gate
logo
Nexperia B.V. All right...
74HC2G34-Q100 NEXPERIA-74HC2G34-Q100 Datasheet
706Kb / 15P
   Dual buffer gate
logo
NXP Semiconductors
74LVC2G34 NXP-74LVC2G34_10 Datasheet
146Kb / 17P
   Dual buffer gate
Rev. 5-2 September 2010
logo
Texas Instruments
SN74LVC2G34-EP TI1-SN74LVC2G34-EP Datasheet
538Kb / 12P
[Old version datasheet]   DUAL BUFFER GATE
logo
Nexperia B.V. All right...
74LVC2G34 NEXPERIA-74LVC2G34 Datasheet
251Kb / 16P
   Dual buffer gate
Rev. 12 - 20 January 2022
logo
NXP Semiconductors
74LVC2G34 PHILIPS-74LVC2G34 Datasheet
82Kb / 13P
   DUAL BUFFER GATE
2004 Sep 10
logo
Nexperia B.V. All right...
74LVC2G16 NEXPERIA-74LVC2G16 Datasheet
750Kb / 14P
   Dual buffer gate
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com