Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74HCT2G34 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # 74HCT2G34
Description  Dual buffer gate
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74HCT2G34 Datasheet(HTML) 4 Page - NXP Semiconductors

  74HCT2G34 Datasheet HTML 1Page - NXP Semiconductors 74HCT2G34 Datasheet HTML 2Page - NXP Semiconductors 74HCT2G34 Datasheet HTML 3Page - NXP Semiconductors 74HCT2G34 Datasheet HTML 4Page - NXP Semiconductors 74HCT2G34 Datasheet HTML 5Page - NXP Semiconductors 74HCT2G34 Datasheet HTML 6Page - NXP Semiconductors 74HCT2G34 Datasheet HTML 7Page - NXP Semiconductors 74HCT2G34 Datasheet HTML 8Page - NXP Semiconductors 74HCT2G34 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
74HC_HCT2G34_1
© NXP B.V. 2006. All rights reserved.
Product data sheet
Rev. 01 — 6 October 2006
4 of 14
NXP Semiconductors
74HC2G34; 74HCT2G34
Dual buffer gate
10. Static characteristics
Type 74HCT2G34
VCC
supply voltage
4.5
5.0
5.5
V
VI
input voltage
0
-
VCC
V
VO
output voltage
0
-
VCC
V
Tamb
ambient temperature
−40
+25
+125
°C
tr
rise time
except for Schmitt trigger inputs
VCC = 4.5 V
-
-
500
ns
tf
fall time
except for Schmitt trigger inputs
VCC = 4.5 V
-
-
500
ns
Table 6.
Recommended operating conditions …continued
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Table 7.
Static characteristics for 74HC2G34
At recommended operating conditions; voltages are referenced to GND (ground = 0 V).
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Tamb = 25 °C
VIH
HIGH-level input voltage
VCC = 2.0 V
1.5
1.2
-
V
VCC = 4.5 V
3.15
2.4
-
V
VCC = 6.0 V
4.2
3.2
-
V
VIL
LOW-level input voltage
VCC = 2.0 V
-
0.8
0.5
V
VCC = 4.5 V
-
2.1
1.35
V
VCC = 6.0 V
-
2.8
1.8
V
VOH
HIGH-level output voltage
VI = VIH or VIL
IO = −20 µA; VCC = 2.0 V
1.9
2.0
-
V
IO = −20 µA; VCC = 4.5 V
4.4
4.5
-
V
IO = −20 µA; VCC = 6.0 V
5.9
6.0
-
V
IO = −4.0 mA; VCC = 4.5 V
4.18
4.32
-
V
IO = −5.2 mA; VCC = 6.0 V
5.68
5.81
-
V
VOL
LOW-level output voltage
VI = VIH or VIL
IO = 20 µA; VCC = 2.0 V
-
0
0.1
V
IO = 20 µA; VCC = 4.5 V
-
0
0.1
V
IO = 20 µA; VCC = 6.0 V
-
0
0.1
V
IO = 4.0 mA; VCC = 4.5 V
-
0.15
0.26
V
IO = 5.2 mA; VCC = 6.0 V
-
0.16
0.26
V
II
input leakage current
VI = GND or VCC; VCC = 6.0 V
-
-
±0.1
µA
ICC
supply current
VI = GND or VCC; IO = 0 A;
VCC = 6.0 V
-
-
1.0
µA
CI
input capacitance
-
1.5
-
pF


Similar Part No. - 74HCT2G34

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74HCT2G34 NEXPERIA-74HCT2G34 Datasheet
225Kb / 13P
   Dual buffer gate
Rev. 2 - 3 February 2022
74HCT2G34GV NEXPERIA-74HCT2G34GV Datasheet
225Kb / 13P
   Dual buffer gate
Rev. 2 - 3 February 2022
74HCT2G34GV-Q100 NEXPERIA-74HCT2G34GV-Q100 Datasheet
706Kb / 15P
   Dual buffer gate
74HCT2G34GW NEXPERIA-74HCT2G34GW Datasheet
225Kb / 13P
   Dual buffer gate
Rev. 2 - 3 February 2022
74HCT2G34GW-Q100 NEXPERIA-74HCT2G34GW-Q100 Datasheet
706Kb / 15P
   Dual buffer gate
More results

Similar Description - 74HCT2G34

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AUC2G34 TI-SN74AUC2G34_09 Datasheet
738Kb / 15P
[Old version datasheet]   DUAL BUFFER GATE
SN74LVC2G34 TI-SN74LVC2G34 Datasheet
529Kb / 13P
[Old version datasheet]   DUAL BUFFER GATE
logo
NXP Semiconductors
74LVC2G34 NXP-74LVC2G34 Datasheet
85Kb / 14P
   Dual buffer gate
Rev. 04-20 July 2007
logo
Texas Instruments
SN74LVC2G34 TI1-SN74LVC2G34_18 Datasheet
1Mb / 25P
[Old version datasheet]   Dual Buffer Gate
logo
Nexperia B.V. All right...
74HC2G34-Q100 NEXPERIA-74HC2G34-Q100 Datasheet
706Kb / 15P
   Dual buffer gate
logo
NXP Semiconductors
74LVC2G34 NXP-74LVC2G34_10 Datasheet
146Kb / 17P
   Dual buffer gate
Rev. 5-2 September 2010
logo
Texas Instruments
SN74LVC2G34-EP TI1-SN74LVC2G34-EP Datasheet
538Kb / 12P
[Old version datasheet]   DUAL BUFFER GATE
logo
Nexperia B.V. All right...
74LVC2G34 NEXPERIA-74LVC2G34 Datasheet
251Kb / 16P
   Dual buffer gate
Rev. 12 - 20 January 2022
logo
NXP Semiconductors
74LVC2G34 PHILIPS-74LVC2G34 Datasheet
82Kb / 13P
   DUAL BUFFER GATE
2004 Sep 10
logo
Nexperia B.V. All right...
74LVC2G16 NEXPERIA-74LVC2G16 Datasheet
750Kb / 14P
   Dual buffer gate
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com