Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VS-12SCU-NR-IM2 Datasheet(PDF) 2 Page - Fujitsu Component Limited.

Part # VS-12SCU-NR-IM2
Description  POWER RELAY 1 POLE-15A
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

VS-12SCU-NR-IM2 Datasheet(HTML) 2 Page - Fujitsu Component Limited.

  VS-12SCU-NR-IM2 Datasheet HTML 1Page - Fujitsu Component Limited. VS-12SCU-NR-IM2 Datasheet HTML 2Page - Fujitsu Component Limited. VS-12SCU-NR-IM2 Datasheet HTML 3Page - Fujitsu Component Limited. VS-12SCU-NR-IM2 Datasheet HTML 4Page - Fujitsu Component Limited. VS-12SCU-NR-IM2 Datasheet HTML 5Page - Fujitsu Component Limited. VS-12SCU-NR-IM2 Datasheet HTML 6Page - Fujitsu Component Limited. VS-12SCU-NR-IM2 Datasheet HTML 7Page - Fujitsu Component Limited. VS-12SCU-NR-IM2 Datasheet HTML 8Page - Fujitsu Component Limited. VS-12SCU-NR-IM2 Datasheet HTML 9Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
VS-NR SERIES
OrderingPartNumber
Series Coil
Coil
Power
Contact
TV
rating
Contact
Material
Safety
Standard
VS-3M(B,C,K)-NR
VS-
NR
3
720
M:1formA
B:Fluxfree
C:Plastic
sealedwith
tape
K:Plastic
sealed
TV-8
NR:
Silver
alloy
UC:UL,CSA
SM2:UL,
CSA,VDE,
SEMKO
VS-5M(B,C,K)-NR
5
700
VS-6M(B,C,K)-NR
6
720
VS-9M(B,C,K)-NR
9
700
VS-12M(B,C,K)-NR
12
720
VS-14M(B,C,K)-NR
14
700
VS-18M(B,C,K)-NR
18
700
VS-24M(B,C,K)-NR
24
700
VS-36M(B,C,K)-NR
36
700
VS-48M(B,C,K)-NR
48
700
VS-60M(B,C,K)-NR
60
700
VS-100M(B,C,K)-NR
100
750
Standard700to750mWTV-8rating
n
PART NUMBERS
OrderingPartNumber
Series
Coil
Coil
Power
Contact
TV
rating
Contact
Material
Safety
Standard
VS-3M(B,C,K)U-NR
VS-NR
3
720
M:1formA
B:Flux
free
C:
Plastic
sealed
with
tape
K:
Plastic
sealed
No
TV-8
NR:
Silver
alloy
UC:
UL,CSA
VD3:
UL/CSA/
VDE
VS-5M(B,C,K)U-NR
5
700
VS-6M(B,C,K)U-NR
6
720
VS-9M(B,C,K)U-NR
9
700
VS-12M(B,C,K)U-NR
12
720
VS-14M(B,C,K)U-NR
14
700
VS-18M(B,C,K)U-NR
18
700
VS-24M(B,C,K)U-NR
24
700
VS-36M(B,C,K)U-NR
36
700
VS-48M(B,C,K)U-NR
48
700
VS-60M(B,C,K)U-NR
60
700
VS-100M(B,C,K)U-NR
100
750
Standard700to750mWNon-TV-8rating


Similar Part No. - VS-12SCU-NR-IM2

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
VS-12SMB-5-UC FUJITSU-VS-12SMB-5-UC Datasheet
930Kb / 12P
   POWER RELAY 1 POLE-10A
VS-12SMB-5IM2 FUJITSU-VS-12SMB-5IM2 Datasheet
930Kb / 12P
   POWER RELAY 1 POLE-10A
VS-12SMB-5SM2 FUJITSU-VS-12SMB-5SM2 Datasheet
930Kb / 12P
   POWER RELAY 1 POLE-10A
VS-12SMB-E-UC FUJITSU-VS-12SMB-E-UC Datasheet
930Kb / 12P
   POWER RELAY 1 POLE-10A
VS-12SMB-EIM2 FUJITSU-VS-12SMB-EIM2 Datasheet
930Kb / 12P
   POWER RELAY 1 POLE-10A
More results

Similar Description - VS-12SCU-NR-IM2

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
VS-12SMBU-N-UC FUJITSU-VS-12SMBU-N-UC Datasheet
930Kb / 12P
   POWER RELAY 1 POLE-10A
VS-12STCU-E FUJITSU-VS-12STCU-E Datasheet
609Kb / 9P
   POWER RELAY 1 POLE - 10A
FTR-K1-12A FUJITSU-FTR-K1-12A Datasheet
592Kb / 9P
   POWER RELAY 1 POLE - 12A
VS-SERIES FUJITSU-VS-SERIES Datasheet
1Mb / 9P
   POWER RELAY 1 POLE - 10A
JV-12S-KS FUJITSU-JV-12S-KS Datasheet
357Kb / 6P
   POWER RELAY 1 POLE - 10A High Power Relay
FTR-K3L-WG FUJITSU-FTR-K3L-WG Datasheet
386Kb / 8P
   POWER RELAY 1 POLE - 25A - Latching relay
FTR-MY FUJITSU-FTR-MY Datasheet
468Kb / 7P
   POWER RELAY 1 POLE - 5A SLIM POWER RELAY
FTR-K3L FUJITSU-FTR-K3L Datasheet
234Kb / 7P
   POWER RELAY 1 POLE - 25A Latching Relay
FTR-JR FUJITSU-FTR-JR Datasheet
524Kb / 7P
   POWER RELAY 1 POLE 16 A-SLIM POWER RELAY
FTR-F3 FUJITSU-FTR-F3_1 Datasheet
637Kb / 7P
   POWER RELAY 1 POLE 3A SLIM TYPE RELAY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com