Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FZT792 Datasheet(PDF) 2 Page - Zetex Semiconductors

Part # FZT792
Description  PNP SILICON PLANAR HIGH GAIN MEDIUM POWER TRANSISTOR
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

FZT792 Datasheet(HTML) 2 Page - Zetex Semiconductors

  FZT792 Datasheet HTML 1Page - Zetex Semiconductors FZT792 Datasheet HTML 2Page - Zetex Semiconductors FZT792 Datasheet HTML 3Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
FZT792A
FZT792A
3 - 252
ELECTRICAL CHARACTERISTICS (at Tamb= 25°C)
PARAMETER
SYMBOL MIN.
TYP.
MAX. UNIT CONDITIONS.
Base-Emitter
Turn-On Voltage
VBE(on)
-0.75
V
IC=-1A, VCE=-2V*
Static Forward
Current Transfer
hFE
300
250
200
800
IC=-10mA, VCE=-2V*
IC=-500mA, VCE=-2V*
IC=-1A, VCE=-2V*
Transition Frequency
fT
100
160
MHz
IC=-50mA, VCE=-5V
f=50MHz
Input Capacitance
Cibo
225
pF
VEB=0.5V, f=1MHz
Output Capacitance
Cobo
22
pF
VCB=-10V, f=1MHz
Switching Times
ton
toff
35
750
ns
ns
IC=-500mA,
IB1=-50mA,
IB2=-50mA, VCC=-10V
*Measured under pulsed conditions. Pulse width=300µs. Duty cycle ≤2%
Spice parameter data is available upon request for this device
IC/IB=10
IC/IB=40
IC/IB=20
IC/IB=100
VCE=2V
IC/IB=40
VCE=2V
0.01
0.1
1
10
0.8
0.6
0
1.6
0.01
0.1
1
10
0.01
0.1
1
10
1.0
0.8
0.6
0.4
0.2
1.6
1.4
1.2
0.01
0.1
1
10
1.0
0.8
0.6
0.4
0
0.2
1.6
1.4
1.2
TYPICAL CHARACTERISTICS
VCE(sat) v IC
IC -
Collector Current (Amps)
VCE(sat) v IC
IC -
Collector Current (Amps)
IC -
Collector Current (Amps)
IC -
Collector Current (Amps)
hFE v IC
VBE(sat) v IC
IC -
Collector Current (Amps)
VBE(on) v IC
750
500
250
Tamb=25°C
-55°C
+25°C
+100°C
+175°C
0
+100°C
+25°C
-55°C
0.01
0.1
1
10
1.0
0.8
0.6
0.4
0
0.2
1.6
1.4
1.2
-55°C
+25°C
+100°C
+175°C
1.8
1.4
1.2
1.0
0.4
0.2
0.8
0.6
0
1.6
1.8
1.4
1.2
1.0
0.4
0.2
-55°C
+25°C
+100°C
1
0.1
Safe Operating Area
VCE - Collector Emitter Voltage (V)
10
100
1s
DC
100ms
10ms
100µs
1ms
1
0.01
0.1
10
3 - 251


Similar Part No. - FZT792

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
FZT792A DIODES-FZT792A Datasheet
88Kb / 3P
   SOT223 PNP SILICON PLANAR HIGH GAIN
logo
List of Unclassifed Man...
FZT792A ETC2-FZT792A Datasheet
88Kb / 3P
   SOT223 PNP SILICON PLANAR HIGH GAIN MEDIUM POWER TRANSISTOR
FZT792ATA ETC2-FZT792ATA Datasheet
88Kb / 3P
   SOT223 PNP SILICON PLANAR HIGH GAIN MEDIUM POWER TRANSISTOR
logo
Diodes Incorporated
FZT792A DIODES-FZT792A_15 Datasheet
682Kb / 7P
   70V PNP MEDIUM POWER TRANSISTOR IN SOT223
More results

Similar Description - FZT792

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZTX788B DIODES-ZTX788B Datasheet
71Kb / 3P
   PNP SILICON PLANAR MEDIUM POWER HIGH GAIN TRANSISTOR
logo
Zetex Semiconductors
FZT1147A ZETEX-FZT1147A Datasheet
93Kb / 4P
   PNP SILICON PLANAR MEDIUM POWER HIGH GAIN TRANSISTOR
ZTX792A ZETEX-ZTX792A Datasheet
61Kb / 3P
   PNP SILICON PLANAR MEDIUM POWER HIGH GAIN TRANSISTOR
ZTX795A ZETEX-ZTX795A Datasheet
60Kb / 3P
   PNP SILICON PLANAR MEDIUM POWER HIGH GAIN TRANSISTOR
logo
Guangdong Kexin Industr...
FZT788B KEXIN-FZT788B Datasheet
38Kb / 2P
   PNP Silicon Planar Medium Power High Gain Transistor
logo
Diodes Incorporated
ZTX789A DIODES-ZTX789A Datasheet
71Kb / 3P
   PNP SILICON PLANAR MEDIUM POWER HIGH GAIN TRANSISTOR
ZTX790A DIODES-ZTX790A Datasheet
71Kb / 3P
   PNP SILICON PLANAR MEDIUM POWER HIGH GAIN TRANSISTOR
ZTX718 DIODES-ZTX718_15 Datasheet
96Kb / 4P
   PNP SILICON PLANAR MEDIUM POWER HIGH GAIN TRANSISTOR
ZTX1147A DIODES-ZTX1147A_15 Datasheet
78Kb / 4P
   PNP SILICON PLANAR MEDIUM POWER HIGH GAIN TRANSISTOR
logo
Zetex Semiconductors
FZT1149A ZETEX-FZT1149A Datasheet
93Kb / 4P
   PNP SILICON PLANAR MEDIUM POWER HIGH GAIN TRANSISTOR
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com