Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


F-1501 Datasheet(PDF) 1 Page - Rhombus Industries Inc.

Part No. F-1501
Description  High Frequency Data Line Filter
Download  1 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  RHOMBUS-IND [Rhombus Industries Inc.]
Homepage  http://www.rhombus-ind.com
Logo 

   
 1 page
background image
Rhombus
Transformers & Magnetic Products
Industries Inc.
NAME:
SHEET:
DATE:
RHOMBUS P/N:
CUST P/N:
15801 Chemical Lane,
Huntington Beach, CA 92649-1595
Phone: (714) 898-0960
FAX: (714) 896-0971
www.rhombus-ind.com
PARAMETER
UNITS
1Inductance
85.0 Min.
µH
1Leakage Inductance
0.25 Max.
µH
1Interwinding Capacitance
9.5 Max.
pF
Primary DC Resistance
0.20 Max.
Isolation (HI-POT)
500 Min.
V
RMS
SRF (Ref.)
12
MHz
Insulation Resistance
10k Min.
M
Power Rating
250
mW
1Tested at 100KHz and 100 mV
RMS
Turns ratio 1:1:1
+ 5%
High Frequency
Data Line Filter
Schematic Diagram
1000
800
600
400
200
0
Impedance Plot
Frequency (MHz)
Ohms
Minimum
Typical
Operating temperature Range
-45oC to +85oC
Physical Dimensions in inches (mm)
2/18/97
F-1501
0.315
(8.00)




Html Pages

1 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl