Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74HC2G02 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # 74HC2G02
Description  Dual 2-input NOR gate
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74HC2G02 Datasheet(HTML) 2 Page - NXP Semiconductors

  74HC2G02 Datasheet HTML 1Page - NXP Semiconductors 74HC2G02 Datasheet HTML 2Page - NXP Semiconductors 74HC2G02 Datasheet HTML 3Page - NXP Semiconductors 74HC2G02 Datasheet HTML 4Page - NXP Semiconductors 74HC2G02 Datasheet HTML 5Page - NXP Semiconductors 74HC2G02 Datasheet HTML 6Page - NXP Semiconductors 74HC2G02 Datasheet HTML 7Page - NXP Semiconductors 74HC2G02 Datasheet HTML 8Page - NXP Semiconductors 74HC2G02 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
74HC_HCT2G02_4
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 04 — 11 May 2009
2 of 13
NXP Semiconductors
74HC2G02; 74HCT2G02
Dual 2-input NOR gate
4.
Marking
5.
Functional diagram
6.
Pinning information
6.1 Pinning
Table 2.
Marking code
Type number
Marking code
74HC2G02DP
H02
74HCT2G02DP
T02
74HC2G02DC
H02
74HCT2G02DC
T02
74HC2G02GD
H02
74HCT2G02GD
T02
Fig 1.
Logic symbol
Fig 2.
IEC logic symbol
Fig 3.
Logic diagram (one gate)
001aah780
1A
1B
1Y
2A
2B
2Y
001aah781
1
1
mna105
B
A
Y
Fig 4.
Pin configuration SOT505-2 (TSSOP8) and
SOT765-1 (VSSOP8)
Fig 5.
Pin configuration SOT996-2 (XSON8U)
74HC2G02
74HCT2G02
1A
VCC
1B
1Y
2Y
2B
GND
2A
001aak016
1
2
3
4
6
5
8
7
001aak017
74HC2G02
74HCT2G02
Transparent top view
8
7
6
5
1
2
3
4
1A
1B
2Y
GND
VCC
1Y
2B
2A


Similar Part No. - 74HC2G02

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC2G02 PHILIPS-74HC2G02 Datasheet
83Kb / 16P
   Dual 2-input NOR gate
2003 May 14
logo
Nexperia B.V. All right...
74HC2G02 NEXPERIA-74HC2G02 Datasheet
210Kb / 12P
   Dual 2-input NOR gate
Rev. 6 - 26 July 2018
74HC2G02-Q100 NEXPERIA-74HC2G02-Q100 Datasheet
210Kb / 12P
   Dual 2-input NOR gate
74HC2G02-Q100 NEXPERIA-74HC2G02-Q100 Datasheet
209Kb / 12P
   Dual 2-input NOR gate
Rev. 2 - 26 July 2018
logo
NXP Semiconductors
74HC2G02DC PHILIPS-74HC2G02DC Datasheet
83Kb / 16P
   Dual 2-input NOR gate
2003 May 14
More results

Similar Description - 74HC2G02

ManufacturerPart #DatasheetDescription
logo
Minilogic Device Corpor...
ML74WL02 MINILOGIC-ML74WL02 Datasheet
126Kb / 3P
   Dual 2-input NOR Gate
logo
ON Semiconductor
NL27WZ02 ONSEMI-NL27WZ02_19 Datasheet
186Kb / 11P
   Dual 2-Input NOR Gate
January, 2019 ??Rev. 13
logo
Unisonic Technologies
U74AHC2G02 UTC-U74AHC2G02_15 Datasheet
207Kb / 5P
   DUAL 2-INPUT NOR GATE
logo
Panasonic Semiconductor
74LVC2G02 PANASONIC-74LVC2G02 Datasheet
91Kb / 16P
   Dual 2-input NOR gate
logo
STMicroelectronics
74V2G02 STMICROELECTRONICS-74V2G02 Datasheet
86Kb / 7P
   DUAL 2-INPUT NOR GATE
logo
Renesas Technology Corp
RD74LVC2G02 RENESAS-RD74LVC2G02 Datasheet
2Mb / 8P
   Dual 2-Input NOR Gate
logo
Unisonic Technologies
U74AHC2G02 UTC-U74AHC2G02 Datasheet
198Kb / 5P
   DUAL 2-INPUT NOR GATE
logo
ON Semiconductor
NL27WZ02 ONSEMI-NL27WZ02_13 Datasheet
109Kb / 5P
   Dual 2-Input NOR Gate
March, 2013 ??Rev. 12
logo
Nexperia B.V. All right...
74LVC2G02-Q100 NEXPERIA-74LVC2G02-Q100 Datasheet
784Kb / 13P
   Dual 2-input NOR gate
logo
ON Semiconductor
NL27WZ02 ONSEMI-NL27WZ02 Datasheet
55Kb / 6P
   Dual 2-Input NOR Gate
March, 2004 ??Rev. 6
logo
Diodes Incorporated
74LVC2G02 DIODES-74LVC2G02 Datasheet
509Kb / 11P
   DUAL 2-INPUT NOR GATE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com