Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74HCT1G08GV Datasheet(PDF) 4 Page - NXP Semiconductors

Part # 74HCT1G08GV
Description  2-input AND gate
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74HCT1G08GV Datasheet(HTML) 4 Page - NXP Semiconductors

  74HCT1G08GV Datasheet HTML 1Page - NXP Semiconductors 74HCT1G08GV Datasheet HTML 2Page - NXP Semiconductors 74HCT1G08GV Datasheet HTML 3Page - NXP Semiconductors 74HCT1G08GV Datasheet HTML 4Page - NXP Semiconductors 74HCT1G08GV Datasheet HTML 5Page - NXP Semiconductors 74HCT1G08GV Datasheet HTML 6Page - NXP Semiconductors 74HCT1G08GV Datasheet HTML 7Page - NXP Semiconductors 74HCT1G08GV Datasheet HTML 8Page - NXP Semiconductors 74HCT1G08GV Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
74HC_HCT1G08_4
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 04 — 17 July 2007
4 of 11
NXP Semiconductors
74HC1G08; 74HCT1G08
2-input AND gate
10. Static characteristics
Table 7.
Static characteristics
Voltages are referenced to GND (ground = 0 V). All typical values are measured at Tamb =25 °C.
Symbol
Parameter
Conditions
−40 °C to +85 °C
−40 °C to +125 °C
Unit
Min
Typ
Max
Min
Max
For type 74HC1G08
VIH
HIGH-level input
voltage
VCC = 2.0 V
1.5
1.2
-
1.5
-
V
VCC = 4.5 V
3.15
2.4
-
3.15
-
V
VCC = 6.0 V
4.2
3.2
-
4.2
-
V
VIL
LOW-level input
voltage
VCC = 2.0 V
-
0.8
0.5
-
0.5
V
VCC = 4.5 V
-
2.1
1.35
-
1.35
V
VCC = 6.0 V
-
2.8
1.8
-
1.8
V
VOH
HIGH-level output
voltage
VI = VIH or VIL
IO = −20 µA; VCC = 2.0 V
1.9
2.0
-
1.9
-
V
IO = −20 µA; VCC = 4.5 V
4.4
4.5
-
4.4
-
V
IO = −20 µA; VCC = 6.0 V
5.9
6.0
-
5.9
-
V
IO = −2.0 mA; VCC = 4.5 V
4.13
4.32
-
3.7
-
V
IO = −2.6 mA; VCC = 6.0 V
5.63
5.81
-
5.2
-
V
VOL
LOW-level output
voltage
VI = VIH or VIL
IO = 20 µA; VCC = 2.0 V
-
0
0.1
-
0.1
V
IO = 20 µA; VCC = 4.5 V
-
0
0.1
-
0.1
V
IO = 20 µA; VCC = 6.0 V
-
0
0.1
-
0.1
V
IO = 2.0 mA; VCC = 4.5 V
-
0.15
0.33
-
0.4
V
IO = 2.6 mA; VCC = 6.0 V
-
0.16
0.33
-
0.4
V
II
input leakage current
VI =VCC or GND; VCC = 6.0 V
-
-
1.0
-
1.0
µA
ICC
supply current
VI =VCC or GND; IO =0A;
VCC = 6.0 V
-
-
10
-
20
µA
CI
input capacitance
-
1.5
-
-
-
pF
For type 74HCT1G08
VIH
HIGH-level input
voltage
VCC = 4.5 V to 5.5 V
2.0
1.6
-
2.0
-
V
VIL
LOW-level input
voltage
VCC = 4.5 V to 5.5 V
-
1.2
0.8
-
0.8
V
VOH
HIGH-level output
voltage
VI = VIH or VIL
IO = −20 µA; VCC = 4.5 V
4.4
4.5
-
4.4
-
V
IO = −2.0 mA; VCC = 4.5 V
4.13
4.32
-
3.7
-
V
VOL
LOW-level output
voltage
VI = VIH or VIL
IO = 20 µA; VCC = 4.5 V
-
0
0.1
-
0.1
V
IO = 2.0 mA; VCC = 4.5 V
-
0.15
0.33
-
0.4
V
II
input leakage current
VI =VCC or GND; VCC = 5.5 V
-
-
1.0
-
1.0
µA


Similar Part No. - 74HCT1G08GV

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HCT1G08GV PHILIPS-74HCT1G08GV Datasheet
73Kb / 16P
   2-input AND gate
2002 May 17
74HCT1G08GV NXP-74HCT1G08GV Datasheet
69Kb / 12P
   2-input AND gate
Rev. 04-17 July 2007
logo
Nexperia B.V. All right...
74HCT1G08GV NEXPERIA-74HCT1G08GV Datasheet
208Kb / 11P
   2-input AND gate
Rev. 6 - 17 January 2022
74HCT1G08GV-Q100 NEXPERIA-74HCT1G08GV-Q100 Datasheet
727Kb / 12P
   Automotive product qualification in accordance with AEC-Q100
More results

Similar Description - 74HCT1G08GV

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC7S08F TOSHIBA-TC7S08F Datasheet
211Kb / 5P
   2-INPUT AND GATE
TC7SL08F TOSHIBA-TC7SL08F Datasheet
211Kb / 5P
   2-INPUT AND GATE
logo
Hitachi Semiconductor
HD74LV1G08A HITACHI-HD74LV1G08A Datasheet
52Kb / 10P
   2-input AND Gate
logo
Unisonic Technologies
U74AHC1G08 UTC-U74AHC1G08 Datasheet
96Kb / 5P
   2-INPUT AND GATE
logo
Toshiba Semiconductor
TC7SH08FS TOSHIBA-TC7SH08FS Datasheet
172Kb / 6P
   2-INPUT AND GATE
TC7SL08F TOSHIBA-TC7SL08F_01 Datasheet
227Kb / 6P
   2-INPUT AND GATE
TC7SET08F TOSHIBA-TC7SET08F_02 Datasheet
205Kb / 6P
   2-INPUT AND GATE
logo
Unisonic Technologies
U74AHC1G08 UTC-U74AHC1G08_11 Datasheet
155Kb / 5P
   2-INPUT AND GATE
U74HC2G08 UTC-U74HC2G08_15 Datasheet
164Kb / 5P
   2-INPUT AND GATE
logo
Renesas Technology Corp
HD74HCT1G08 RENESAS-HD74HCT1G08 Datasheet
51Kb / 8P
   2-input AND Gate
logo
NXP Semiconductors
74AHCT1G08 PHILIPS-74AHCT1G08 Datasheet
75Kb / 16P
   2-input AND gate
2002 Jun 06
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com