Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74HC1G66 Datasheet(PDF) 11 Page - NXP Semiconductors

Part # 74HC1G66
Description  Single-pole single-throw analog switch
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74HC1G66 Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button 74HC1G66 Datasheet HTML 7Page - NXP Semiconductors 74HC1G66 Datasheet HTML 8Page - NXP Semiconductors 74HC1G66 Datasheet HTML 9Page - NXP Semiconductors 74HC1G66 Datasheet HTML 10Page - NXP Semiconductors 74HC1G66 Datasheet HTML 11Page - NXP Semiconductors 74HC1G66 Datasheet HTML 12Page - NXP Semiconductors 74HC1G66 Datasheet HTML 13Page - NXP Semiconductors 74HC1G66 Datasheet HTML 14Page - NXP Semiconductors 74HC1G66 Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
74HC_HCT1G66_4
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 04 — 19 December 2008
11 of 18
NXP Semiconductors
74HC1G66; 74HCT1G66
Single-pole single-throw analog switch
11.3 Test circuits and graphs
f(−3dB)
−3 dB frequency
response
RL = 50 Ω; CL = 10 pF; see Figure 12 and 13
VCC = 4.5 V
-
180
-
MHz
VCC = 9.0 V
-
200
-
MHz
αiso
isolation (OFF-state)
RL = 600 Ω; fi = 1 MHz; see Figure 14 and 15
VCC = 4.5 V
-
−50
-
dB
VCC = 9.0 V
-
−50
-
dB
Table 12.
Additional dynamic characteristics for 74HC1G66 and 74HCT1G66 …continued
GND = 0 V; tr = tf = 6.0 ns; CL = 50 pF; unless otherwise specified. All typical values are measured at Tamb =25 °C.
Symbol Parameter
Conditions
Min
Typ
Max
Unit
Fig 11. Test circuit for measuring total harmonic distortion
10
µF
2RL
2RL
CL
fi
VIH
VO
VCC
VCC
E
D
Y/Z
Z/Y
001aai678
With fi = 1 MHz adjust the switch input voltage for a 0 dBm level at the switch output, (0 dBm = 1 mW into 50 Ω). Then Increase
the input frequency until the dB meter reads
−3dB
Fig 12. Test circuit for measuring the
−3 dB frequency response
0.1
µF
2RL
2RL
CL
fi
VIH
VO
VCC
VCC
E
dB
Y/Z
Z/Y
001aai680


Similar Part No. - 74HC1G66

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC1G66 PHILIPS-74HC1G66 Datasheet
102Kb / 20P
   Bilateral switch
2002 May 15
logo
Nexperia B.V. All right...
74HC1G66 NEXPERIA-74HC1G66 Datasheet
269Kb / 17P
   Single-pole single-throw analog switch
Rev. 5 - 27 January 2022
74HC1G66-Q100 NEXPERIA-74HC1G66-Q100 Datasheet
730Kb / 19P
   Single-pole single-throw analog switch
logo
NXP Semiconductors
74HC1G66GV PHILIPS-74HC1G66GV Datasheet
102Kb / 20P
   Bilateral switch
2002 May 15
logo
Nexperia B.V. All right...
74HC1G66GV NEXPERIA-74HC1G66GV Datasheet
269Kb / 17P
   Single-pole single-throw analog switch
Rev. 5 - 27 January 2022
More results

Similar Description - 74HC1G66

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74AHC1G66-Q100 NEXPERIA-74AHC1G66-Q100 Datasheet
811Kb / 18P
   Single-pole single-throw analog switch
74AHCT1G66 NEXPERIA-74AHCT1G66 Datasheet
263Kb / 16P
   Single-pole single-throw analog switch
Rev. 5 - 11 January 2022
74HC1G66 NEXPERIA-74HC1G66 Datasheet
269Kb / 17P
   Single-pole single-throw analog switch
Rev. 5 - 27 January 2022
logo
NXP Semiconductors
74HC_HCT1G66 PHILIPS-74HC_HCT1G66_15 Datasheet
115Kb / 18P
   Single-pole single-throw analog switch
Rev. 04-19 December 2008
74AHC1G66 NXP-74AHC1G66 Datasheet
113Kb / 17P
   Single-pole single-throw analog switch
Rev. 04-18 December 2008
logo
Nexperia B.V. All right...
74HC1G66-Q100 NEXPERIA-74HC1G66-Q100 Datasheet
730Kb / 19P
   Single-pole single-throw analog switch
74AHCAHC1G66-Q100 NEXPERIA-74AHCAHC1G66-Q100 Datasheet
262Kb / 16P
   Single-pole single-throw analog switch
Rev. 2 - 11 January 2022
logo
NXP Semiconductors
74AHC_AHCT1G66 PHILIPS-74AHC_AHCT1G66_15 Datasheet
113Kb / 17P
   Single-pole single-throw analog switch
Rev. 04-18 December 2008
HEF4066B NXP-HEF4066B Datasheet
127Kb / 16P
   Quad single-pole single-throw analog switch
Rev. 7-16 November 2011
logo
Nexperia B.V. All right...
74HCT4066 NEXPERIA-74HCT4066 Datasheet
316Kb / 21P
   Quad single-pole single-throw analog switch
Rev. 10 - 8 June 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com