Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMCJ7.0CA Datasheet(PDF) 1 Page - Diotech Company.

Part # SMCJ7.0CA
Description  SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOTECH [Diotech Company.]
Direct Link  http://www.kdiode.com
Logo DIOTECH - Diotech Company.

SMCJ7.0CA Datasheet(HTML) 1 Page - Diotech Company.

  SMCJ7.0CA Datasheet HTML 1Page - Diotech Company. SMCJ7.0CA Datasheet HTML 2Page - Diotech Company. SMCJ7.0CA Datasheet HTML 3Page - Diotech Company.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SMCJ5.0 THRU SMCJ170CA
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
Stand - Off Voltage - 5.0 to 170 Volts
Peak Pulse Power - 1500 Watt
FEATURES
MECHANICAL DATA
Glass Passivated Die Construction
Uni- and Bi-Directional Versions Available
Excellent Clamping Capability
Fast Response Time
Plastic Case Material has UL Flammability
Classification Rating 94V-O
Case: SMC/DO-214AB, Molded Plastic
Terminals: Solder Plated, Solderable
per MIL-STD-750, Method 2026
Polarity: Cathode Band Except Bi-Directional
Marking: Device Code
Weight: 0.21 grams (approx.)
Maximum Ratings and Electrical Characteristics @T
A=25°C unless otherwise specified
Characteristic
Symbol
Value
Unit
Peak Pulse Power Dissipation 10/1000µS Waveform (Note 1, 2) Figure 3
PPPM
1500 Minimum
W
Peak Pulse Current on 10/1000µS Waveform (Note 1) Figure 4
IPPM
See Table 1
A
Peak Forward Surge Current 8.3ms Single Half Sine-Wave
Superimposed on Rated Load (JEDEC Method) (Note 2, 3)
IFSM
200
A
Operating and Storage Temperature Range
Tj, TSTG
-55 to +150
°C
Note: 1. Non-repetitive current pulse per Figure 4 and derated above TA = 25°C per Figure 1.
2. Mounted on 5.0mm2 (0.013mm thick) land area.
3. Measured on 8.3ms single half sine-wave or equivalent square wave, duty cycle = 4 pulses per minutes maximum.
Dimensions in inches and (millimeters)
SMC ( DO-214AB )
.108(2.75)
.128(3.25)
.245(6.22)
.220(5.59)
.280(7.11)
.260(6.60)
.012(.305)
.006(.152)
.002(.051)
.008(.203)
.320(8.13)
.305(7.75)
.079(2.00)
.103(2.62)
.060(1.52)
.030(0.76)


Similar Part No. - SMCJ7.0CA

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
SMCJ7.0CA FAIRCHILD-SMCJ7.0CA Datasheet
127Kb / 5P
   DEVICES FOR BIPOLAR APPLICATIONS
logo
Shanghai Semitech Semic...
SMCJ7.0CA SEMITECH-SMCJ7.0CA Datasheet
224Kb / 6P
   Excellent clamping capability
logo
HY ELECTRONIC CORP.
SMCJ7.0CA HY-SMCJ7.0CA Datasheet
589Kb / 5P
   Surface Mount Unidirectional and Bidirectional Transient Voltage Suppressors
logo
SynSemi, Inc.
SMCJ7.0CA SYNSEMI-SMCJ7.0CA Datasheet
162Kb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
SUNMATE electronic Co.,...
SMCJ7.0CA SUNMATE-SMCJ7.0CA Datasheet
312Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR DIODE
More results

Similar Description - SMCJ7.0CA

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
SMBJ50 EIC-SMBJ50 Datasheet
110Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
STUB06I EIC-STUB06I_05 Datasheet
79Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Diotech Company.
3.0SMCJ5.0 DIOTECH-3.0SMCJ5.0 Datasheet
1Mb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
EIC discrete Semiconduc...
3.0SMCJ11 EIC-3.0SMCJ11 Datasheet
58Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
3.0SMCJ11C EIC-3.0SMCJ11C Datasheet
57Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
MIC GROUP RECTIFIERS
SMB5.0 MIC-SMB5.0 Datasheet
74Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Pan Jit International I...
SMF5.0A_SERIES PANJIT-SMF5.0A_SERIES_14 Datasheet
84Kb / 6P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Sangdest Microelectroni...
3.0SMCJ-GT3 SMC-3.0SMCJ-GT3 Datasheet
291Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
PACELEADER INDUSTRIAL
SMAJ PACELEADER-SMAJ Datasheet
4Mb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMBJ PACELEADER-SMBJ Datasheet
342Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMCJ PACELEADER-SMCJ Datasheet
349Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com