Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P6KE160CA Datasheet(PDF) 1 Page - Diotech Company.

Part # P6KE160CA
Description  TRANSIENT VOLTAGE SUPPRESSOR
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOTECH [Diotech Company.]
Direct Link  http://www.kdiode.com
Logo DIOTECH - Diotech Company.

P6KE160CA Datasheet(HTML) 1 Page - Diotech Company.

  P6KE160CA Datasheet HTML 1Page - Diotech Company. P6KE160CA Datasheet HTML 2Page - Diotech Company. P6KE160CA Datasheet HTML 3Page - Diotech Company.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
P6KE6.8(C)A THRU P6KE440(C)A
TRANSIENT VOLTAGE SUPPRESSOR
Stand - Off Voltage - 6.8 to 440 Volts
Peak Pulse Power - 600 Watt
FEATURES
MECHANICAL DATA
Glass Passivated Die Construction
Uni- and Bi-Directional Versions Available
Excellent Clamping Capability
Fast Response Time
High Temperat Soldering Guaranteed : 265 C/10 sec/.375."
(9.5mm) Lead Length, 51bs., (2.3kg) Tension
Case: JEDEC DO-15 molded Plastic
Terminals: Axial Leads,Solderable
per MIL-STD-750, Method 2026
Polarity: Cathode Band Except Bi-Directional
Marking: Any
Weight: 0.4grams(approx),0.015ounce
Maximum Ratings and Electrical Characteristics @T
A=25°C unless otherwise specified
Characteristic
Symbol
Value
Unit
Peak Pulse Power Dissipation 10/1000µS Waveform (Note 1, 2) Figure 3
PPPM
600 Minimum
W
Peak Pulse Current on 10/1000µS Waveform (Note 1) Figure 4
IPPM
See Table 1
A
Peak Forward Surge Current 8.3ms Single Half Sine-Wave
Superimposed on Rated Load (JEDEC Method) (Note 2, 3)
IFSM
100
A
Operating and Storage Temperature Range
Tj, TSTG
-55 to +175
°C
Note: 1. Non-repetitive current pulse per Figure 4 and derated above TA = 25°C per Figure 1.
2. Mounted on 5.0mm2 (0.013mm thick) land area.
3. Measured on 8.3ms single half sine-wave or equivalent square wave, duty cycle = 4 pulses per minutes maximum.
Dimensions in inches and (millimeters)
DO-15
0.140(3.6)
0.104(2.6)
DIA.
0.034(0.9)
0.028(0.7)
DIA.
1.0 (25.4)
MIN.
0.300(7.6)
0.230(5.8)
1.0 (25.4)
MIN.
“C” Suffix Designates Bi-directional Devices
“A” Suffix Designates 5% Tolerance Devices
No Suffix Designates 10% Tolerance Devices


Similar Part No. - P6KE160CA

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
P6KE160CA PANJIT-P6KE160CA Datasheet
62Kb / 6P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 6.8 TO 440 Volts 600Watt Peak Power 5.0 Watt Steady State)
logo
SUNMATE electronic Co.,...
P6KE160CA SUNMATE-P6KE160CA Datasheet
648Kb / 5P
   AXIAL LEADED TRANSIENT VOLTAGE SUPPERSSOR
logo
Pan Jit International I...
P6KE160CA PANJIT-P6KE160CA Datasheet
85Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
DONGGUAN YOU FENG WEI E...
P6KE160CA YFWDIODE-P6KE160CA Datasheet
1,000Kb / 6P
   Transient voltage suppressor power 600 watts
logo
Socay Electornics Co., ...
P6KE160CA SOCAY-P6KE160CA Datasheet
3Mb / 56P
   Surface Mount Transient Voltage Suppressors (TVS)
More results

Similar Description - P6KE160CA

ManufacturerPart #DatasheetDescription
logo
Sensitron
DLZ5 SENSITRON-DLZ5_08 Datasheet
64Kb / 3P
   Transient Voltage Suppressor / Data Line Transient Suppressor
logo
EIC discrete Semiconduc...
P4KE EIC-P4KE Datasheet
51Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
P6KE EIC-P6KE Datasheet
52Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
SA50 EIC-SA50 Datasheet
52Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
Micro Commercial Compon...
SMDA03C-7 MCC-SMDA03C-7 Datasheet
131Kb / 2P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
New Jersey Semi-Conduct...
15KP58C NJSEMI-15KP58C Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
15KP64C NJSEMI-15KP64C Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
15KP26CA NJSEMI-15KP26CA Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
30KP350C NJSEMI-30KP350C Datasheet
395Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
15KP220CA NJSEMI-15KP220CA Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
1.5KE11 NJSEMI-1.5KE11 Datasheet
906Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com