Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VG-12ME-K-UL Datasheet(PDF) 2 Page - Fujitsu Component Limited.

Part # VG-12ME-K-UL
Description  POWER RELAY 1 POLE-3A to 5 A (CADMIUM FREE CONTACTS TYPE)
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

VG-12ME-K-UL Datasheet(HTML) 2 Page - Fujitsu Component Limited.

  VG-12ME-K-UL Datasheet HTML 1Page - Fujitsu Component Limited. VG-12ME-K-UL Datasheet HTML 2Page - Fujitsu Component Limited. VG-12ME-K-UL Datasheet HTML 3Page - Fujitsu Component Limited. VG-12ME-K-UL Datasheet HTML 4Page - Fujitsu Component Limited. VG-12ME-K-UL Datasheet HTML 5Page - Fujitsu Component Limited. VG-12ME-K-UL Datasheet HTML 6Page - Fujitsu Component Limited. VG-12ME-K-UL Datasheet HTML 7Page - Fujitsu Component Limited.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2
VG SERIES
DISCONTINUED
s SAFETY STANDARD AND FILE NUMBERS
UL508, 873 (File No. E56140)
C22.2 No. 1, No. 14 (File No. LR35579)
Please note that UL/CSA ratings may differ from the standard ratings.
Type
Nominal voltage
Contact rating
TV-Rating
VG-TM
5 to 48 VDC
TV-5 120 VAC
1/8 HP 120 VAC/240 VAC
5 A 24 VDC/240 VAC resistive (*)
Pilot duty C 150
General
VG-H
5 to 48 VDC
1/8 HP 120 VAC/240 VAC
5 A 24 VDC/120 VAC resistive
Pilot duty C 150
VG
5 to 48 VDC
1/10 HP 120 VAC/240 VAC
3 A 30 VDC/120 VAC resistive
Pilot duty D 150
*
Only UL approval


Similar Part No. - VG-12ME-K-UL

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
VG-1011JA ETC-VG-1011JA Datasheet
186Kb / 2P
   VOLTAGE-CONTROLLED CRYSTAL OSCILLATOR
logo
Epson ToYoCom
VG-1011JA EPSONTOYOCOM-VG-1011JA Datasheet
113Kb / 1P
   Crystal oscillator
More results

Similar Description - VG-12ME-K-UL

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
NYP-12W-K-IE FUJITSU-NYP-12W-K-IE Datasheet
307Kb / 7P
   POWER RELAY 1 POLE-5 A (CADMIUM FREE CONTACTS TYPE)
NY24W-K FUJITSU-NY24W-K Datasheet
117Kb / 5P
   POWER RELAY 1 POLE—5 A (CADMIUM FREE CONTACTS TYPE)
LZG-B12HMSE-K FUJITSU-LZG-B12HMSE-K Datasheet
58Kb / 6P
   POWER RELAY 1 POLE-1, 3, 5, 10 A (CADMIUM FREE CONTACTS TYPE)
VH-12 FUJITSU-VH-12 Datasheet
92Kb / 4P
   POWER RELAY 1 POLE-16 A (CADMIUM FREE CONTACTS TYPE)
FTR-H2 FUJITSU-FTR-H2 Datasheet
564Kb / 8P
   POWER RELAY 1 POLE-10 A (CADMIUM FREE CONTACTS TYPE)
FTR-K2 FUJITSU-FTR-K2 Datasheet
556Kb / 8P
   POWER RELAY 1 POLE-16A (CADMIUM FREE CONTACTS TYPE)
FTR-F2 FUJITSU-FTR-F2 Datasheet
607Kb / 8P
   POWER RELAY 1 POLE-5A (CADMIUM FREE CONTACTS TYPE)
FTR-F2P FUJITSU-FTR-F2P Datasheet
597Kb / 8P
   1 POLE-120A Inrush Current (CADMIUM FREE CONTACTS TYPE)
FTR-F3 FUJITSU-FTR-F3_1 Datasheet
637Kb / 7P
   POWER RELAY 1 POLE 3A SLIM TYPE RELAY
FTR-F3 FUJITSU-FTR-F3 Datasheet
553Kb / 6P
   1 POLE 3A SsLIM TYPE RELAY
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com