Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KYL-600L-48 Datasheet(PDF) 4 Page - SHENZHEN KYL COMMUNICATION EQUIPMENT CO,LTD.

Part # KYL-600L-48
Description  KYL-600L Wireless audio and Data Radio Module User Manual
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KYL [SHENZHEN KYL COMMUNICATION EQUIPMENT CO,LTD.]
Direct Link  http://www.rf-data.com
Logo KYL - SHENZHEN KYL COMMUNICATION EQUIPMENT CO,LTD.

KYL-600L-48 Datasheet(HTML) 4 Page - SHENZHEN KYL COMMUNICATION EQUIPMENT CO,LTD.

  KYL-600L-48 Datasheet HTML 1Page - SHENZHEN KYL COMMUNICATION EQUIPMENT CO,LTD. KYL-600L-48 Datasheet HTML 2Page - SHENZHEN KYL COMMUNICATION EQUIPMENT CO,LTD. KYL-600L-48 Datasheet HTML 3Page - SHENZHEN KYL COMMUNICATION EQUIPMENT CO,LTD. KYL-600L-48 Datasheet HTML 4Page - SHENZHEN KYL COMMUNICATION EQUIPMENT CO,LTD. KYL-600L-48 Datasheet HTML 5Page - SHENZHEN KYL COMMUNICATION EQUIPMENT CO,LTD. KYL-600L-48 Datasheet HTML 6Page - SHENZHEN KYL COMMUNICATION EQUIPMENT CO,LTD. KYL-600L-48 Datasheet HTML 7Page - SHENZHEN KYL COMMUNICATION EQUIPMENT CO,LTD. KYL-600L-48 Datasheet HTML 8Page - SHENZHEN KYL COMMUNICATION EQUIPMENT CO,LTD.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Shen
Shen
Shen
Shenz
z
z
zhen
hen
hen
hen KYL
KYL
KYL
KYL Communication
Communication
Communication
Communication Equipment
Equipment
Equipment
Equipment Co
Co
Co
Co.
.
.
.,
,
,
, Ltd
Ltd
Ltd
Ltd
Fax:
Fax:
Fax:
Fax: +86-0755-83408785
+86-0755-83408785
+86-0755-83408785
+86-0755-83408785
kyl03losia@gmail.com
kyl03losia@gmail.com
kyl03losia@gmail.com
kyl03losia@gmail.com
www.rf-data.com
www.rf-data.com
www.rf-data.com
www.rf-data.com
4) Facility for installation and maintenance, Flexible networking
configuration, suitable for the field of multiple point but
decentralization and complex geography environment.
5) Metal shell, good shielding performance, providing frequency
passage.
6) Providing many MODEM communication protocols
7) To adapt different user structure, we can develop various size
modules and offer sufficient technology support for client use the
module and second development for free.
5.
5.
5.
5. Size
Size
Size
Size
* Product dimension: 70x46x12mm
* Antenna connection: TNC(SMA) -50Ω
* Interface definition:
Pin
No.
Signal
Name
Function
Level
Connection with
terminal
1
1
1
1
VCC
Input power
12V
5V optional
2
2
2
2
3
3
3
3
GND
Grounding of the power
4
4
4
4
5
5
5
5
A(TXD)
RS-485 A or TXD of
RS-232
Choose RS-485 or
RS-232
6
6
6
6
B(RXD)
RS-485 B or RXD of
RS-232
7
7
7
7
PTT
transmitt controlling
TTL
Low level
8
8
8
8
MIC
Input audio
Using micphone
of 1-2kΩ and -27dB
9
9
9
9
SP
Output audio
8Ω 0.5
10
10
10
10
SQ
Receiveing
TTL
High level
6.
6.
6.
6. Applications:
Applications:
Applications:
Applications:
* Industrial automatic control and remote control
* Wireless data acquisition and SCADA


Similar Part No. - KYL-600L-48

ManufacturerPart #DatasheetDescription
logo
SHENZHEN KYL COMMUNICAT...
KYL-600L KYL-KYL-600L Datasheet
209Kb / 5P
   Wireless audio Module User Manual
KYL-600L KYL-KYL-600L_1 Datasheet
209Kb / 5P
   Wireless audio Module User Manual
More results

Similar Description - KYL-600L-48

ManufacturerPart #DatasheetDescription
logo
SHENZHEN KYL COMMUNICAT...
KYL-813 KYL-KYL-813 Datasheet
226Kb / 5P
   KYL-813 wireless switch input and output module user manual
KYL-600L KYL-KYL-600L_1 Datasheet
209Kb / 5P
   Wireless audio Module User Manual
KYL-812 KYL-KYL-812 Datasheet
303Kb / 6P
   KYL-812 wireless ON-OFF input and output module user manual
logo
Shenzhen TOPWAY Technol...
LMT035DNAFWU-NBN TOPWAY-LMT035DNAFWU-NBN Datasheet
763Kb / 18P
   LCD Module User Manual
LMT035KDH03 TOPWAY-LMT035KDH03 Datasheet
2Mb / 23P
   LCD Module User Manual
LMT035KDH03-NFA TOPWAY-LMT035KDH03-NFA Datasheet
2Mb / 17P
   LCD Module User Manual
LMT035KDH03-NFN TOPWAY-LMT035KDH03-NFN Datasheet
905Kb / 16P
   LCD Module User Manual
LMT070DICFWD-NNA TOPWAY-LMT070DICFWD-NNA Datasheet
1Mb / 14P
   LCD Module User Manual
LMT070DICFWD-NFA TOPWAY-LMT070DICFWD-NFA Datasheet
666Kb / 9P
   LCD Module User Manual
LMT070DICFWD-NDN-2 TOPWAY-LMT070DICFWD-NDN-2 Datasheet
891Kb / 9P
   LCD Module User Manual
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com