Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KYL-812 Datasheet(PDF) 3 Page - SHENZHEN KYL COMMUNICATION EQUIPMENT CO,LTD.

Part # KYL-812
Description  KYL-812 wireless ON-OFF input and output module user manual
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KYL [SHENZHEN KYL COMMUNICATION EQUIPMENT CO,LTD.]
Direct Link  http://www.rf-data.com
Logo KYL - SHENZHEN KYL COMMUNICATION EQUIPMENT CO,LTD.

KYL-812 Datasheet(HTML) 3 Page - SHENZHEN KYL COMMUNICATION EQUIPMENT CO,LTD.

  KYL-812 Datasheet HTML 1Page - SHENZHEN KYL COMMUNICATION EQUIPMENT CO,LTD. KYL-812 Datasheet HTML 2Page - SHENZHEN KYL COMMUNICATION EQUIPMENT CO,LTD. KYL-812 Datasheet HTML 3Page - SHENZHEN KYL COMMUNICATION EQUIPMENT CO,LTD. KYL-812 Datasheet HTML 4Page - SHENZHEN KYL COMMUNICATION EQUIPMENT CO,LTD. KYL-812 Datasheet HTML 5Page - SHENZHEN KYL COMMUNICATION EQUIPMENT CO,LTD. KYL-812 Datasheet HTML 6Page - SHENZHEN KYL COMMUNICATION EQUIPMENT CO,LTD.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Shen
Shen
Shen
Shenz
z
z
zhen
hen
hen
hen KYL
KYL
KYL
KYL Communication
Communication
Communication
Communication Equipment
Equipment
Equipment
Equipment Co
Co
Co
Co.
.
.
.,
,
,
, Ltd
Ltd
Ltd
Ltd
Fax:
Fax:
Fax:
Fax: +86-0755-83408785
+86-0755-83408785
+86-0755-83408785
+86-0755-83408785
kyl03losia@gmail.com
kyl03losia@gmail.com
kyl03losia@gmail.com
kyl03losia@gmail.com
www.rf-data.com
www.rf-data.com
www.rf-data.com
www.rf-data.com
Working frequency 433MHz(400-470MHz);
RF power: 500mW;
Receive sensitivity: -120dBm
5、
Receive current: 30mA; transmitting current: 300mA
6、
Power supply: DC 9-15V
7、
Size: 82mm*82mm
II
II
II
III.
I.
I.
I. DIP
DIP
DIP
DIP switch
switch
switch
switch definition
definition
definition
definition
DIP8:Working mode choosing:
ON—send the inputting conditions. The module will send the
inputting conditions of the 4-channel ON-OFF
OFF—send timely every 1s or 2s; principal equipment will send
the 4-channel input condition to the subordinate equipment
(non-realtime transmission)
DIP7:Principal and subordinate mode choosing under the timing mode:
ON—subordinate equipment, OFF—principal equipment
DIP6:Sending interval choosing under the timing mode:
ON—slow(2s one time), OFF—fast(1s one time)
DIP5:No definition
DIP1-4:Channels choosing (max 16 channels)
The following is the channel correspondence table for DIP switch 1-16:
DIP NO.
Channel
No.
DIP NO.
Channel
No.
DIP NO.
Channel
No.
DIP NO.
Channel
No.


Similar Part No. - KYL-812

ManufacturerPart #DatasheetDescription
logo
SHENZHEN KYL COMMUNICAT...
KYL-812 KYL-KYL-812 Datasheet
70Kb / 5P
   wireless ON-OFF input and output module
KYL-812 KYL-KYL-812_1 Datasheet
70Kb / 5P
   wireless ON-OFF input and output module
More results

Similar Description - KYL-812

ManufacturerPart #DatasheetDescription
logo
SHENZHEN KYL COMMUNICAT...
KYL-813 KYL-KYL-813 Datasheet
226Kb / 5P
   KYL-813 wireless switch input and output module user manual
KYL-812 KYL-KYL-812_1 Datasheet
70Kb / 5P
   wireless ON-OFF input and output module
KYL-600L KYL-KYL-600L Datasheet
199Kb / 8P
   KYL-600L Wireless audio and Data Radio Module User Manual
KYL-600L KYL-KYL-600L_1 Datasheet
209Kb / 5P
   Wireless audio Module User Manual
KYL-813 KYL-KYL-813_1 Datasheet
101Kb / 4P
   wireless switches input and output module
logo
Shenzhen TOPWAY Technol...
LMT035DNAFWU-NBN TOPWAY-LMT035DNAFWU-NBN Datasheet
763Kb / 18P
   LCD Module User Manual
LMT035KDH03 TOPWAY-LMT035KDH03 Datasheet
2Mb / 23P
   LCD Module User Manual
LMT035KDH03-NFA TOPWAY-LMT035KDH03-NFA Datasheet
2Mb / 17P
   LCD Module User Manual
LMT035KDH03-NFN TOPWAY-LMT035KDH03-NFN Datasheet
905Kb / 16P
   LCD Module User Manual
LMT070DICFWD-NNA TOPWAY-LMT070DICFWD-NNA Datasheet
1Mb / 14P
   LCD Module User Manual
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com