Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KYL-300I-192 Datasheet(PDF) 11 Page - SHENZHEN KYL COMMUNICATION EQUIPMENT CO,LTD.

Part # KYL-300I-192
Description  KYL-300I Low PowerWireless Transceiver DataModule
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KYL [SHENZHEN KYL COMMUNICATION EQUIPMENT CO,LTD.]
Direct Link  http://www.rf-data.com
Logo KYL - SHENZHEN KYL COMMUNICATION EQUIPMENT CO,LTD.

KYL-300I-192 Datasheet(HTML) 11 Page - SHENZHEN KYL COMMUNICATION EQUIPMENT CO,LTD.

Back Button KYL-300I-192 Datasheet HTML 7Page - SHENZHEN KYL COMMUNICATION EQUIPMENT CO,LTD. KYL-300I-192 Datasheet HTML 8Page - SHENZHEN KYL COMMUNICATION EQUIPMENT CO,LTD. KYL-300I-192 Datasheet HTML 9Page - SHENZHEN KYL COMMUNICATION EQUIPMENT CO,LTD. KYL-300I-192 Datasheet HTML 10Page - SHENZHEN KYL COMMUNICATION EQUIPMENT CO,LTD. KYL-300I-192 Datasheet HTML 11Page - SHENZHEN KYL COMMUNICATION EQUIPMENT CO,LTD. KYL-300I-192 Datasheet HTML 12Page - SHENZHEN KYL COMMUNICATION EQUIPMENT CO,LTD. KYL-300I-192 Datasheet HTML 13Page - SHENZHEN KYL COMMUNICATION EQUIPMENT CO,LTD. KYL-300I-192 Datasheet HTML 14Page - SHENZHEN KYL COMMUNICATION EQUIPMENT CO,LTD. KYL-300I-192 Datasheet HTML 15Page - SHENZHEN KYL COMMUNICATION EQUIPMENT CO,LTD.  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
Shen
Shen
Shen
Shenz
z
z
zhen
hen
hen
hen KYL
KYL
KYL
KYL Communication
Communication
Communication
Communication Equipment
Equipment
Equipment
Equipment Co
Co
Co
Co.
.
.
.,
,
,
, Ltd
Ltd
Ltd
Ltd
Fax:
Fax:
Fax:
Fax: +86-0755-83408785
+86-0755-83408785
+86-0755-83408785
+86-0755-83408785
kyl03losia@gmail.com
kyl03losia@gmail.com
kyl03losia@gmail.com
kyl03losia@gmail.com
www.rf-data.com
www.rf-data.com
www.rf-data.com
www.rf-data.com
11
8.
8.
8.
8. The
The
The
The attentions
attentions
attentions
attentions of
of
of
of data
data
data
data transmission
transmission
transmission
transmission
a. The delay time (tc) of conversion between transmitting and receiving is less than
1ms.
Timing
Timing
Timing
Timing diagram:
diagram:
diagram:
diagram:
b.
b.
b.
b. The
The
The
The delay
delay
delay
delay time
time
time
time of
of
of
of transceivers
transceivers
transceivers
transceivers between
between
between
between the
the
the
the first
first
first
first bit
bit
bit
bit sent
sent
sent
sent by
by
by
by TxD
TxD
TxD
TxD to
to
to
to the
the
the
the first
first
first
first
bit
bit
bit
bit received
received
received
received by
by
by
by RxD.
RxD.
RxD.
RxD.
Due to a data processing will be made on user’s data by KYL-300I transceiver
using FEC (Forward Error Correction) or other correction algorithm, when RxD
of a KYL-300I transceiver ‘A’ receives the data, then transmits it, the other one
transceiver ‘B’ will have a delay (ts) to receive and transmit by TxD. Different
RF data rate causes different delay time. Please see the specific delay time
below:


Similar Part No. - KYL-300I-192

ManufacturerPart #DatasheetDescription
logo
SHENZHEN KYL COMMUNICAT...
KYL-300I-192 KYL-KYL-300I-192 Datasheet
157Kb / 11P
   Low Power Wireless Transceiver Data Module
More results

Similar Description - KYL-300I-192

ManufacturerPart #DatasheetDescription
logo
SHENZHEN KYL COMMUNICAT...
KYL-200L KYL-KYL-200L Datasheet
487Kb / 15P
   KYL-200L Low PowerWireless Transceiver DataModule
KYL-300L KYL-KYL-300L Datasheet
472Kb / 14P
   KYL-300L Low PowerWireless Transceiver DataModule
KYL-200U KYL-KYL-200U Datasheet
478Kb / 15P
   KYL-200UMicro PowerWireless Transceiver DataModule
KYL-200U KYL-KYL-200U_1 Datasheet
229Kb / 15P
   Micro PowerWireless Transceiver DataModule
KYL-210 KYL-KYL-210 Datasheet
463Kb / 14P
   KYL-210 High speed Rate RF Transceiver DataModule
KYL-200L KYL-KYL-200L_1 Datasheet
111Kb / 11P
   Low PowerWireless Transceiver Data Module
KYL-210 KYL-KYL-210_1 Datasheet
297Kb / 9P
   High speed Rate RF Transceiver DataModule
KYL-300M KYL-KYL-300M Datasheet
472Kb / 14P
   KYL-300MRF Data RadioModule
KYL-816 KYL-KYL-816 Datasheet
212Kb / 7P
   KYL-816AnalogWirelessAcquisition module UseManual
logo
List of Unclassifed Man...
DM6210 ETC-DM6210 Datasheet
1Mb / 91P
   dataModule medium speed analog input module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com