Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KYL-300I-48 Datasheet(PDF) 5 Page - SHENZHEN KYL COMMUNICATION EQUIPMENT CO,LTD.

Part # KYL-300I-48
Description  KYL-300I Low PowerWireless Transceiver DataModule
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KYL [SHENZHEN KYL COMMUNICATION EQUIPMENT CO,LTD.]
Direct Link  http://www.rf-data.com
Logo KYL - SHENZHEN KYL COMMUNICATION EQUIPMENT CO,LTD.

KYL-300I-48 Datasheet(HTML) 5 Page - SHENZHEN KYL COMMUNICATION EQUIPMENT CO,LTD.

  KYL-300I-48 Datasheet HTML 1Page - SHENZHEN KYL COMMUNICATION EQUIPMENT CO,LTD. KYL-300I-48 Datasheet HTML 2Page - SHENZHEN KYL COMMUNICATION EQUIPMENT CO,LTD. KYL-300I-48 Datasheet HTML 3Page - SHENZHEN KYL COMMUNICATION EQUIPMENT CO,LTD. KYL-300I-48 Datasheet HTML 4Page - SHENZHEN KYL COMMUNICATION EQUIPMENT CO,LTD. KYL-300I-48 Datasheet HTML 5Page - SHENZHEN KYL COMMUNICATION EQUIPMENT CO,LTD. KYL-300I-48 Datasheet HTML 6Page - SHENZHEN KYL COMMUNICATION EQUIPMENT CO,LTD. KYL-300I-48 Datasheet HTML 7Page - SHENZHEN KYL COMMUNICATION EQUIPMENT CO,LTD. KYL-300I-48 Datasheet HTML 8Page - SHENZHEN KYL COMMUNICATION EQUIPMENT CO,LTD. KYL-300I-48 Datasheet HTML 9Page - SHENZHEN KYL COMMUNICATION EQUIPMENT CO,LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
Shen
Shen
Shen
Shenz
z
z
zhen
hen
hen
hen KYL
KYL
KYL
KYL Communication
Communication
Communication
Communication Equipment
Equipment
Equipment
Equipment Co
Co
Co
Co.
.
.
.,
,
,
, Ltd
Ltd
Ltd
Ltd
Fax:
Fax:
Fax:
Fax: +86-0755-83408785
+86-0755-83408785
+86-0755-83408785
+86-0755-83408785
kyl03losia@gmail.com
kyl03losia@gmail.com
kyl03losia@gmail.com
kyl03losia@gmail.com
www.rf-data.com
www.rf-data.com
www.rf-data.com
www.rf-data.com
5
IV:
IV:
IV:
IV: How
How
How
How to
to
to
to use
use
use
use the
the
the
the KYL-300I
KYL-300I
KYL-300I
KYL-300I
KYL-300I provide RS-232, RS-485 and USB interface port for direct connection with
PC, RS485 devices, monolithic processors and other UART components kinds of
applications. The schematic diagram is shown below:
1.
1.
1.
1. Power
Power
Power
Power supply
supply
supply
supply
The factory default setting is +5V(7.5V-12V will inform when placing the
order).By using better ripple factor, KYL-300I transceivers can also share power
supply with other equipment. If possible, a voltage-stabilizing chip with 5V voltage
is more recommended as the only power supply than Switch power supply. But if
only switch power supply available, the jam by switch pulse to the transceivers
should be avoided. In addition, the reliable grounding must be used if there is other
device in the system equipment. In case of failing to connect with the ground, it can
form its own grounding but must be absolutely separated from the municipal
electric supply.
2. Connection
Connection
Connection
Connection Definition
Definition
Definition
Definition with
with
with
with terminal
terminal
terminal
terminal
KYL-300I transceivers supply one 9-pin connector (JP1), their definitions and
connection methods with terminals are shown in Table 1.
Table
Table
Table
Table 1:
1:
1:
1: JP1
JP1
JP1
JP1 Pin
Pin
Pin
Pin Definitions
Definitions
Definitions
Definitions and
and
and
and connection
connection
connection
connection methods
methods
methods
methods
Pin No. Signal Name
Function
Level
Connection
with terminal
Remarks
1
VCC
Power supply DC
5V
2
A (TXD)
A of RS-485(TxD of RS-232)
A(RxD)
3
B (RXD)
B of RS-485(RxD of RS-232)
B(TxD)
4
RxD
5
GND
GND
6
7
8
9


Similar Part No. - KYL-300I-48

ManufacturerPart #DatasheetDescription
logo
SHENZHEN KYL COMMUNICAT...
KYL-300I-48 KYL-KYL-300I-48 Datasheet
157Kb / 11P
   Low Power Wireless Transceiver Data Module
More results

Similar Description - KYL-300I-48

ManufacturerPart #DatasheetDescription
logo
SHENZHEN KYL COMMUNICAT...
KYL-200L KYL-KYL-200L Datasheet
487Kb / 15P
   KYL-200L Low PowerWireless Transceiver DataModule
KYL-300L KYL-KYL-300L Datasheet
472Kb / 14P
   KYL-300L Low PowerWireless Transceiver DataModule
KYL-200U KYL-KYL-200U Datasheet
478Kb / 15P
   KYL-200UMicro PowerWireless Transceiver DataModule
KYL-200U KYL-KYL-200U_1 Datasheet
229Kb / 15P
   Micro PowerWireless Transceiver DataModule
KYL-210 KYL-KYL-210 Datasheet
463Kb / 14P
   KYL-210 High speed Rate RF Transceiver DataModule
KYL-200L KYL-KYL-200L_1 Datasheet
111Kb / 11P
   Low PowerWireless Transceiver Data Module
KYL-210 KYL-KYL-210_1 Datasheet
297Kb / 9P
   High speed Rate RF Transceiver DataModule
KYL-300M KYL-KYL-300M Datasheet
472Kb / 14P
   KYL-300MRF Data RadioModule
KYL-816 KYL-KYL-816 Datasheet
212Kb / 7P
   KYL-816AnalogWirelessAcquisition module UseManual
logo
List of Unclassifed Man...
DM6210 ETC-DM6210 Datasheet
1Mb / 91P
   dataModule medium speed analog input module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com