Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KYL-300M Datasheet(PDF) 5 Page - SHENZHEN KYL COMMUNICATION EQUIPMENT CO,LTD.

Part # KYL-300M
Description  KYL-300MRF Data RadioModule
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KYL [SHENZHEN KYL COMMUNICATION EQUIPMENT CO,LTD.]
Direct Link  http://www.rf-data.com
Logo KYL - SHENZHEN KYL COMMUNICATION EQUIPMENT CO,LTD.

KYL-300M Datasheet(HTML) 5 Page - SHENZHEN KYL COMMUNICATION EQUIPMENT CO,LTD.

  KYL-300M Datasheet HTML 1Page - SHENZHEN KYL COMMUNICATION EQUIPMENT CO,LTD. KYL-300M Datasheet HTML 2Page - SHENZHEN KYL COMMUNICATION EQUIPMENT CO,LTD. KYL-300M Datasheet HTML 3Page - SHENZHEN KYL COMMUNICATION EQUIPMENT CO,LTD. KYL-300M Datasheet HTML 4Page - SHENZHEN KYL COMMUNICATION EQUIPMENT CO,LTD. KYL-300M Datasheet HTML 5Page - SHENZHEN KYL COMMUNICATION EQUIPMENT CO,LTD. KYL-300M Datasheet HTML 6Page - SHENZHEN KYL COMMUNICATION EQUIPMENT CO,LTD. KYL-300M Datasheet HTML 7Page - SHENZHEN KYL COMMUNICATION EQUIPMENT CO,LTD. KYL-300M Datasheet HTML 8Page - SHENZHEN KYL COMMUNICATION EQUIPMENT CO,LTD. KYL-300M Datasheet HTML 9Page - SHENZHEN KYL COMMUNICATION EQUIPMENT CO,LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
Shen
Shen
Shen
Shenz
z
z
zhen
hen
hen
hen KYL
KYL
KYL
KYL Communication
Communication
Communication
Communication Equipment
Equipment
Equipment
Equipment Co
Co
Co
Co.
.
.
.,
,
,
, Ltd
Ltd
Ltd
Ltd
Fax:
Fax:
Fax:
Fax: +86-0755-83408785
+86-0755-83408785
+86-0755-83408785
+86-0755-83408785
kyl03losia@gmail.com
kyl03losia@gmail.com
kyl03losia@gmail.com
kyl03losia@gmail.com
www.rf-data.com
www.rf-data.com
www.rf-data.com
www.rf-data.com
5
1.
1.
1.
1. Power
Power
Power
Power supply
supply
supply
supply
The factory default setting is +5V(7.5V-12V will inform when placing the
order).By using better ripple factor, KYL-300M transceivers can also share power
supply with other equipment. If possible, a voltage-stabilizing chip with 5V voltage
is more recommended as the only power supply than Switch power supply. But if
only switch power supply available, the jam by switch pulse to the transceivers
should be avoided. In addition, the reliable grounding must be used if there is other
device in the system equipment. In case of failing to connect with the ground, it can
form its own grounding but must be absolutely separated from the municipal
electric supply.
2. Connection
Connection
Connection
Connection Definition
Definition
Definition
Definition with
with
with
with terminal
terminal
terminal
terminal
KYL-300M transceivers supply one 9-pin connector (JP1), their definitions and
connection methods with terminals are shown in Table 1.
Table
Table
Table
Table 1:
1:
1:
1: JP1
JP1
JP1
JP1 Pin
Pin
Pin
Pin Definitions
Definitions
Definitions
Definitions and
and
and
and connection
connection
connection
connection methods
methods
methods
methods
Pin No. Signal Name
Function
Level
Connection
with terminal
Remarks
1
GND
Grounding of power supply
Ground
2
Vcc
Power supply DC
5V
3
RxD/TTL
Serial data input to the transceiver
TTL
TxD
4
TxD/TTL
Transmitted data out of the
transceiver
TTL
RxD
5
SGND
Signal
6
A (TXD)
A of RS-485(TxD of RS-232)
A(RxD)
7
B (RXD)
B of RS-485(RxD of RS-232)
B(TxD)
8
SLEEP
Sleep control (input)
TTL
Sleep signal
High level
sleep
9
RESET
Reset signal(input)
TTL
Negative
pulse reset
3.
3.
3.
3. The
The
The
The connection
connection
connection
connection schematic
schematic
schematic
schematic diagram
diagram
diagram
diagram between
between
between
between computer
computer
computer
computer and
and
and
and our
our
our
our


Similar Part No. - KYL-300M

ManufacturerPart #DatasheetDescription
logo
SHENZHEN KYL COMMUNICAT...
KYL-300M KYL-KYL-300M Datasheet
141Kb / 10P
   RF Data Radio Module
KYL-300M-12 KYL-KYL-300M-12 Datasheet
141Kb / 10P
   RF Data Radio Module
KYL-300M-192 KYL-KYL-300M-192 Datasheet
141Kb / 10P
   RF Data Radio Module
KYL-300M-24 KYL-KYL-300M-24 Datasheet
141Kb / 10P
   RF Data Radio Module
KYL-300M-48 KYL-KYL-300M-48 Datasheet
141Kb / 10P
   RF Data Radio Module
More results

Similar Description - KYL-300M

ManufacturerPart #DatasheetDescription
logo
SHENZHEN KYL COMMUNICAT...
KYL-300H KYL-KYL-300H Datasheet
697Kb / 14P
   KYL-300H High Speed Data RadioModule
KYL-816 KYL-KYL-816 Datasheet
212Kb / 7P
   KYL-816AnalogWirelessAcquisition module UseManual
KYL-600L KYL-KYL-600L Datasheet
199Kb / 8P
   KYL-600L Wireless audio and Data Radio Module User Manual
KYL-200L KYL-KYL-200L Datasheet
487Kb / 15P
   KYL-200L Low PowerWireless Transceiver DataModule
KYL-200U KYL-KYL-200U Datasheet
478Kb / 15P
   KYL-200UMicro PowerWireless Transceiver DataModule
KYL-300L KYL-KYL-300L Datasheet
472Kb / 14P
   KYL-300L Low PowerWireless Transceiver DataModule
KYL-210 KYL-KYL-210 Datasheet
463Kb / 14P
   KYL-210 High speed Rate RF Transceiver DataModule
KYL-300I KYL-KYL-300I Datasheet
520Kb / 15P
   KYL-300I Low PowerWireless Transceiver DataModule
KYL-813 KYL-KYL-813 Datasheet
226Kb / 5P
   KYL-813 wireless switch input and output module user manual
KYL-500L KYL-KYL-500L Datasheet
470Kb / 14P
   KYL-500L Special RF module for Wireless Order-dish System
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com