Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KYL-300H Datasheet(PDF) 10 Page - SHENZHEN KYL COMMUNICATION EQUIPMENT CO,LTD.

Part # KYL-300H
Description  KYL-300H High Speed Data RadioModule
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KYL [SHENZHEN KYL COMMUNICATION EQUIPMENT CO,LTD.]
Direct Link  http://www.rf-data.com
Logo KYL - SHENZHEN KYL COMMUNICATION EQUIPMENT CO,LTD.

KYL-300H Datasheet(HTML) 10 Page - SHENZHEN KYL COMMUNICATION EQUIPMENT CO,LTD.

Back Button KYL-300H Datasheet HTML 6Page - SHENZHEN KYL COMMUNICATION EQUIPMENT CO,LTD. KYL-300H Datasheet HTML 7Page - SHENZHEN KYL COMMUNICATION EQUIPMENT CO,LTD. KYL-300H Datasheet HTML 8Page - SHENZHEN KYL COMMUNICATION EQUIPMENT CO,LTD. KYL-300H Datasheet HTML 9Page - SHENZHEN KYL COMMUNICATION EQUIPMENT CO,LTD. KYL-300H Datasheet HTML 10Page - SHENZHEN KYL COMMUNICATION EQUIPMENT CO,LTD. KYL-300H Datasheet HTML 11Page - SHENZHEN KYL COMMUNICATION EQUIPMENT CO,LTD. KYL-300H Datasheet HTML 12Page - SHENZHEN KYL COMMUNICATION EQUIPMENT CO,LTD. KYL-300H Datasheet HTML 13Page - SHENZHEN KYL COMMUNICATION EQUIPMENT CO,LTD. KYL-300H Datasheet HTML 14Page - SHENZHEN KYL COMMUNICATION EQUIPMENT CO,LTD.  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
Shen
Shen
Shen
Shenz
z
z
zhen
hen
hen
hen KYL
KYL
KYL
KYL Communication
Communication
Communication
Communication Equipment
Equipment
Equipment
Equipment Co
Co
Co
Co.
.
.
.,
,
,
, Ltd
Ltd
Ltd
Ltd
Fax:
Fax:
Fax:
Fax: +86-0755-83408785
+86-0755-83408785
+86-0755-83408785
+86-0755-83408785
kyl03losia@gmail.com
kyl03losia@gmail.com
kyl03losia@gmail.com
kyl03losia@gmail.com
www.rf-data.com
www.rf-data.com
www.rf-data.com
www.rf-data.com
10
a.
a.
a.
a. How
How
How
How to
to
to
to use
use
use
use the
the
the
the Sleep
Sleep
Sleep
Sleep function:
function:
function:
function:
The Pin8 ‘SLP’ in JP1 is the signal of sleep control. In high power level, transceiver
stays in working mode. In low power level (<0.5V), transceiver stays in sleep mode.
The SLP signal can convert transceiver from working to sleep mode in 1ms after
falling edge. If the Sleep signal arrives when the transceiver is transmitting data, the
module will enter sleep mode after finishing transmission. From sleep mode to
working, it takes the transceiver 1ms after rising edge.
To disable the opened sleep function of KYL-300H, the SLP (SLEEP) pin should be
definitely connected with 0 or ground.
b.
b.
b.
b. Attentions
Attentions
Attentions
Attentions about
about
about
about use
use
use
use of
of
of
of sleep
sleep
sleep
sleep function:
function:
function:
function:
When the sleep function enabled, any supply glitches, such as switch dithering, fire
striking or quick switching on and off, could cause the transceiver to be switched to
the wrong sleep mode.
After switching on, users can avoid this error by making a compulsive restoration
once after the CPU delays 100ms.
Sleep
Sleep
Sleep
Sleep Timing
Timing
Timing
Timing Diagram:
Diagram:
Diagram:
Diagram:
8.
8.
8.
8. The
The
The
The attentions
attentions
attentions
attentions of
of
of
of data
data
data
data transmission
transmission
transmission
transmission
a. The delay time (tc) of conversion between transmitting and receiving is less than 1ms.
Timing
Timing
Timing
Timing diagram:
diagram:
diagram:
diagram:


Similar Part No. - KYL-300H

ManufacturerPart #DatasheetDescription
logo
SHENZHEN KYL COMMUNICAT...
KYL-300H KYL-KYL-300H Datasheet
163Kb / 9P
   High Speed Data Radio Module
KYL-300H-12 KYL-KYL-300H-12 Datasheet
163Kb / 9P
   High Speed Data Radio Module
KYL-300H-192 KYL-KYL-300H-192 Datasheet
163Kb / 9P
   High Speed Data Radio Module
KYL-300H-24 KYL-KYL-300H-24 Datasheet
163Kb / 9P
   High Speed Data Radio Module
KYL-300H-48 KYL-KYL-300H-48 Datasheet
163Kb / 9P
   High Speed Data Radio Module
More results

Similar Description - KYL-300H

ManufacturerPart #DatasheetDescription
logo
SHENZHEN KYL COMMUNICAT...
KYL-300M KYL-KYL-300M Datasheet
472Kb / 14P
   KYL-300MRF Data RadioModule
KYL-210 KYL-KYL-210 Datasheet
463Kb / 14P
   KYL-210 High speed Rate RF Transceiver DataModule
logo
Micro Linear Corporatio...
ML6622 MICRO-LINEAR-ML6622 Datasheet
94Kb / 6P
   High-Speed Data Quantizer
logo
Nippon Precision Circui...
SM6011 NPC-SM6011 Datasheet
210Kb / 8P
   High-speed Data Converter
logo
SHENZHEN KYL COMMUNICAT...
KYL-816 KYL-KYL-816 Datasheet
212Kb / 7P
   KYL-816AnalogWirelessAcquisition module UseManual
KYL-600L KYL-KYL-600L Datasheet
199Kb / 8P
   KYL-600L Wireless audio and Data Radio Module User Manual
logo
Keysight Technologies
N5384A KEYSIGHT-N5384A Datasheet
3Mb / 10P
   High-Speed Serial Data Analysis
E2688A KEYSIGHT-E2688A Datasheet
3Mb / 10P
   High-Speed Serial Data Analysis
logo
List of Unclassifed Man...
AX10410A ETC-AX10410A Datasheet
63Kb / 2P
   High Speed Data Acquisition Module
logo
ON Semiconductor
NUP4107UPMU ONSEMI-NUP4107UPMU Datasheet
94Kb / 3P
   High Speed Data Line Protection
November, 2008 ??Rev. P0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com