Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VSB-12MB Datasheet(PDF) 5 Page - Fujitsu Component Limited.

Part # VSB-12MB
Description  POWER RELAY 1 POLE-16 A (HEAVY POWER CONTROL)
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

VSB-12MB Datasheet(HTML) 5 Page - Fujitsu Component Limited.

  VSB-12MB Datasheet HTML 1Page - Fujitsu Component Limited. VSB-12MB Datasheet HTML 2Page - Fujitsu Component Limited. VSB-12MB Datasheet HTML 3Page - Fujitsu Component Limited. VSB-12MB Datasheet HTML 4Page - Fujitsu Component Limited. VSB-12MB Datasheet HTML 5Page - Fujitsu Component Limited. VSB-12MB Datasheet HTML 6Page - Fujitsu Component Limited. VSB-12MB Datasheet HTML 7Page - Fujitsu Component Limited.  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image

VSB SERIES
To be
Discon
Tinue
D
n
DIMENSIONS
l
Dimensions
l
Schematics
(BOTTOM VIEW)
l
PC board mounting
hole layout
(BOTTOM VIEW)
VSB-M type
VSB type
VSB-MC type (Plastic sealed type with tape)
VSB-C type (Plastic sealed type with tape)
Unit: mm


Similar Part No. - VSB-12MB

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
VSB-12MB FUJITSU-VSB-12MB Datasheet
127Kb / 6P
   1 POLE-16 A (HEAVY POWER CONTROL) VSB SERIES
More results

Similar Description - VSB-12MB

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
VRB-12 FUJITSU-VRB-12 Datasheet
98Kb / 5P
   POWER RELAY 1 POLE-15 A (HEAVY POWER CONTROL)
VSB-24 FUJITSU-VSB-24 Datasheet
127Kb / 6P
   1 POLE-16 A (HEAVY POWER CONTROL) VSB SERIES
VFB-6HU FUJITSU-VFB-6HU Datasheet
356Kb / 8P
   POWER RELAY 1 POLE-20, 25, 30 A (HEAVY POWER CONTROL)
FTR-K3F FUJITSU-FTR-K3F Datasheet
335Kb / 8P
   POWER RELAY 1 POLE - 25A Heavy Load Control
FTR-JR FUJITSU-FTR-JR Datasheet
524Kb / 7P
   POWER RELAY 1 POLE 16 A-SLIM POWER RELAY
VF-24HU FUJITSU-VF-24HU Datasheet
161Kb / 8P
   POWER RELAY 1 POLE - 20/25/30A - Heavy power control VF Series
FTR-K3 FUJITSU-FTR-K3_11 Datasheet
572Kb / 7P
   POWER RELAY 1 POLE - 20A Heavy Load
FTR-K3 FUJITSU-FTR-K3_10 Datasheet
686Kb / 8P
   POWER RELAY 1 POLE - 20A Heavy Load
VE-12HMSE-K-HV-VD FUJITSU-VE-12HMSE-K-HV-VD Datasheet
358Kb / 8P
   POWER RELAY 1 POLE-5 A (MEDIUM LOAD CONTROL)
JS-5M-K-V3 FUJITSU-JS-5M-K-V3 Datasheet
740Kb / 9P
   POWER RELAY 1 POLE-8 A (MEDIUM LOAD CONTROL)
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com