Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZM4739A Datasheet(PDF) 3 Page - Diotech Company.

Part # ZM4739A
Description  1W EPITAXIAL ZENER DIODE
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOTECH [Diotech Company.]
Direct Link  http://www.kdiode.com
Logo DIOTECH - Diotech Company.

ZM4739A Datasheet(HTML) 3 Page - Diotech Company.

  ZM4739A Datasheet HTML 1Page - Diotech Company. ZM4739A Datasheet HTML 2Page - Diotech Company. ZM4739A Datasheet HTML 3Page - Diotech Company.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
RATINGS AND CHARACTERISTIC CURVES
ZM4728A THRU ZM4764A
FIG.1 -- BREAKDOWN CHARACTERISTICS
FIG.2 -- ADMISSIBLE POWER DISSIPATION VERSUS AMBIENT TEMPERATURE
50
0
0.2
0.4
0.6
0.8
1.0
100
150
200
250
AMBIENT TEMPERATURE, C
O
Vz (V)
5
10
15
20
25
0
20
40
60
80
100
30


Similar Part No. - ZM4739A

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZM4739A DIODES-ZM4739A Datasheet
64Kb / 3P
   1.0W SURFACE MOUNT ZENER DIODE
DS18009 Rev. 3 - 3
logo
Vishay Siliconix
ZM4739A VISHAY-ZM4739A Datasheet
90Kb / 4P
   Zener Diodes
Rev. 1.5, 17-Oct-12
logo
TAITRON Components Inco...
ZM4739A TAITRON-ZM4739A Datasheet
201Kb / 4P
   Surface Mount 1W Zener Diodes
logo
PACELEADER INDUSTRIAL
ZM4739A PACELEADER-ZM4739A Datasheet
179Kb / 3P
   SILICON PLANAR POWER ZENER DIODES
logo
Vishay Siliconix
ZM4739A VISHAY-ZM4739A Datasheet
104Kb / 5P
   Zener Diodes
Rev. 1.4, 12-Dec-05
More results

Similar Description - ZM4739A

ManufacturerPart #DatasheetDescription
logo
Diotech Company.
1N4728A DIOTECH-1N4728A Datasheet
856Kb / 3P
   1W EPITAXIAL ZENER DIODE
DL4728A DIOTECH-DL4728A Datasheet
902Kb / 3P
   1W EPITAXIAL ZENER DIODE
1N4729A DIOTECH-1N4729A Datasheet
946Kb / 3P
   1W EPITAXIAL ZENER DIODE
logo
Jinan Gude Electronic D...
1N4728A JGD-1N4728A Datasheet
190Kb / 2P
   1W ZENER DIODE
logo
DIYI Electronic Technol...
1SMA4728A DYELEC-1SMA4728A Datasheet
107Kb / 1P
   ZENER DIODE 1W
logo
List of Unclassifed Man...
1N4728A ETC-1N4728A Datasheet
190Kb / 2P
   1W ZENER DIODE
logo
Zibo Seno Electronic En...
ZM4728 ZSELEC-ZM4728 Datasheet
194Kb / 3P
   1W SURFACE MOUNT ZENER DIODE
logo
Shenzhen Taychipst Elec...
1N5221B TAYCHIPST-1N5221B Datasheet
4Mb / 2P
   EPITAXIAL ZENER DIODE
logo
NEC
RD4.7P NEC-RD4.7P Datasheet
258Kb / 6P
   1W POWER MINI MOLD ZENER DIODE
logo
Diotech Company.
SMA4728A DIOTECH-SMA4728A Datasheet
657Kb / 2P
   1W SURFACE MOUNT SILICON ZENER DIODE
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com