Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMCJ48A Datasheet(PDF) 2 Page - Diotech Company.

Part # SMCJ48A
Description  SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOTECH [Diotech Company.]
Direct Link  http://www.kdiode.com
Logo DIOTECH - Diotech Company.

SMCJ48A Datasheet(HTML) 2 Page - Diotech Company.

  SMCJ48A Datasheet HTML 1Page - Diotech Company. SMCJ48A Datasheet HTML 2Page - Diotech Company. SMCJ48A Datasheet HTML 3Page - Diotech Company.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SMCJ5.0 THRU SMCJ170CA
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
Stand - Off Voltage - 5.0 to 170 Volts
Peak Pulse Power - 1500 Watt
SMCJ
PART NUMBER
UNI-POLAR
BI-POLAR
SMCJ7.5CA
SMCJ8.0CA
SMCJ8.5CA
SMCJ9.0CA
SMCJ5.0A
SMCJ6.0A
SMCJ6.5A
SMCJ7.0A
SMCJ7.5A
SMCJ8.0A
SMCJ8.5A
SMCJ9.0A
SMCJ10A
SMCJ11A
SMCJ12A
SMCJ13A
SMCJ14A
SMCJ15A
SMCJ16A
SMCJ17A
SMCJ18A
SMCJ20A
SMCJ22A
SMCJ24A
SMCJ26A
SMCJ28A
SMCJ30A
SMCJ33A
SMCJ48A
SMCJ51A
SMCJ54A
SMCJ58A
SMCJ36A
SMCJ40A
SMCJ43A
SMCJ45A
SMCJ60A
SMCJ64A
SMCJ70A
SMCBJ75A
SMCJ78A
SMCJ85A
SMCJ90A
SMCJ100A
SMCJ110A
SMCJ120A
SMCJ130A
SMCJ150A
SMCJ160A
SMCJ170A
SMCJ5.0CA
SMCJ6.0CA
SMCJ6.5CA
SMCJ7.0CA
SMCJ160CA
SMCJ170CA
SMCJ110CA
SMCJ120CA
SMCJ130CA
SMCJ150CA
SMCJ78CA
SMCJ85CA
SMCJ90CA
SMCJ100CA
SMCJ60CA
SMCJ64CA
SMCJ70CA
SMCJ75CA
SMCJ58CA
SMCJ51CA
SMCJ54CA
SMCJ58CA
SMCJ36CA
SMCJ40CA
SMCJ43CA
SMCJ45CA
SMCJ26CA
SMCJ28CA
SMCJ30CA
SMCJ33CA
SMCJ18CA
SMCJ20CA
SMCJ22CA
SMCJ24CA
SMCJ14CA
SMCJ15CA
SMCJ16CA
SMCJ17CA
SMCJ10CA
SMCJ11CA
SMCJ12CA
SMCJ13CA
DEVICE
MARKING
CODE
UNI
BI
GDE
GDG
GDK
GDM
GDP
GDR
GDT
GDV
GDX
GDZ
GEE
GEG
GEK
GEM
GEP
GER
GET
GEV
GEX
GEZ
GFE
GFG
GFK
GFM
GFP
GFR
GFT
GFV
GFX
GFZ
GGE
GGG
GGT
GGV
GGX
GGZ
GGK
GGM
GGP
GGR
GHE
GHG
GHK
GHM
GHP
GHR
BDE
BDG
BDK
BDM
BHP
BHR
BDP
BDR
BDT
BDV
BDX
BDZ
BEE
BEG
BEK
BEM
BEP
BER
BET
BEV
BEX
BEZ
BFE
BFG
BFKK
BFM
BFP
BFR
BFT
BFV
BFX
BFZ
BGE
BGG
BGT
BGV
BGX
BGZ
BGK
BGM
BGP
BGR
BHE
BHG
BHK
BHM
REVERSE
STAND-OFF
VOLTAGE
VRWM (V)
BREAKDOW
N VOLTAGE
VBR(V)
Min.@ IT
BREAKDOW
N VOLTAGE
VBR (V)
Max.@ IT
TEST
CURRENT
IT (mA)
MAXIMUM
CLAMPING
VOLTAGE
@ IPP VC (V)
PEAK
PULSE
CURRENT
IPP (A)
REVERSE
LEAKAGE
@ VRWM
IR ( A)
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
10
10
10
10
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
800
800
500
200
100
50
20
10
5.0
6.0
6.5
7.0
160.0
170.0
110.0
120.0
130.0
150.0
78.0
85.0
90.0
100.0
60.0
64.0
70.0
75.0
48.0
51.0
54.0
58.0
36.0
40.0
43.0
45.0
26.0
28.0
30.0
33.0
18.0
20.0
22.0
24.0
14.0
15.0
16.0
17.0
10.0
11.0
12.0
13.0
7.5
8.0
8.5
9.0
6.4
6.67
7.22
7.78
178.00
189.00
122.00
133.00
144.00
167.00
86.70
94.40
100.00
111.00
66.70
71.10
77.80
83.30
53.30
56.70
60.00
64.40
40.00
44.40
47.80
50.00
28.90
31.10
33.30
36.70
20.00
22.20
24.40
26.70
15.60
16.70
17.80
18.90
11.10
12.20
13.30
14.40
8.33
8.89
9.44
10.00
7.00
7.37
7.98
8.60
197.00
209.00
135.00
147.00
159.00
185.00
95.80
104.00
111.00
123.00
73.70
78.60
86.00
92.10
58.90
62.70
66.30
71.20
44.20
49.10
52.80
55.30
31.90
34.40
36.80
40.60
22.10
24.50
26.90
29.50
17.20
18.50
19.70
20.90
12.30
13.50
14.70
15.90
9.21
9.83
10.40
11.10
9.2
10.3
11.2
12.0
259.0
275.0
177.0
193.0
209.0
243.0
126.0
137.0
146.0
162.0
96.8
103.0
113.0
121.0
77.4
82.4
87.1
93.6
58.1
64.5
69.4
72.7
42.1
45.4
48.4
53.3
29.2
32.4
35.5
38.9
23.2
24.4
26.0
27.6
17.0
18.2
19.9
21.5
12.9
13.6
14.4
15.4
For bidirectional type having Vrwm of 10 volts and less, the IR limit is double.
For parts without A , the VBR is
10%
163.0
145.7
134.0
125.0
8.5
7.8
7.2
6.2
11.9
11.0
10.3
9.3
15.5
14.6
13.3
12.4
19.4
18.2
17.3
16.1
25.9
23.3
21.7
20.6
35.7
33.1
31.0
28.2
51.4
46.3
42.3
38.6
64.7
61.7
57.7
54.4
88.3
82.5
75.4
69.8
116.3
110.3
104.2
97.4
5.8
5.5


Similar Part No. - SMCJ48A

ManufacturerPart #DatasheetDescription
logo
Dc Components
SMCJ48A DCCOM-SMCJ48A Datasheet
1Mb / 4P
   TECHNICAL SPECIFICATIONS OF SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Vishay Siliconix
SMCJ48A VISHAY-SMCJ48A Datasheet
94Kb / 5P
   Surface Mount TRANSZORB Transient Voltage Suppressors
Revision: 10-Dec-13
SMCJ48A VISHAY-SMCJ48A Datasheet
93Kb / 5P
   Surface Mount TRANSZORB® Transient Voltage Suppressors
Revision: 20-Dec-11
logo
SAMYANG ELECTRONICS CO....
SMCJ48A SAMYANG-SMCJ48A Datasheet
2Mb / 6P
   Surface Mount Transient Voltage Suppressors
logo
Vishay Siliconix
SMCJ48A VISHAY-SMCJ48A Datasheet
96Kb / 5P
   Surface Mount TRANSZORB Transient Voltage Suppressors
Revision: 11-Dec-12
More results

Similar Description - SMCJ48A

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
SMBJ50 EIC-SMBJ50 Datasheet
110Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
STUB06I EIC-STUB06I_05 Datasheet
79Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Diotech Company.
3.0SMCJ5.0 DIOTECH-3.0SMCJ5.0 Datasheet
1Mb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
EIC discrete Semiconduc...
3.0SMCJ11 EIC-3.0SMCJ11 Datasheet
58Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
3.0SMCJ11C EIC-3.0SMCJ11C Datasheet
57Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
MIC GROUP RECTIFIERS
SMB5.0 MIC-SMB5.0 Datasheet
74Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Pan Jit International I...
SMF5.0A_SERIES PANJIT-SMF5.0A_SERIES_14 Datasheet
84Kb / 6P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Sangdest Microelectroni...
3.0SMCJ-GT3 SMC-3.0SMCJ-GT3 Datasheet
291Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
PACELEADER INDUSTRIAL
SMAJ PACELEADER-SMAJ Datasheet
4Mb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMBJ PACELEADER-SMBJ Datasheet
342Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMCJ PACELEADER-SMCJ Datasheet
349Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com