Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VE-12HSE5-K-HV-VD Datasheet(PDF) 1 Page - Fujitsu Component Limited.

Part # VE-12HSE5-K-HV-VD
Description  POWER RELAY 1 POLE-5 A (MEDIUM LOAD CONTROL)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

VE-12HSE5-K-HV-VD Datasheet(HTML) 1 Page - Fujitsu Component Limited.

  VE-12HSE5-K-HV-VD Datasheet HTML 1Page - Fujitsu Component Limited. VE-12HSE5-K-HV-VD Datasheet HTML 2Page - Fujitsu Component Limited. VE-12HSE5-K-HV-VD Datasheet HTML 3Page - Fujitsu Component Limited. VE-12HSE5-K-HV-VD Datasheet HTML 4Page - Fujitsu Component Limited. VE-12HSE5-K-HV-VD Datasheet HTML 5Page - Fujitsu Component Limited. VE-12HSE5-K-HV-VD Datasheet HTML 6Page - Fujitsu Component Limited. VE-12HSE5-K-HV-VD Datasheet HTML 7Page - Fujitsu Component Limited. VE-12HSE5-K-HV-VD Datasheet HTML 8Page - Fujitsu Component Limited.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
n
ORDERING INFORMATION
VE – 12 H M S E – K – HV – VD
[Example]
(a) (*) (b) (c) (d) (e) (f)(g)(h)(i)
n
FEATURES
l
UL,CSA,VDE,CQCrecognized
l
1formA(SPST-NO)or1formC(SPDT)contact
l
Lowcost,miniaturerelaywithbigperformanceinsmall
package
—Highersurgevoltagetypeisavailable(6,000V)
—2,000VACbetweencoilandcontacts
l
Slimtype—meetshighdensitymountingrequirement
l
Wideoperatingrange
l
Easycircuitdesignwithcompletelyseparatedterminal
arrangement(coilandcontactterminals)
l
Plasticsealedtype
l
RoHScompliantsincedatecode:0434R
Pleaseseepage8formoreinformation
l
Crepagemin.3.2mm
VE SERIES
POWER RELAY
1 POLE—5 A (MEDIUM LOAD CONTROL)
1
(a)
SeriesName
VE:VESeries
(b)
NominalVoltage
RefertotheCOILDATACHART
(c)
ContactRating
H :Heavydutytype
(d)
ContactArrangement
Nil:1formC(SPDT)
M :1formA(SPST-NO)
(e)
CoilType
Nil:Standardtype(360mW)
S :Highsensitivitytype(250mW)
(f)
ContactMaterial(Rating)
Nil:Goldoverlaysilver-nickel(N.C.:3A,N.O.:5A)
E :Silver-nickel(N.C.:3A,N.O.:5A)
5 :Silvercadmiumoxide(N.C.:5A,N.O.:5A)
(g)
Enclosure
K :Plasticsealedtype
(h)
SurgeStrength
Nil:Standardtype(4,000V)
HV:Highdielectricstrengthtype(6,000V)
(i)
Standard
VD:UL,CSA,VDEapprovedtype
Note:Actualmarkingomitsthehyphen(-)of(*)
RoHS compliant


Similar Part No. - VE-12HSE5-K-HV-VD

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
VE-12HSE-K FUJITSU-VE-12HSE-K Datasheet
318Kb / 7P
   1 POLE - 5A Medium Load Control
VE-12HSE-K-HV-VD FUJITSU-VE-12HSE-K-HV-VD Datasheet
127Kb / 6P
   POWER RELAY 1 POLE-5 A (MEDIUM LOAD CONTROL)
VE-12HSE-K-VD FUJITSU-VE-12HSE-K-VD Datasheet
127Kb / 6P
   POWER RELAY 1 POLE-5 A (MEDIUM LOAD CONTROL)
More results

Similar Description - VE-12HSE5-K-HV-VD

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
JV-12-KT FUJITSU-JV-12-KT Datasheet
404Kb / 7P
   POWER RELAY 1 POLE - 5 A (MEDIUM LOAD CONTROL)
VE-24H FUJITSU-VE-24H Datasheet
127Kb / 6P
   POWER RELAY 1 POLE-5 A (MEDIUM LOAD CONTROL)
JY-12HE-KP FUJITSU-JY-12HE-KP Datasheet
348Kb / 8P
   POWER RELAY 1 POLE-3, 5 A (MEDIUM LOAD CONTROL)
LZ-B12HMSE-KHV-UC FUJITSU-LZ-B12HMSE-KHV-UC Datasheet
424Kb / 10P
   POWER RELAY 1 POLE-1, 3, 5, 10 A(MEDIUM LOAD CONTROL)
FBR160 FUJITSU-FBR160 Datasheet
327Kb / 6P
   POWER RELAY 1 POLE-3, 5, 10 A (Medium Load Control)
VB-12SMBU-5 FUJITSU-VB-12SMBU-5 Datasheet
483Kb / 9P
   POWER RELAY 2 POLE-5 A (MEDIUM LOAD CONTROL)
JS-5M-K-V3 FUJITSU-JS-5M-K-V3 Datasheet
740Kb / 9P
   POWER RELAY 1 POLE-8 A (MEDIUM LOAD CONTROL)
logo
List of Unclassifed Man...
JV-KS ETC1-JV-KS Datasheet
1Mb / 7P
   POWER RELAY 1 POLE - 10A Medium Load Control
logo
Fujitsu Component Limit...
JS-24E-K FUJITSU-JS-24E-K Datasheet
527Kb / 7P
   POWER RELAY 1 POLE - 8A Medium Load Control
JS-12-KT FUJITSU-JS-12-KT Datasheet
618Kb / 8P
   POWER RELAY 1 POLE - 8A Medium Load Control
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com